Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRPLCFL5U Datasheet(PDF) 7 Page - International Rectifier

Part # IRPLCFL5U
Description  CFL Ballast for 26W/Spiral Lamp, 120VAC Input
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLCFL5U Datasheet(HTML) 7 Page - International Rectifier

Back Button IRPLCFL5U Datasheet HTML 3Page - International Rectifier IRPLCFL5U Datasheet HTML 4Page - International Rectifier IRPLCFL5U Datasheet HTML 5Page - International Rectifier IRPLCFL5U Datasheet HTML 6Page - International Rectifier IRPLCFL5U Datasheet HTML 7Page - International Rectifier IRPLCFL5U Datasheet HTML 8Page - International Rectifier IRPLCFL5U Datasheet HTML 9Page - International Rectifier IRPLCFL5U Datasheet HTML 10Page - International Rectifier IRPLCFL5U Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
IRPLCFL5U
www.irf.com
7
Figure 6.3 shows the VS (HB) Voltage, the lamp voltage and the lamp current during Run Mode.
Figure 6.3: VS (HB) Voltage (blue), Lamp Voltage (yellow) and the Lamp Current (green) during
Run Mode.
7. Fault Conditions
In case of fault conditions such as open filaments, failure to strike, deactivated lamp or no lamp, the
IR2520D will go into Fault Mode. In this mode the oscillator is latched off. To reset the IC back to
preheat mode, VCC must be recycled below and above the UVLO thresholds. This is done by
resetting the mains. In case of low AC line, the IR2520D will automatically increase the frequency to
maintain ZVS. In this way, the ballast will work at a lower power during a low AC line condition and
will operate at the proper power again when the line increases again.
7.1. Failure To Strike/ Deactivated Lamp Protection
This protection relies on the crest factor protection together with the non-ZVS circuit of the IR2520D,
both enabled when the voltage at the VCO pin reaches 4.6V.


Similar Part No. - IRPLCFL5U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPLCFL5E IRF-IRPLCFL5E Datasheet
255Kb / 15P
   CFL Ballast for 26W/Spiral Lamp, 220VAC Input
More results

Similar Description - IRPLCFL5U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPLCFL5E IRF-IRPLCFL5E Datasheet
255Kb / 15P
   CFL Ballast for 26W/Spiral Lamp, 220VAC Input
logo
STMicroelectronics
L6520 STMICROELECTRONICS-L6520 Datasheet
326Kb / 19P
   Highly integrated ballast controller for TL and CFL
L6520TR STMICROELECTRONICS-L6520TR Datasheet
326Kb / 19P
   Highly integrated ballast controller for TL and CFL
AN2590 STMICROELECTRONICS-AN2590 Datasheet
833Kb / 17P
   20 W dimmable CFL ballast solution
L6574 STMICROELECTRONICS-L6574 Datasheet
169Kb / 10P
   CFL/TL BALLAST DRIVER PREHEAT AND DIMMING
logo
International Rectifier
IRPLDIM4E IRF-IRPLDIM4E Datasheet
653Kb / 17P
   Miniature Dimmable 26W Ballast Using IRS2530D DIM8TM Control IC
logo
Fairchild Semiconductor
FAN7387V FAIRCHILD-FAN7387V Datasheet
2Mb / 12P
   Ballast Control IC for Compact Fluorescent Lamp
FAN7387V FAIRCHILD-FAN7387V_12 Datasheet
1,018Kb / 12P
   Ballast Control IC for Compact Fluorescent Lamp
logo
Texas Instruments
UC1872 TI-UC1872 Datasheet
190Kb / 7P
[Old version datasheet]   Resonant Lamp Ballast Controller
UC1872 TI1-UC1872_09 Datasheet
387Kb / 11P
[Old version datasheet]   Resonant Lamp Ballast Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com