Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STB30NM60ND Datasheet(PDF) 9 Page - STMicroelectronics

Part # STB30NM60ND
Description  N-channel 600 V, 0.11 廓, 25 A FDmesh??II Power MOSFET (with fast diode) TO-220, TO-220FP, D2PAK, I2PAK, TO-247
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB30NM60ND Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STB30NM60ND Datasheet HTML 5Page - STMicroelectronics STB30NM60ND Datasheet HTML 6Page - STMicroelectronics STB30NM60ND Datasheet HTML 7Page - STMicroelectronics STB30NM60ND Datasheet HTML 8Page - STMicroelectronics STB30NM60ND Datasheet HTML 9Page - STMicroelectronics STB30NM60ND Datasheet HTML 10Page - STMicroelectronics STB30NM60ND Datasheet HTML 11Page - STMicroelectronics STB30NM60ND Datasheet HTML 12Page - STMicroelectronics STB30NM60ND Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
STx30NM60ND
Test circuits
9/18
3
Test circuits
Figure 18. Switching times test circuit for
resistive load
Figure 19. Gate charge test circuit
Figure 20. Test circuit for inductive load
switching and diode recovery times
Figure 21. Unclamped Inductive load test
circuit
Figure 22. Unclamped inductive waveform
Figure 23. Switching time waveform


Similar Part No. - STB30NM60ND

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB30NM60ND STMICROELECTRONICS-STB30NM60ND Datasheet
289Kb / 15P
   N-channel 600V - 0.11廓 - 25A TO-220/FP/D2PAK/I2PAK/TO-247 FDmesh??II Power MOSFET (with fast diode)
More results

Similar Description - STB30NM60ND

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB15NM60ND STMICROELECTRONICS-STB15NM60ND Datasheet
600Kb / 19P
   N-channel 600 V - 0.27 廓 - 14 A - FDmesh??II Power MOSFET D2PAK, I2PAK, TO-220, TO-220FP, TO-247
STB25NM60ND STMICROELECTRONICS-STB25NM60ND Datasheet
530Kb / 18P
   N-channel 600 V - 0.13 廓 - 21 A FDmesh??II Power MOSFET D2PAK - I2PAK - TO-220FP - TO-220 - TO-247
STB21NM60ND STMICROELECTRONICS-STB21NM60ND_09 Datasheet
559Kb / 18P
   N-channel 600 V, 0.17 廓, 17 A FDmesh??II Power MOSFET D2PAK, I2PAK, TO-220FP, TO-220, TO-247
STX25NM60ND STMICROELECTRONICS-STX25NM60ND Datasheet
600Kb / 18P
   N-channel 600 V, 0.13 廓, 21 A FDmesh??II Power MOSFET D2PAK, I2PAK, TO-220FP, TO-220, TO-247
STP21NM60ND STMICROELECTRONICS-STP21NM60ND Datasheet
545Kb / 18P
   N-channel 600 V, 0.17 廓, 17 A FDmesh??II Power MOSFET D2PAK, I2PAK, TO-220FP, TO-220, TO-247
STF30NM60ND STMICROELECTRONICS-STF30NM60ND Datasheet
289Kb / 15P
   N-channel 600V - 0.11廓 - 25A TO-220/FP/D2PAK/I2PAK/TO-247 FDmesh??II Power MOSFET (with fast diode)
STX25NM50N STMICROELECTRONICS-STX25NM50N Datasheet
616Kb / 18P
   N-channel 500 V, 0.11 廓, 22 A MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, D2PAK, TO-247
STB30NM60N STMICROELECTRONICS-STB30NM60N_08 Datasheet
768Kb / 18P
   N-channel 600 V, 0.1 廓, 25 A, MDmesh??II Power MOSFET TO-220, TO-220FP, TO-247, D2PAK, I2PAK
STB25NM60NX STMICROELECTRONICS-STB25NM60NX Datasheet
578Kb / 18P
   N-channel 600 V, 0.130 廓 , 21 A, MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, D2PAK, TO-247
STX23NM60ND STMICROELECTRONICS-STX23NM60ND_10 Datasheet
820Kb / 18P
   N-channel 600 V, 0.150 廓, 19.5 A, FDmesh??II Power MOSFET (with fast diode) D짼PAK, I짼PAK, TO-220, TO-220FP, TO-247
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com