Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STU85N3LH5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STU85N3LH5
Description  N-channel 30 V, 0.0042 廓 , 80 A, DPAK, TO-220, IPAK STripFET??V Power MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU85N3LH5 Datasheet(HTML) 1 Page - STMicroelectronics

  STU85N3LH5 Datasheet HTML 1Page - STMicroelectronics STU85N3LH5 Datasheet HTML 2Page - STMicroelectronics STU85N3LH5 Datasheet HTML 3Page - STMicroelectronics STU85N3LH5 Datasheet HTML 4Page - STMicroelectronics STU85N3LH5 Datasheet HTML 5Page - STMicroelectronics STU85N3LH5 Datasheet HTML 6Page - STMicroelectronics STU85N3LH5 Datasheet HTML 7Page - STMicroelectronics STU85N3LH5 Datasheet HTML 8Page - STMicroelectronics STU85N3LH5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
July 2010
Doc ID 13833 Rev 7
1/16
16
STD85N3LH5
STP85N3LH5, STU85N3LH5
N-channel 30 V, 0.0042
Ω , 80 A, DPAK, TO-220, IPAK
STripFET™ V Power MOSFET
Features
RDS(on) * Qg industry benchmark
Extremely low on-resistance RDS(on)
High avalanche ruggedness
Low gate drive power losses
Application
Switching applications
Description
This product utilizes the 5th generation of design
rules of ST’s proprietary STripFETTM technology.
The lowest available RDS(on)*Qg, in the standard
packages, makes this device suitable for the most
demanding DC-DC converter applications, where
high power density is to be achieved.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on) max.
ID
STD85N3LH5
30 V
< 0.005
80 A
STP85N3LH5
STU85N3LH5
DPAK
1
3
3
2
1
IPAK
1
2
3
TO-220
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STD85N3LH5
85N3LH5
DPAK
Tape and reel
STP85N3LH5
TO-220
Tube
STU85N3LH5
IPAK
www.st.com


Similar Part No. - STU85N3LH5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STU85N3LH5 STMICROELECTRONICS-STU85N3LH5 Datasheet
376Kb / 16P
   N-channel 30 V, 0.0042 廓 , 80 A, DPAK, TO-220, IPAK STripFET??V Power MOSFET
logo
VBsemi Electronics Co.,...
STU85N3LH5 VBSEMI-STU85N3LH5 Datasheet
893Kb / 7P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - STU85N3LH5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD85N3LH5 STMICROELECTRONICS-STD85N3LH5 Datasheet
376Kb / 16P
   N-channel 30 V, 0.0042 廓 , 80 A, DPAK, TO-220, IPAK STripFET??V Power MOSFET
STD75N3LLH6 STMICROELECTRONICS-STD75N3LLH6 Datasheet
1Mb / 21P
   N-channel 30 V, 0.0042 廓, 75 A, DPAK, TO-220, IPAK, Short IPAK
STD95N2LH5 STMICROELECTRONICS-STD95N2LH5_10 Datasheet
619Kb / 17P
   N-channel 25 V, 0.0038 廓, 80 A, DPAK, IPAK, TO-220 STripFET??V Power MOSFET
STD60N3LH5 STMICROELECTRONICS-STD60N3LH5_09 Datasheet
391Kb / 16P
   N-channel 30 V, 0.0072 廓, 48 A DPAK, IPAK, TO-220 STripFET??V Power MOSFET
STB95N3LLH6 STMICROELECTRONICS-STB95N3LLH6 Datasheet
936Kb / 18P
   N-channel 30 V, 0.0037 廓 , 80 A, D2PAK, DPAK, IPAK, TO-220 STripFET VI DeepGATE Power MOSFET
STD95N2LH5 STMICROELECTRONICS-STD95N2LH5_08 Datasheet
351Kb / 15P
   N-channel 25 V, 0.0038 廓, 80 A - DPAK - IPAK STripFET??V Power MOSFET
STD95N2LH5 STMICROELECTRONICS-STD95N2LH5 Datasheet
342Kb / 15P
   N-channel 25 V - 0.0038 廓 - 80 A - DPAK - IPAK STripFET??V Power MOSFET
STD90N4F3 STMICROELECTRONICS-STD90N4F3_08 Datasheet
433Kb / 16P
   N-channel 40 V, 5.4 m廓, 80 A, DPAK, TO-220, IPAK, I2PAK STripFET??Power MOSFET
STD27N3LH5 STMICROELECTRONICS-STD27N3LH5 Datasheet
1,021Kb / 21P
   N-channel 30 V, 0.014, 27 A, DPAK, IPAK, TO-220 STripFET V Power MOSFET
STD60N3LH5 STMICROELECTRONICS-STD60N3LH5 Datasheet
344Kb / 15P
   N-channel 30 V, 0.0072 廓, 48 A - DPAK - IPAK STripFET??V Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com