Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CPH5602 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part No. CPH5602
Description  Ultrahigh-Speed Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

CPH5602 Datasheet(HTML) 2 Page - Sanyo Semicon Device

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
No.6368-2/4
CPH5602
Electrical Connection
Continued from preceding page.
G1
S
G2
D2
D1
Switching Time Test Circuit
PW=10
µs
D.C.
1%
4V
0V
VIN
P.G
50
G
S
ID=700mA
RL=14.3
VDD=10V
VOUT
CPH5602
VIN
D
0
0
0.2
0.4
0.6
1.2
1.0
1.4
2.0
1.8
1.6
0.2
0.8
0.4
0.6
0.8
1.0
0.1
0.3
0.5
0.7
0.9
ID -- VDS
VGS=1.5V
ID=400mA
700mA
8.0V
2.0V
2.5V
IT01074
6.0V
0
1
234
5
6
50
100
150
200
250
300
350
400
450
500
0
78
9
10
RDS(on) -- VGS
Ta=25
°C
IT01076
RDS(on) -- Ta
IT01077
ID=400mA,
VGS
=2.5V
ID=700mA,
VGS
=4.0V
--60
0
50
100
150
200
250
300
350
400
--40
--20
0
20
40
60
80
100
120
160
140
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
0.5
1.0
1.5
2.0
2.5
4.0
3.5
3.0
ID -- VGS
VDS=10V
IT01075
Drain-to-Source Voltage, VDS –V
Gate-to-Source Voltage, VGS –V
Gate-to-Source Voltage, VGS –V
Ambient Temperature, Ta – ˚C
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
m
i
T
y
a
l
e
D
N
O
-
n
r
u
Tt
)
n
o
(
d
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S0
1s
n
e
m
i
T
e
s
i
Rtr
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S0
2s
n
e
m
i
T
y
a
l
e
D
F
F
O
-
n
r
u
Tt
)
f
f
o
(
d
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S0
2s
n
e
m
i
T
ll
a
Ftf
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S0
2s
n
e
g
r
a
h
C
e
t
a
G
l
a
t
o
Tg
QV S
D
V
,
V
0
1
=
S
G
I
,
V
0
1
=
D
A
4
.
1
=6
C
n
e
g
r
a
h
C
e
c
r
u
o
S
-
o
t
-
e
t
a
Gs
g
QV S
D
V
,
V
0
1
=
S
G
I
,
V
0
1
=
D
A
4
.
1
=1
C
n
e
g
r
a
h
C
"
r
e
ll
i
M
"
n
i
a
r
D
-
o
t
-
e
t
a
Gd
g
QV S
D
V
,
V
0
1
=
S
G
I
,
V
0
1
=
D
A
4
.
1
=2
C
n
e
g
a
t
l
o
V
d
r
a
w
r
o
F
e
d
o
i
DV D
S
IS
V
,
A
4
.
1
=
S
G
0
=9
.
02
.
1V


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SJ417Ultrahigh-Speed Switching Applications 1 2 3 Sanyo Semicon Device
2SJ578Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
2SK2623Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
2SK3072Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
CPH3307Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
CPH5603Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
CPH6306Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
FW203Ultrahigh-Speed Switching Applications 1 2 3 Sanyo Semicon Device
FX606Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
MCH3302Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn