Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCI-4474 Datasheet(PDF) 2 Page - National Instruments Corporation

Part # PCI-4474
Description  24-Bit, 102.4 kS/s, 8 and 4-Channel Dynamic Signal Acquisition
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

PCI-4474 Datasheet(HTML) 2 Page - National Instruments Corporation

  PCI-4474 Datasheet HTML 1Page - National Instruments Corporation PCI-4474 Datasheet HTML 2Page - National Instruments Corporation PCI-4474 Datasheet HTML 3Page - National Instruments Corporation PCI-4474 Datasheet HTML 4Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
24-Bit, 102.4 kS/s, 8 and 4-Channel
Dynamic Signal Acquisition
2 National Instruments • Tel: (800) 433-3488 • Fax: (512) 683-9300 • info@ni.com • ni.com
antialiasing filters automatically adjust their cutoff frequency to
remove any frequency components above half the programmed
sampling rate. This advanced analog input design frees you from
adding additional external filters to prevent aliasing.
Multidevice Synchronization
For applications requiring high channel counts, you can synchronize
the operation of two or more NI 447x devices. Using the PXI star
trigger bus, you can send and receive timing signals between
PXI-447x modules. Synchronization is achieved by sharing a digital
trigger from one device and synchronizing all devices to the same
clock. The PXI star trigger bus, as defined by the PXI Specification,
ensures synchronization between modules with less than 1 ns of
skew, which enables a system to have 0.1 deg phase mismatch for a
1 kHz signal between any two channels across devices in the same
chassis. Low phase mismatch is critical in obtaining phase
information
from
cross-channel
measurements
in
many
applications. In the 18-slot PXI-1045 chassis, you can synchronize up
to 14 PXI-4472 modules to have up to 112 simultaneously sampled
analog inputs. Using the RTSI bus, two or more PCI-4472 or PCI-4474
boards can be synchronized as well.
Triggering
NI 447x devices have two trigger modes for acquiring signals.
Pretrigger mode digitizes signals before and after a trigger condition
occurs. Posttrigger mode digitizes signals after a trigger condition
occurs. The source of the trigger can come from any analog input
channel, the external digital trigger input, the PXI trigger bus or
RTSI bus, or through software. The external digital trigger is 5 V
TTL/CMOS-compatible and is activated by a choice of rising or falling
edge. Triggering is needed in applications such as those that acquire
transient signals. For example, when measuring transient vibrations
resulting from striking a mechanical structure with a hammer,
acquisition of accelerometer signals is triggered by hammer impact.
Calibration
The offset voltage and gain accuracy of the analog input are
calibrated by National Instruments. An onboard precision voltage
reference is used for internal calibration to ensure stable, accurate DC
specifications. NIST-traceable and ISO-9002-certified calibration
certificates are available online.
PXI/PCI Interface
NI 447x devices use the PCI mini-MITE to deliver full DMA bus-
master data transfer rates of 20 to 30 MB/s and burst rates up to
132 MB/s. A 1,024-sample, analog input FIFO prevents data loss if
DMA or interrupt service latency is long.
Measurement Services Software
NI 447x devices use NI-DAQmx as the hardware and operating
system interface. You can build automated test systems or integrate
an NI 447x with other hardware, including multifunction DAQ
products, through
NI-DAQ
function
calls
for
LabVIEW,
LabWindows/CVI, and Measurement Studio.
Because of bandwidth, NI 447x devices are well suited for
applications in audio and vibration analysis. These applications are
specifically addressed in the Sound and Vibration Toolkit and the
Order Analysis Toolkit for LabVIEW. Using these toolkits in
conjunction with NI 447x devices, you can produce power spectra,
frequency responses, fractional-octave analysis, sound-level
measurements, order spectra, order maps, and order extraction.
A typical setup for an environmental noise and vibration
measurement application would use one or more PXI-4472 modules,
a PXI chassis and controller, LabVIEW, and the Sound and
Vibration Toolkit.
Figure 2. In an 18-slot PXI chassis with 14 PXI-4472 modules, you can have up to
112 simultaneously sampled analog inputs.
Ordering Information
NI PCI-4472 ..................................................................778348-01
NI PCI-4472 with Sound and Vibration Toolkit ........778663-01
NI PCI-4474 ..................................................................778729-01
NI PCI-4474 with Sound and Vibration Toolkit ........778778-01
NI PXI-4472 ..................................................................778279-01
NI PXI-4472 with Sound and Vibration Toolkit ........778664-01
NI PXI-4472B ................................................................778279-02
NI PXI-4472B with Sound and Vibration Toolkit ......778664-02
Includes NI-DAQ software.
Accessories
SMB100, SMB female to BNC female
Qty 1 ..........................................................................763389-01
Qty 8 ..........................................................................778415-01
SMB110, SMB female to BNC male
Qty 1 ..........................................................................763405-01
Qty 8 ..........................................................................778414-01
BUY ONLINE!
For complete product specifications, pricing, and accessory
information, call (800) 813-3693 (U.S. only) or go to
ni.com/modularinstruments


Similar Part No. - PCI-4474

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
PCI-471LF PROTECHSYSTEMS-PCI-471LF Datasheet
326Kb / 2P
   PCI ULV Celeron M CPU Card
logo
VIGO Photonics S.A.
PCI-4TE VIGO-PCI-4TE Datasheet
774Kb / 2P
   1.0 – 16.0 μm HgCdTe four-stage thermoelectrically cooled, optically immersed photoconductive detectors
25/05/2022
PCI-4TE-10.6 VIGO-PCI-4TE-10.6 Datasheet
774Kb / 2P
   1.0 – 16.0 μm HgCdTe four-stage thermoelectrically cooled, optically immersed photoconductive detectors
25/05/2022
PCI-4TE-12 VIGO-PCI-4TE-12 Datasheet
774Kb / 2P
   1.0 – 16.0 μm HgCdTe four-stage thermoelectrically cooled, optically immersed photoconductive detectors
25/05/2022
PCI-4TE-13 VIGO-PCI-4TE-13 Datasheet
774Kb / 2P
   1.0 – 16.0 μm HgCdTe four-stage thermoelectrically cooled, optically immersed photoconductive detectors
25/05/2022
More results

Similar Description - PCI-4474

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
4461 NI-4461 Datasheet
754Kb / 6P
   24-Bit, 204.8 kS/s Dynamic Signal Acquisition and Generation
logo
Advantech Co., Ltd.
PCIE-1803 ADVANTECH-PCIE-1803 Datasheet
510Kb / 1P
   8-ch, 24-bit, 128 kS/s Dynamic Signal Acquisition PCI Express Card
13-Jan-2020
PCIE-1802 ADVANTECH-PCIE-1802 Datasheet
407Kb / 1P
   8-Ch, 24-Bit, 216 kS/s Dynamic Signal Acquisition PCI Express Card
7-Jan-2020
USB-5801 ADVANTECH-USB-5801 Datasheet
359Kb / 1P
   4-ch, 24-bit, 192 kS/s Dynamic Signal Acquisition USB 3.0 I/O Module
logo
List of Unclassifed Man...
USB-2405 ETC2-USB-2405 Datasheet
792Kb / 2P
   4-CH 24-Bit 128kS/s Dynamic Signal Acquisition USB 2.0 Module
logo
Adlink Technology Inc.
PCI-9527 ADLINK-PCI-9527 Datasheet
222Kb / 2P
   24-Bit High-Resolution Dynamic Signal Acquisition and Generation Modules
USB-2405 ADLINK-USB-2405 Datasheet
298Kb / 2P
   2 or 4-ch 24-bit 128kS/s Dynamic Signal Acquisition USB 2.0 Module
logo
National Instruments Co...
NI9234 NI-NI9234 Datasheet
380Kb / 10P
   4-Channel, 짹5 V, 51.2 kS/s per Channel, 24-Bit IEPE
NICF-6004 NI-NICF-6004 Datasheet
286Kb / 3P
   14-Bit, 200 kS/s Data Acquisition with PDAs
logo
Analog Devices
AD8401 AD-AD8401_15 Datasheet
228Kb / 12P
   8-Bit, 4-Channel Data Acquisition System
REV. 0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com