Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPH5601 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # CPH5601
Description  Ultrahigh-Speed Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

CPH5601 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  CPH5601 Datasheet HTML 1Page - Sanyo Semicon Device CPH5601 Datasheet HTML 2Page - Sanyo Semicon Device CPH5601 Datasheet HTML 3Page - Sanyo Semicon Device CPH5601 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
No.6439-2/4
CPH5601
Electrical Connection
Continued from preceding page.
G1
G2
D1
D2
S
(Top view)
Switching Time Test Circuit
PW=10
µs
D.C.
≤1%
0V
--4V
VIN
P.G
50
G
S
ID=--500mA
RL=20Ω
VDD=--10V
VOUT
CPH5601
VIN
D
0
0
--0.2
--0.4
--0.6
--1.2
--1.0
--1.4
--1.6
--0.2
--0.8
--0.4
--0.6
--0.8
--1.0
--0.1
--0.3
--0.5
--0.7
--0.9
ID -- VDS
VGS=--1.5V
--8.0V
--2.0V
--2.5V
--3.0V
IT00780
RDS(on) -- Ta
IT00783
I D=-
-0.3A,
V GS
=--2.5V
ID=-
-0.5A,
VGS
=--4.0V
--60
0
100
200
300
400
500
600
700
800
900
1000
0
100
200
300
400
500
600
700
800
900
1000
--40
--20
0
20
40
60
80
100
120
160
140
0
--0.5
--1.0
--1.5
--2.0
--2.5
--3.0
--3.5
--4.0
0
--0.5
--1.0
--1.5
--2.0
--2.5
--3.0
ID -- VGS
VDS=--10V
IT00781
0
--1
--2
--3
--4
--5
--6
--7
--8
--9
--10
RDS(on) -- VGS
Ta=25
°C
IT00782
ID=--0.3A
--0.5A
Drain-to-Source Voltage, VDS –V
Gate-to-Source Voltage, VGS –V
Gate-to-Source Voltage, VGS –V
Ambient Temperature, Ta –
°C
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
m
i
T
y
a
l
e
D
N
O
-
n
r
u
Tt
)
n
o
(
d
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S0
1s
n
e
m
i
T
e
s
i
Rtr
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S5
2s
n
e
m
i
T
y
a
l
e
D
F
F
O
-
n
r
u
Tt
)
f
f
o
(
d
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S7
2s
n
e
m
i
T
ll
a
Ftf
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S2
3s
n
e
g
r
a
h
C
e
t
a
G
l
a
t
o
Tg
QV S
D
V
,
V
0
1
=
S
G
I
,
V
0
1
=
D
A
0
.
1
=5
C
n
e
g
r
a
h
C
e
c
r
u
o
S
-
o
t
-
e
t
a
Gs
g
QV S
D
V
,
V
0
1
=
S
G
I
,
V
0
1
=
D
A
0
.
1
=1
C
n
e
g
r
a
h
C
"
r
e
ll
i
M
"
n
i
a
r
D
-
o
t
-
e
t
a
Gd
g
QV S
D
V
,
V
0
1
=
S
G
I
,
V
0
1
=
D
A
0
.
1
=1
C
n
e
g
a
t
l
o
V
d
r
a
w
r
o
F
e
d
o
i
DV D
S
IS
V
,
A
0
.
1
=
S
G
0
=9
.
0
–5
.
1
–V


Similar Part No. - CPH5601

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH5602 SANYO-CPH5602 Datasheet
42Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH5603 SANYO-CPH5603 Datasheet
42Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH5604 SANYO-CPH5604 Datasheet
42Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH5605 SANYO-CPH5605 Datasheet
60Kb / 6P
   Ultrahigh-Speed Switching Applications
CPH5606 SANYO-CPH5606 Datasheet
420Kb / 5P
   CPH5606
More results

Similar Description - CPH5601

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3304 SANYO-CPH3304 Datasheet
132Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3308 SANYO-CPH3308 Datasheet
28Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3407 SANYO-CPH3407 Datasheet
27Kb / 4P
   Ultrahigh-Speed Switching Applications
FW214 SANYO-FW214 Datasheet
46Kb / 3P
   Ultrahigh-Speed Switching Applications
FW313 SANYO-FW313 Datasheet
61Kb / 6P
   Ultrahigh-Speed Switching Applications
2SK2631 SANYO-2SK2631 Datasheet
30Kb / 5P
   Ultrahigh-Speed Switching Applications
2SK1459 SANYO-2SK1459 Datasheet
100Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ339 SANYO-2SJ339 Datasheet
40Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ417 SANYO-2SJ417 Datasheet
89Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ459 SANYO-2SJ459 Datasheet
32Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ485 SANYO-2SJ485 Datasheet
43Kb / 4P
   Ultrahigh-Speed Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com