Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDP7N50F Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FDP7N50F
Description  N-Channel MOSFET, FRFET 500V, 6A, 1.15OHM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP7N50F Datasheet(HTML) 7 Page - Fairchild Semiconductor

  FDP7N50F Datasheet HTML 1Page - Fairchild Semiconductor FDP7N50F Datasheet HTML 2Page - Fairchild Semiconductor FDP7N50F Datasheet HTML 3Page - Fairchild Semiconductor FDP7N50F Datasheet HTML 4Page - Fairchild Semiconductor FDP7N50F Datasheet HTML 5Page - Fairchild Semiconductor FDP7N50F Datasheet HTML 6Page - Fairchild Semiconductor FDP7N50F Datasheet HTML 7Page - Fairchild Semiconductor FDP7N50F Datasheet HTML 8Page - Fairchild Semiconductor FDP7N50F Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
FDP7N50F / FDPF7N50F Rev. A
www.fairchildsemi.com
7
Mechanical Dimensions
4.50
±0.20
9.90
±0.20
1.52
±0.10
0.80
±0.10
2.40
±0.20
10.00
±0.20
1.27
±0.10
ø3.60
±0.10
(8.70)
1.30
+0.10
–0.05
0.50
+0.10
–0.05
2.54TYP
[2.54
±0.20]
2.54TYP
[2.54
±0.20]
TO-220


Similar Part No. - FDP7N50F

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDP7N50F ISC-FDP7N50F Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDP7N50F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDH45N50F FAIRCHILD-FDH45N50F Datasheet
1Mb / 7P
   500V N-Channel MOSFET, FRFET
FDH45N50F FAIRCHILD-FDH45N50F_08 Datasheet
1Mb / 7P
   500V N-Channel MOSFET, FRFET
FDH45N50F_0605 FAIRCHILD-FDH45N50F_0605 Datasheet
1Mb / 7P
   500V N-Channel MOSFET, FRFET
logo
Unisonic Technologies
6N50_1106 UTC-6N50_1106 Datasheet
172Kb / 6P
   6A, 500V N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
FDD5N50F FAIRCHILD-FDD5N50F Datasheet
641Kb / 8P
   N-Channel MOSFET, FRFET 500V, 3.5A, 1.55廓
FDB12N50U FAIRCHILD-FDB12N50U Datasheet
638Kb / 8P
   N-Channel MOSFET, FRFET 500V, 10A, 0.8廓
FDB12N50U FAIRCHILD-FDB12N50U_12 Datasheet
354Kb / 8P
   N-Channel MOSFET, FRFET 500V, 10A, 0.8廓
FDP20N50F FAIRCHILD-FDP20N50F Datasheet
820Kb / 10P
   N-Channel MOSFET, FRFET 500V, 20A, 0.26廓
FDP5N50U FAIRCHILD-FDP5N50U_12 Datasheet
392Kb / 10P
   N-Channel MOSFET, FRFET 500V, 4A, 2.0廓
FDL100N50F FAIRCHILD-FDL100N50F Datasheet
725Kb / 8P
   N-Channel MOSFET,FRFET 500V, 100A, 0.055廓
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com