Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STB60N55F3 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STB60N55F3
Description  N-channel 55 V, 6.5 m廓, 80 A, DPAK, IPAK, D2PAK, I2PAK, TO-220 TO-220FP STripFET??III Power MOSFET
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB60N55F3 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STB60N55F3 Datasheet HTML 5Page - STMicroelectronics STB60N55F3 Datasheet HTML 6Page - STMicroelectronics STB60N55F3 Datasheet HTML 7Page - STMicroelectronics STB60N55F3 Datasheet HTML 8Page - STMicroelectronics STB60N55F3 Datasheet HTML 9Page - STMicroelectronics STB60N55F3 Datasheet HTML 10Page - STMicroelectronics STB60N55F3 Datasheet HTML 11Page - STMicroelectronics STB60N55F3 Datasheet HTML 12Page - STMicroelectronics STB60N55F3 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
STx60N55F3
Test circuits
Doc ID 13242 Rev 4
9/20
3
Test circuits
Figure 15.
Switching times test circuit for
resistive load
Figure 16.
Gate charge test circuit
Figure 17.
Test circuit for inductive load
switching and diode recovery times
Figure 18.
Unclamped inductive load test
circuit
Figure 19.
Unclamped inductive waveform
Figure 20.
Switching time waveform


Similar Part No. - STB60N55F3

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STB60N03-TR VBSEMI-STB60N03-TR Datasheet
1Mb / 10P
   N-Channel 30 V (D-S) 175 째C MOSFET
logo
STMicroelectronics
STB60N03L-10 STMICROELECTRONICS-STB60N03L-10 Datasheet
87Kb / 6P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
logo
VBsemi Electronics Co.,...
STB60N03L-10 VBSEMI-STB60N03L-10 Datasheet
1Mb / 10P
   N-Channel 30 V (D-S) 175 째C MOSFET
logo
STMicroelectronics
STB60N06-14 STMICROELECTRONICS-STB60N06-14 Datasheet
87Kb / 6P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
logo
VBsemi Electronics Co.,...
STB60N06-14 VBSEMI-STB60N06-14 Datasheet
985Kb / 8P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - STB60N55F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD90N4F3 STMICROELECTRONICS-STD90N4F3_09 Datasheet
808Kb / 16P
   N-channel 40 V, 5.0 m廓, 80 A, DPAK, TO-220, IPAK, I2PAK STripFET??III Power MOSFET
STD90N4F3 STMICROELECTRONICS-STD90N4F3_08 Datasheet
433Kb / 16P
   N-channel 40 V, 5.4 m廓, 80 A, DPAK, TO-220, IPAK, I2PAK STripFET??Power MOSFET
STB85NF55 STMICROELECTRONICS-STB85NF55_09 Datasheet
951Kb / 15P
   N-channel 55 V, 0.0062 廓, 80 A, TO-220, D2PAK, I2PAK STripFET??II Power MOSFET
STB4NK60Z STMICROELECTRONICS-STB4NK60Z_08 Datasheet
578Kb / 20P
   N-channel 600 V - 1.76 廓 - 4 A SuperMESH??Power MOSFET DPAK - D2PAK - IPAK - I2PAK - TO-220 - TO-220FP
STD4NK60ZT4 STMICROELECTRONICS-STD4NK60ZT4 Datasheet
970Kb / 28P
   N-channel 600 V, 1.76 廓, 4 A SuperMESH??Power MOSFET in DPAK, D2PAK, IPAK, I2PAK, TO-220, TO-220FP
STX11NM60N STMICROELECTRONICS-STX11NM60N Datasheet
641Kb / 20P
   N-channel 600 V, 0.37 廓, 10 A MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, IPAK, DPAK, D2PAK
STD7NM80 STMICROELECTRONICS-STD7NM80 Datasheet
977Kb / 17P
   N-channel 800 V, 0.95 廓, 6.5 A TO-220, TO-220FP, IPAK, DPAK MDmesh??Power MOSFET
STB95N3LLH6 STMICROELECTRONICS-STB95N3LLH6 Datasheet
936Kb / 18P
   N-channel 30 V, 0.0037 廓 , 80 A, D2PAK, DPAK, IPAK, TO-220 STripFET VI DeepGATE Power MOSFET
STD11NM60N-1 STMICROELECTRONICS-STD11NM60N-1_08 Datasheet
623Kb / 21P
   N-channel 600 V - 0.37 廓 - 10 A - TO-220 - TO-220FP- I2PAK - IPAK DPAK - D2PAK second generation MDmesh??Power MOSFET
STB80NF55-08T4 STMICROELECTRONICS-STB80NF55-08T4 Datasheet
368Kb / 15P
   N-channel 55 V, 0.0065 廓, 80 A, TO-220, D2PAK, TO-247 STripFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com