Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGA25N120ANTD Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FGA25N120ANTD
Description  1200V NPT Trench IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGA25N120ANTD Datasheet(HTML) 8 Page - Fairchild Semiconductor

  FGA25N120ANTD_07 Datasheet HTML 1Page - Fairchild Semiconductor FGA25N120ANTD_07 Datasheet HTML 2Page - Fairchild Semiconductor FGA25N120ANTD_07 Datasheet HTML 3Page - Fairchild Semiconductor FGA25N120ANTD_07 Datasheet HTML 4Page - Fairchild Semiconductor FGA25N120ANTD_07 Datasheet HTML 5Page - Fairchild Semiconductor FGA25N120ANTD_07 Datasheet HTML 6Page - Fairchild Semiconductor FGA25N120ANTD_07 Datasheet HTML 7Page - Fairchild Semiconductor FGA25N120ANTD_07 Datasheet HTML 8Page - Fairchild Semiconductor FGA25N120ANTD_07 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
9
www.fairchildsemi.com
FGA25N120ANTD /FGA25N!20ANTD_F109 Rev. B2
Mechanical Dimensions (continued)
TO-3PN
Dimensions in Millimeters


Similar Part No. - FGA25N120ANTD_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGA25N120ANTDTU FAIRCHILD-FGA25N120ANTDTU Datasheet
786Kb / 9P
   1200 V, 25 A NPT Trench IGBT
logo
ON Semiconductor
FGA25N120ANTDTU ONSEMI-FGA25N120ANTDTU Datasheet
1Mb / 9P
   1200 V, 25 A NPT Trench IGBT
October-2017,Rev.3
FGA25N120ANTDTU-F109 ONSEMI-FGA25N120ANTDTU-F109 Datasheet
1Mb / 9P
   1200 V, 25 A NPT Trench IGBT
October-2017,Rev.3
More results

Similar Description - FGA25N120ANTD_07

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UG25N120 UTC-UG25N120 Datasheet
144Kb / 4P
   1200V NPT TRENCH IGBT
logo
SemiHow Co.,Ltd.
HIH25N120TN SEMIHOW-HIH25N120TN Datasheet
870Kb / 8P
   1200V NPT Trench IGBT
logo
Fairchild Semiconductor
FGA15N120ANTD FAIRCHILD-FGA15N120ANTD_07 Datasheet
938Kb / 10P
   1200V NPT Trench IGBT
FGA15N120ANTD FAIRCHILD-FGA15N120ANTD_1 Datasheet
2Mb / 10P
   1200V NPT Trench IGBT
FGA15N120ANTD FAIRCHILD-FGA15N120ANTD Datasheet
843Kb / 9P
   1200V NPT Trench IGBT
FGA25N120ANTD FAIRCHILD-FGA25N120ANTD Datasheet
867Kb / 9P
   1200V NPT Trench IGBT
FGA25N12ANTD FAIRCHILD-FGA25N12ANTD Datasheet
861Kb / 9P
   1200V NPT Trench IGBT
logo
Wuxi NCE Power Semicond...
NCE25GD120P NCEPOWER-NCE25GD120P Datasheet
328Kb / 8P
   1200V, 25A, Trench NPT IGBT
NCE15GD120T NCEPOWER-NCE15GD120T Datasheet
237Kb / 8P
   1200V, 15A, Trench NPT IGBT
NCE25G120T NCEPOWER-NCE25G120T Datasheet
433Kb / 8P
   1200V, 25A, Trench NPT IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com