Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STGB19NC60HDT4 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STGB19NC60HDT4
Description  19 A - 600 V - very fast IGBT
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGB19NC60HDT4 Datasheet(HTML) 3 Page - STMicroelectronics

  STGB19NC60HDT4 Datasheet HTML 1Page - STMicroelectronics STGB19NC60HDT4 Datasheet HTML 2Page - STMicroelectronics STGB19NC60HDT4 Datasheet HTML 3Page - STMicroelectronics STGB19NC60HDT4 Datasheet HTML 4Page - STMicroelectronics STGB19NC60HDT4 Datasheet HTML 5Page - STMicroelectronics STGB19NC60HDT4 Datasheet HTML 6Page - STMicroelectronics STGB19NC60HDT4 Datasheet HTML 7Page - STMicroelectronics STGB19NC60HDT4 Datasheet HTML 8Page - STMicroelectronics STGB19NC60HDT4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
STGB19NC60HD, STGF19NC60HD, STGP19NC60HD, STGW19NC60HD
Electrical ratings
Doc ID 12819 Rev 6
3/17
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220
D²PAK
TO-220FP
TO-247
VCES
Collector-emitter voltage (VGE = 0)
600
V
IC
(1)
1.
Calculated according to the iterative formula:
Collector current (continuous) at
TC = 25 °C
40
16
42
A
IC
(1)
Collector current (continuous) at
TC = 100 °C
19
10
21
A
ICL
(2)
2.
Vclamp=80%VCES, TJ= 150 °C, RG =1 0 Ω, VGE = 15 V
Turn-off latching current
40
A
ICP
(3)
3.
Pulse width limited by maximum permissible junction temperature and turn-off within RBSOA
Pulsed collector current
60
A
IF
Diode RMS forward current at
TC = 25 °C
20
A
IFSM
Surge not repetitive forward current
tp=10 ms sinusoidal
50
A
VGE
Gate-emitter voltage
±20
V
PTOT
Total dissipation at TC = 25 °C
130
32
140
W
VISO
Isolation withstand voltage (RMS)
from all three leads to external heat
sink (t = 1 s; TC = 25 °C)
2500
V
Tj
Operating junction temperature
– 55 to 150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
TO-220
D²PAK
TO-220FP
TO-247
Rthj-case
Thermal resistance junction-case
IGBT
0.95
3.9
0.9
°C/W
Thermal resistance junction-case
diode
35.5
3
°C/W
Rthj-amb
Thermal resistance junction-
ambient
62.5
50
°C/W
I
C TC
()
T
jmax
()
T
C
R
thj
c
V
CE sat
() max
() Tjmax
() IC TC
()
,
()
×
-------------------------------------------------------------------------------------------------------
=


Similar Part No. - STGB19NC60HDT4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB19NC60HDT4 STMICROELECTRONICS-STGB19NC60HDT4 Datasheet
511Kb / 18P
   19 A - 600 V - very fast IGBT
More results

Similar Description - STGB19NC60HDT4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB19NC60HD STMICROELECTRONICS-STGB19NC60HD Datasheet
511Kb / 18P
   19 A - 600 V - very fast IGBT
STGB19NC60H STMICROELECTRONICS-STGB19NC60H Datasheet
663Kb / 15P
   19 A - 600 V - very fast IGBT
September 2009 Rev 4
STGP19NC60H STMICROELECTRONICS-STGP19NC60H Datasheet
318Kb / 14P
   19 A - 600 V - very fast IGBT
STGB19NC60HD_0810 STMICROELECTRONICS-STGB19NC60HD_0810 Datasheet
524Kb / 18P
   19 A - 600 V - very fast IGBTE[
STGB10NC60HD STMICROELECTRONICS-STGB10NC60HD_08 Datasheet
774Kb / 19P
   600 V - 10 A - very fast IGBT
STGB20NC60V STMICROELECTRONICS-STGB20NC60V Datasheet
407Kb / 16P
   30 A - 600 V - very fast IGBT
STGB10NC60HD STMICROELECTRONICS-STGB10NC60HD_V01 Datasheet
771Kb / 19P
   600 V - 10 A - very fast IGBT
Rev 5 December 2008
STGW45NC60VD STMICROELECTRONICS-STGW45NC60VD Datasheet
370Kb / 15P
   45 A - 600 V - very fast IGBT
STGW39NC60VD STMICROELECTRONICS-STGW39NC60VD_08 Datasheet
391Kb / 15P
   40 A - 600 V - very fast IGBT
STGFW30NC60V STMICROELECTRONICS-STGFW30NC60V Datasheet
763Kb / 13P
   30 A - 600 V - very fast IGBT
April 2012 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com