Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD1117S12TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # LD1117S12TR
Description  Adjustable and fixed low drop positive voltage regulator
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1117S12TR Datasheet(HTML) 1 Page - STMicroelectronics

  LD1117S12TR Datasheet HTML 1Page - STMicroelectronics LD1117S12TR Datasheet HTML 2Page - STMicroelectronics LD1117S12TR Datasheet HTML 3Page - STMicroelectronics LD1117S12TR Datasheet HTML 4Page - STMicroelectronics LD1117S12TR Datasheet HTML 5Page - STMicroelectronics LD1117S12TR Datasheet HTML 6Page - STMicroelectronics LD1117S12TR Datasheet HTML 7Page - STMicroelectronics LD1117S12TR Datasheet HTML 8Page - STMicroelectronics LD1117S12TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
March 2010
Doc ID 2572 Rev 28
1/42
42
LD1117xx
Adjustable and fixed low drop positive voltage regulator
Features
Low dropout voltage (1 V typ.)
2.85 V device performances are suitable for
SCSI-2 active termination
Output current up to 800 mA
Fixed output voltage of: 1.2 V, 1.8 V, 2.5 V,
3.0 V, 3.3 V, 5.0 V
Adjustable version availability (Vref = 1.25 V)
Internal current and thermal limit
Available in ± 1% (at 25 °C) and 2% in full
temperature range
Supply voltage rejection: 75 dB (typ.)
Description
The LD1117 is a low drop voltage regulator able
to provide up to 800 mA of output current,
available even in adjustable version (VREF = 1.25
V). Concerning fixed versions, are offered the
following output voltages: 1.2 V, 1.8 V, 2.5 V, 2.85
V, 3.0 V, 3.3 V and 5.0 V. The 2.85 V type is ideal
for SCSI-2 lines active termination. The device is
supplied in: SOT-223, DPAK, SO-8 and TO-220.
The SOT-223 and DPAK surface mount packages
optimize the thermal characteristics even offering
a relevant space saving effect.
High efficiency is assured by NPN pass transistor.
In fact in this case, unlike than PNP one, the
quiescent current flows mostly into the load. Only
a very common 10 µF minimum capacitor is
needed for stability. On chip trimming allows the
regulator to reach a very tight output voltage
tolerance, within ± 1% at 25°C. The adjustable
LD1117 is pin to pin compatible with the other
standard. Adjustable voltage regulators
maintaining the better performances in terms of
drop and tolerance.
DPAK
SO-8
TO-220
SOT-223
Table 1.
Device summary
Part numbers
LD1117XX12
LD1117XX25C
LD1117XX50C
LD1117XX12C
LD1117XX30
LD1117XX
LD1117XX18
LD1117XX33
LD1117XXC
LD1117XX18C
LD1117XX33C
LD1117XX25
LD1117XX50
www.st.com


Similar Part No. - LD1117S12TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD1117S12TR STMICROELECTRONICS-LD1117S12TR Datasheet
473Kb / 38P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
More results

Similar Description - LD1117S12TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD1117DT12CTR STMICROELECTRONICS-LD1117DT12CTR Datasheet
1Mb / 44P
   Adjustable and fixed low drop positive voltage regulator
logo
First Silicon Co., Ltd
FR1117P FS-FR1117P Datasheet
401Kb / 6P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATOR
2012. 07. 20 Revision No : 7
logo
STMicroelectronics
LD1117V-DG STMICROELECTRONICS-LD1117V-DG Datasheet
1Mb / 44P
   Adjustable and fixed low drop positive voltage regulator
LD1084 STMICROELECTRONICS-LD1084 Datasheet
563Kb / 18P
   5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
KD1084 STMICROELECTRONICS-KD1084 Datasheet
358Kb / 18P
   5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
KD1083 STMICROELECTRONICS-KD1083 Datasheet
476Kb / 11P
   7.5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
LD1085C STMICROELECTRONICS-LD1085C Datasheet
370Kb / 15P
   3A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
KD1084 STMICROELECTRONICS-KD1084_07 Datasheet
349Kb / 22P
   5A Low drop positive voltage regulator adjustable and fixed
LD1085 STMICROELECTRONICS-LD1085_07 Datasheet
509Kb / 27P
   3A Low drop positive voltage regulator adjustable and fixed
LD1086XX STMICROELECTRONICS-LD1086XX Datasheet
584Kb / 37P
   1.5A Low drop positive voltage regulator adjustable and fixed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com