Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16999 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX16999
Description  Ultra-Low Output Voltage, Low-Quiescent-Current Linear Regulator for High-Temperature Applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16999 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX16999 Datasheet HTML 2Page - Maxim Integrated Products MAX16999 Datasheet HTML 3Page - Maxim Integrated Products MAX16999 Datasheet HTML 4Page - Maxim Integrated Products MAX16999 Datasheet HTML 5Page - Maxim Integrated Products MAX16999 Datasheet HTML 6Page - Maxim Integrated Products MAX16999 Datasheet HTML 7Page - Maxim Integrated Products MAX16999 Datasheet HTML 8Page - Maxim Integrated Products MAX16999 Datasheet HTML 9Page - Maxim Integrated Products MAX16999 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Detailed Description
The MAX16999 is a low-quiescent-current linear regula-
tor designed for applications requiring high reliability,
such as automotive applications. This device can supply
loads up to 100mA and is available in factory-preset out-
put voltages from 0.5V to 3.3V (see the
Selector Guide).
As illustrated in Figure 1, the MAX16999 linear regulator
consists of a reference, an error amplifier, a p-channel
MOSFET pass transistor, and an internal feedback volt-
age-divider. A power-on reset section signals if the out-
put voltage has come out of regulation. The reset signal
timeout is defined by the charging time of an external
capacitor attached to CRES.
To increase system reliability, the MAX16999 features a
POR reset timeout along with overcurrent and overtem-
perature protection. A power-on reset timeout guaran-
tees startup even with a faulty timing capacitor.
Parameters are guaranteed up to +125°C junction tem-
perature. The EN signal is latched in its last state even
if the signal line becomes disconnected.
Logic-Controlled Enable
The MAX16999 provides a logic-enable input (EN). For
normal operation drive EN to logic-high. When EN is
driven high, the linear regulator starts to regulate by
increasing the output voltage up to the preset value. To
disable the device, drive EN low to set OUT to high
impedance—this enables a pulldown current from
CRES to discharge the capacitor. Once the device is
disabled, the input supply current reduces to less than
0.3µA. The EN input is latched into its last state by a
120kΩ internal resistor. To change state, the latch
needs to be overridden. When EN is low, the RESET
output is high impedance.
POR Timer
Once the output voltage rises above the threshold VRES,
two internal timers are simultaneously activated. The
reset timer is realized by means of a pullup current
ICRES,UP that charges the capacitor connected to CRES.
As soon as the voltage on CRES rises above the thresh-
old of 600mV (typ), RESET goes high impedance.
The internal reset timer is set by the value of the exter-
nal capacitance (CCRES). Calculate the reset time
using the following formula:
where CCRES is in Farads and the delay to GND is
given in seconds.
The second timer is an internal fault timer and ensures
the regulator does not stay off indefinitely because of a
fault on CRES such as a short. The fault timer runs for a
maximum of 100ms. A logic block monitors both inter-
nal timers to determine the shortest timeout. If the first
timeout is the fault timer, the pullup current is switched
off in order to avoid unnecessary current consumption
and a resistive pulldown is also activated. If
tPOR_DELAY exceeds 100ms (typ) the fault timer defines
the timeout behavior.
Current Limit
Once the output voltage reaches regulation, the output
current is limited to 150mA (typ). If the output current
exceeds the current limit, the output voltage begins to
decrease.
Thermal-Overload Protection
Thermal-overload protection limits total power dissipa-
tion in the MAX16999. When the junction temperature
exceeds +165°C, a thermal sensor turns off the pass
transistor, allowing the IC to cool. The thermal sensor
turns the pass transistor on again after the junction tem-
perature cools by 15°C, resulting in a pulsed output
during continuous thermal-overload conditions.
Thermal-overload protection safeguards the MAX16999
in the event of fault conditions. For continuous opera-
tion, do not exceed the absolute maximum junction-
temperature rating of +150°C. Table 1 lists maximum
DC output currents (milliamps) that are allowed for
operation at TA = +125°C without causing thermal shut-
down of the MAX16999.
tC
x
x
V
A
POR DELAY
CRES
_
=
60
103
Ultra-Low Output Voltage, Low-Quiescent-Current
Linear Regulator for High-Temperature Applications
8
_______________________________________________________________________________________


Similar Part No. - MAX16999

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16990 MAXIM-MAX16990 Datasheet
1Mb / 19P
   Boost/SEPIC Controllers
Rev 3; 7/13
MAX16990 MAXIM-MAX16990 Datasheet
462Kb / 10P
   3V to 36V, 10A DC power supply
Rev 0; 9/13
MAX16990ATCC MAXIM-MAX16990ATCC Datasheet
1Mb / 21P
   36V, 2.5MHz Automotive Boost SEPIC Controllers
Rev 6; 8/15
MAX16990ATCC/V++ MAXIM-MAX16990ATCC/V+ Datasheet
1Mb / 21P
   36V, 2.5MHz Automotive Boost/ SEPIC Controllers
2021
MAX16990ATCD MAXIM-MAX16990ATCD Datasheet
1Mb / 21P
   36V, 2.5MHz Automotive Boost SEPIC Controllers
Rev 6; 8/15
More results

Similar Description - MAX16999

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLS805B1SJV INFINEON-TLS805B1SJV_15 Datasheet
1Mb / 22P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-05
TLS810C1EJV33 INFINEON-TLS810C1EJV33_15 Datasheet
2Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-11
TLS805D1LDV50 INFINEON-TLS805D1LDV50 Datasheet
1Mb / 29P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2016-03-18
TLS805B1LDV INFINEON-TLS805B1LDV Datasheet
1Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2, 2016-01-11
TLS805B1LDV50 INFINEON-TLS805B1LDV50 Datasheet
770Kb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.10, 2016-04-20
TLS810B1 INFINEON-TLS810B1 Datasheet
1Mb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-11-02
TLS805B1LDV33 INFINEON-TLS805B1LDV33 Datasheet
998Kb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.1 2016-12-20
TLS810A1LDV33 INFINEON-TLS810A1LDV33 Datasheet
947Kb / 21P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.1 2016-12-20
TLS810B1EJV50 INFINEON-TLS810B1EJV50 Datasheet
1Mb / 25P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2 2016-12-20
TLS810A1LDV50 INFINEON-TLS810A1LDV50 Datasheet
1Mb / 22P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2016-03-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com