Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4560BP39A0180 Datasheet(PDF) 2 Page - Johanson Technology Inc.

Part # 4560BP39A0180
Description  4.56 GHz Band Pass Filter (UWB High Rejection BPF)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

4560BP39A0180 Datasheet(HTML) 2 Page - Johanson Technology Inc.

  4560BP39A0180 Datasheet HTML 1Page - Johanson Technology Inc. 4560BP39A0180 Datasheet HTML 2Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Preliminary
4.56 GHz Band Pass Filter (UWB High Rejection BPF)
P/N 4560BP39A0180
Detail Specification: 06/17/08
Page 2 of 2
Typical Electrical Performance (T=25°C)
Johanson Technology, Inc. reserves the right to make design changes without notice.
All sales are subject to Johanson Technology, Inc. terms and conditions.
www.johansontechnology.com
4001 Calle Tecate • Camarillo, CA 93012 • TEL 805.389.1166 FAX 805.389.1821
2007 Johanson Technology, Inc. All Rights Reserved
)
)
)
)
)
)
)
)
)
)
)
)
)
)
)
)
)
)
)
)
)
)
))
)
)
)
))
)
)
)
))
))
)
)
)
))
)))
)
))
))
)
)
Frequency (MHz)
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
2000
2600
3200
3800
4400
5000
5600
6200
6800
7400
8000
Simulated Return Loss
Simulated Insertion Loss
2b
v
2a
v
6
v
1
v
5b
v
5a
v
4b
v
4a
v
3
v
-19.023 dB
6) 5150 MHz
b) -2.969 dB
a) -18.792 dB
5) 4650 MHz
b) -2.864 dB
a) -20.822 dB
4) 4470 MHz
-19.084 dB
3) 4020 MHz
b) -19.084 dB
a) -1.357 dB
2) 4020 MHz
-48.289 dB
1) 2540 MHz
High Frequency Ceramic Solutions


Similar Part No. - 4560BP39A0180

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4560 ETC2-4560 Datasheet
1Mb / 16P
   Drywall Punch
logo
Heyco.
4560 HEYCO-4560 Datasheet
267Kb / 1P
   Heyco®-Tite Brass Liquid Tight Cordgrips
logo
Gilway Technical Lamp
4560-1 GILWAY-4560-1 Datasheet
56Kb / 1P
   T- Lens-End Lamps, T-1 Lens-End Lamps
4560-12A GILWAY-4560-12A Datasheet
56Kb / 1P
   T- Lens-End Lamps, T-1 Lens-End Lamps
logo
RAF ELECTRONIC HARDWARE
4560-632-S RAF-4560-632-S Datasheet
82Kb / 1P
   1/4 HEX MALE FEMALE STANDOFFS
More results

Similar Description - 4560BP39A0180

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
4020BP39A0160 JOHANSON-4020BP39A0160 Datasheet
126Kb / 2P
   4.02 GHz Band Pass Filter (UWB High Rejection BPF)
3480BP39A0140 JOHANSON-3480BP39A0140 Datasheet
125Kb / 2P
   3.48 GHz Band Pass Filter (UWB High Rejection BPF)
6120BP39A0240 JOHANSON-6120BP39A0240 Datasheet
127Kb / 2P
   6.12 GHz Band Pass Filter (UWB High Rejection BPF)
5130BP18U4060 JOHANSON-5130BP18U4060 Datasheet
130Kb / 2P
   UWB (3.1 - 7.16 GHz) Band Pass Filter
logo
TDK Electronics
DEA453960BT-3002B1 TDK-DEA453960BT-3002B1 Datasheet
57Kb / 3P
   TDK/Band Pass Filter for UWB
logo
Johanson Technology Inc...
5697CR45A0360 JOHANSON-5697CR45A0360 Datasheet
186Kb / 5P
   5.67GHz High Rejection UNII-High, Band Pass Filter
5235CR45A0180 JOHANSON-5235CR45A0180 Datasheet
198Kb / 5P
   5.24GHz High Rejection UNII-low Band Pass Filter
2593BP44B186E JOHANSON-2593BP44B186E Datasheet
89Kb / 2P
   2.6 GHz Band Pass Filter
5515BP15C725E JOHANSON-5515BP15C725E Datasheet
112Kb / 2P
   5.5 GHz Band Pass Filter
2150BP39A0100 JOHANSON-2150BP39A0100 Datasheet
251Kb / 2P
   2.15 GHz Band Pass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com