Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16805 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX16805
Description  EEPROM-Programmable, High-Voltage, 350mA LED Drivers with LED Current Foldback
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16805 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX16805_07 Datasheet HTML 1Page - Maxim Integrated Products MAX16805_07 Datasheet HTML 2Page - Maxim Integrated Products MAX16805_07 Datasheet HTML 3Page - Maxim Integrated Products MAX16805_07 Datasheet HTML 4Page - Maxim Integrated Products MAX16805_07 Datasheet HTML 5Page - Maxim Integrated Products MAX16805_07 Datasheet HTML 6Page - Maxim Integrated Products MAX16805_07 Datasheet HTML 7Page - Maxim Integrated Products MAX16805_07 Datasheet HTML 8Page - Maxim Integrated Products MAX16805_07 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
EEPROM-Programmable, High-Voltage, 350mA
LED Drivers with LED Current Foldback
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Regulated VSENSE
Programming Range
VSENSE(MIN)
99.4
103
106.6
Maximum Regulated VSENSE
Programming Range
VSENSE(MAX)
192
198
204
mV
Regulated VSENSE Default
Voltage
VSENSE(DEF)
Binning Adjustment register at factory
default (0x0F)
198
mV
EXTERNAL PWM DIMMING INPUT
DIM Input Current
0.5
µA
Turn-On Time
tON
After DIM rising to 4V (Note 4)
28
52
µs
Turn-Off Time
tOFF
After DIM falling to 0.6V (Note 4)
19
38
µs
THERMAL FOLDBACK (MAX16806 with MAX6613)
Maximum Thermal Foldback
Knee Point Programming Range
TFKNEE(MAX)
326
335
354
Minimum Thermal Foldback Knee
Point Programming Range
TFKNEE(MIN)
1143
1174
1213
mV
Minimum Thermal Foldback
Temperature Programming Range
TF(MIN)
+60
Maximum Thermal Foldback
Temperature Programming Range
TF(MAX)
+135
°C
Thermal Foldback Default
Threshold Temperature
VTH
Thermal Foldback Knee Point register at
factory default (0x00)
+60
°C
Thermal Foldback Default
Threshold Voltage
TFVTH
1.174
V
Minimum Thermal Foldback SlopeTFSL(MIN)
3.88
4
4.12
V/V
Maximum Thermal Foldback SlopeTFSL(MAX)
15.52
16
16.48
V/V
Thermal Foldback Default Slope
Thermal Foldback Slope Gain register at
factory default (0x03)
4
V/V
I
2C interface active
-0.3
V5
TFP/SCL (SCL for MAX16805)
Voltage Compliance Range
VTFP
Remote thermal sensor active
+0.3
V5
V
TFN/SDA (SDA for MAX16805)
Voltage Compliance Range
VTFN
-0.3
V5
V
Minimum Thermal Foldback
Clamp Current Reduction Range
TFC(MIN)
+25
oC
≤ TA ≤ +125oC40
%
ELECTRICAL CHARACTERISTICS (continued)
(VIN = VEN = 12V, CV5 = 0.1µF, IV5 = 0, CS- = GND, RSENSE = 0.56Ω, VDIM = 4V, DGND = GND, TFP/SCL = 5V, TFN/SDA = 0V,
SW = CFD = Open, TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)


Similar Part No. - MAX16805_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16805ATP MAXIM-MAX16805ATP Datasheet
876Kb / 19P
   EEPROM-Programmable, High-Voltage, 350mA LED Drivers with LED Current Foldback
Rev 0; 8/06
More results

Similar Description - MAX16805_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16805 MAXIM-MAX16805 Datasheet
876Kb / 19P
   EEPROM-Programmable, High-Voltage, 350mA LED Drivers with LED Current Foldback
Rev 0; 8/06
logo
Silicon Touch Technolog...
DM413 SITI-DM413 Datasheet
305Kb / 18P
   3-CHANNEL CONSTANT CURRENT LED DRIVERS WITH PROGRAMMABLE PWM OUTPUTS
logo
Maxim Integrated Produc...
MAX16833 MAXIM-MAX16833 Datasheet
1Mb / 22P
   High-Voltage HB LED Drivers with Integrated High-Side Current Sense
Rev 0; 6/10
MAX16833 MAXIM-MAX16833_V01 Datasheet
923Kb / 25P
   High-Voltage HB LED Drivers with Integrated High-Side Current Sense
2017
MAX16833 MAXIM-MAX16833_11 Datasheet
1Mb / 22P
   High-Voltage HB LED Drivers with Integrated High-Side Current Sense
Rev 3; 7/11
MAX16800 MAXIM-MAX16800 Datasheet
200Kb / 9P
   High-Voltage, 350mA, Adgustable Linear High-Brightness LED (HB LED) Driver
Rev 0; 8/05
MAX16800 MAXIM-MAX16800_09 Datasheet
182Kb / 8P
   High-Voltage, 350mA, Adjustable Linear High-Brightness LED (HB LED) Driver
Rev 1; 4/09
logo
International Rectifier
IRPLLED1 IRF-IRPLLED1 Datasheet
671Kb / 30P
   350mA to 1.5A High Voltage LED Driver using
logo
Maxim Integrated Produc...
MAX16835 MAXIM-MAX16835_12 Datasheet
198Kb / 8P
   High-Voltage, 350mA, Adjustable Linear High-Brightness LED Driver
Rev 2; 10/12
logo
PAIRUI GROUP INC.
LPU-200C PAIRUI-LPU-200C Datasheet
973Kb / 8P
   Constant current LED Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com