Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16805 Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX16805
Description  EEPROM-Programmable, High-Voltage, 350mA LED Drivers with LED Current Foldback
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16805 Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX16805_07 Datasheet HTML 11Page - Maxim Integrated Products MAX16805_07 Datasheet HTML 12Page - Maxim Integrated Products MAX16805_07 Datasheet HTML 13Page - Maxim Integrated Products MAX16805_07 Datasheet HTML 14Page - Maxim Integrated Products MAX16805_07 Datasheet HTML 15Page - Maxim Integrated Products MAX16805_07 Datasheet HTML 16Page - Maxim Integrated Products MAX16805_07 Datasheet HTML 17Page - Maxim Integrated Products MAX16805_07 Datasheet HTML 18Page - Maxim Integrated Products MAX16805_07 Datasheet HTML 19Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
EEPROM-Programmable, High-Voltage, 350mA
LED Drivers with LED Current Foldback
______________________________________________________________________________________
15
Thermal Foldback Knee Point (TFK)
Register (0x03), MAX16806
The TFK register is a 4-bit register that sets the thermal
knee. Only the first 4 bits of the data byte program the
TFK register. The remaining 4 bits are ignored (see Table
6). The MAX16806 initiates dimming once the differential
voltage between TFP/SCL and TFN/SDA drops below the
programmed thermal foldback knee. The factory-default
register value is 1.174V, which corresponds to the
MAX6613 thermal sensor output to +60°C.
Thermal Foldback Slope Gain Register
(0x04), MAX16806
Thermal Foldback Slope Gain register is a 2-bit register
that sets the gain after the thermal foldback knee. Only
the first 2 bits of the data byte program the Thermal
Foldback Slope Gain register. The remaining 6 bits are
ignored (see Table 7). The factory-default register value
is 4V/V.
THERMAL FOLDBACK
KNEE POINT (°C)
(MAX6613)
THERMAL FOLDBACK
KNEE POINT (mV)
BIT 3
BIT 2
BIT 1
BIT 0
HEX
60
1174
0
0
0
0
(0x00)
65
1118
0
0
0
1
(0x01)
70
1062
0
0
1
0
(0x02)
75
1006
0
0
1
1
(0x03)
80
950
0
1
0
0
(0x04)
85
894
0
1
0
1
(0x05)
90
838
0
1
1
0
(0x06)
96
782
0
1
1
1
(0x07)
101
726
1
0
0
0
(0x08)
106
670
1
0
0
1
(0x09)
111
615
1
0
1
0
(0x0A)
116
559
1
0
1
1
(0x0B)
121
503
1
1
0
0
(0x0C)
126
447
1
1
0
1
(0x0D)
131
391
1
1
1
0
(0x0E)
136
335
1
1
1
1
(0x0F)
Table 6. Thermal Foldback Knee
THERMAL FOLDBACK
SLOPE GAIN (V/V)
BIT 1
BIT 0
HEX
16
0
0
(0x00)
12
0
1
(0x01)
8
1
0
(0x02)
4
1
1
(0x03)
Table 7. Thermal Foldback Slope Gain


Similar Part No. - MAX16805_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16805ATP MAXIM-MAX16805ATP Datasheet
876Kb / 19P
   EEPROM-Programmable, High-Voltage, 350mA LED Drivers with LED Current Foldback
Rev 0; 8/06
More results

Similar Description - MAX16805_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16805 MAXIM-MAX16805 Datasheet
876Kb / 19P
   EEPROM-Programmable, High-Voltage, 350mA LED Drivers with LED Current Foldback
Rev 0; 8/06
logo
Silicon Touch Technolog...
DM413 SITI-DM413 Datasheet
305Kb / 18P
   3-CHANNEL CONSTANT CURRENT LED DRIVERS WITH PROGRAMMABLE PWM OUTPUTS
logo
Maxim Integrated Produc...
MAX16833 MAXIM-MAX16833 Datasheet
1Mb / 22P
   High-Voltage HB LED Drivers with Integrated High-Side Current Sense
Rev 0; 6/10
MAX16833 MAXIM-MAX16833_V01 Datasheet
923Kb / 25P
   High-Voltage HB LED Drivers with Integrated High-Side Current Sense
2017
MAX16833 MAXIM-MAX16833_11 Datasheet
1Mb / 22P
   High-Voltage HB LED Drivers with Integrated High-Side Current Sense
Rev 3; 7/11
MAX16800 MAXIM-MAX16800 Datasheet
200Kb / 9P
   High-Voltage, 350mA, Adgustable Linear High-Brightness LED (HB LED) Driver
Rev 0; 8/05
MAX16800 MAXIM-MAX16800_09 Datasheet
182Kb / 8P
   High-Voltage, 350mA, Adjustable Linear High-Brightness LED (HB LED) Driver
Rev 1; 4/09
logo
International Rectifier
IRPLLED1 IRF-IRPLLED1 Datasheet
671Kb / 30P
   350mA to 1.5A High Voltage LED Driver using
logo
Maxim Integrated Produc...
MAX16835 MAXIM-MAX16835_12 Datasheet
198Kb / 8P
   High-Voltage, 350mA, Adjustable Linear High-Brightness LED Driver
Rev 2; 10/12
logo
PAIRUI GROUP INC.
LPU-200C PAIRUI-LPU-200C Datasheet
973Kb / 8P
   Constant current LED Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com