Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17024ETD Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX17024ETD
Description  Single Quick-PWM Step-Down Controller with Dynamic REFIN
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17024ETD Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX17024ETD Datasheet HTML 7Page - Maxim Integrated Products MAX17024ETD Datasheet HTML 8Page - Maxim Integrated Products MAX17024ETD Datasheet HTML 9Page - Maxim Integrated Products MAX17024ETD Datasheet HTML 10Page - Maxim Integrated Products MAX17024ETD Datasheet HTML 11Page - Maxim Integrated Products MAX17024ETD Datasheet HTML 12Page - Maxim Integrated Products MAX17024ETD Datasheet HTML 13Page - Maxim Integrated Products MAX17024ETD Datasheet HTML 14Page - Maxim Integrated Products MAX17024ETD Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Single Quick-PWM Step-Down
Controller with Dynamic REFIN
______________________________________________________________________________________
11
DYNAMIC OUTPUT
TRANSITION DETECTION
BST
LX
ONE-SHOT
TRIG
Q
tOFF(MIN)
ON-TIME
COMPUTE
OUT
TON
ERROR
AMPLIFIER
EA + 0.3V
ONE-SHOT
TRIG
Q
tON
ZERO CROSSING
FB
EA
PGOOD
EN
PGOOD
AND FAULT
PROTECTION
EA - 0.2V
BLANK
REFIN
VALLEY CURRENT LIMIT
GND
CS
S
R
Q
S
R
Q
DH
IN
SOFT-
START/STOP
DL
VCC
VDD
2V
REF
INTEGRATOR
(CCV)
REF
MAX17024
Figure 2. MAX17024 Functional Block Diagram
+5V Bias Supply (VCC/VDD)
The MAX17024 requires an external 5V bias supply in
addition to the battery. Typically, this 5V bias supply is
the notebook’s main 95% efficient 5V system supply.
Keeping the bias supply external to the IC improves
efficiency and eliminates the cost associated with the
5V linear regulator that would otherwise be needed to
supply the PWM circuit and gate drivers. If stand-alone
capability is needed, the 5V supply can be generated
with an external linear regulator, such as the MAX1615.
The 5V bias supply powers both the PWM controller
and internal gate drive, so the maximum current drawn
is determined by:
IBIAS = IQ + fSWQG = 2mA to 20mA (typ)
The MAX17024 includes a 20
Ω resistor between VDD
and VCC, simplifying the PCB layout request.
Free-Running Constant-On-Time PWM
Controller with Input Feed-Forward
The Quick-PWM control architecture is a pseudo-fixed-
frequency, constant on-time, current-mode regulator
with voltage feed-forward (Figure 2). This architecture
relies on the output filter capacitor’s ESR to act as a cur-
rent-sense resistor, so the output ripple voltage provides
the PWM ramp signal. The control algorithm is simple:
the high-side switch on-time is determined solely by a


Similar Part No. - MAX17024ETD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17020 MAXIM-MAX17020 Datasheet
636Kb / 34P
   Dual Quick-PWM Step-Down Controller with Low-Power LDO, RTC Regulator
2; 2/09
MAX17020ETJ++ MAXIM-MAX17020ETJ+ Datasheet
636Kb / 34P
   Dual Quick-PWM Step-Down Controller with Low-Power LDO, RTC Regulator
2; 2/09
MAX17021 MAXIM-MAX17021 Datasheet
884Kb / 48P
   Dual-Phase, Quick-PWM Controllers for IMVP-6/IMVP-6.5 CPU Core Power Supplies
Rev 2; 7/09
MAX17021 MAXIM-MAX17021 Datasheet
1Mb / 15P
   High Speed, Accuracy, and Efficiency
Rev 0; 3/09
MAX17021EVKIT MAXIM-MAX17021EVKIT Datasheet
1Mb / 15P
   High Speed, Accuracy, and Efficiency
Rev 0; 3/09
More results

Similar Description - MAX17024ETD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8792 MAXIM-MAX8792 Datasheet
454Kb / 29P
   Single Quick-PWM Step-Down Controller with Dynamic REFIN
Rev 0; 1/07
MAX17016 MAXIM-MAX17016 Datasheet
1Mb / 27P
   Single Quick-PWM Step-Down Controller with Internal 26V MOSFETs
19-2771; Rev 1; 4/17
MAX1992 MAXIM-MAX1992_05 Datasheet
643Kb / 36P
   Quick-PWM Step-Down Controllers
Rev 1; 9/05
MAX1992 MAXIM-MAX1992 Datasheet
543Kb / 36P
   Quick-PWM Step-Down Controllers with Inductor Saturation Protection and Dynamic Output Voltages
Rev 0; 10/02
MAX17101 MAXIM-MAX17101 Datasheet
648Kb / 31P
   Dual Quick-PWM, Step-Down Controller with Low-Power LDO, RTC Regulator
Rev 1; 2/09
MAX17020 MAXIM-MAX17020 Datasheet
636Kb / 34P
   Dual Quick-PWM Step-Down Controller with Low-Power LDO, RTC Regulator
2; 2/09
logo
Analog Intergrations Co...
AIC1401 AIC-AIC1401 Datasheet
91Kb / 5P
   PWM Step-Down Switching Controller with Shutdown
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
   Synchronous Step-down PWM Controller
June 4, 2015
logo
Exar Corporation
SP6123 EXAR-SP6123 Datasheet
155Kb / 18P
   Synchronous Step-Down PWM Controller
logo
Intersil Corporation
ISL8117A INTERSIL-ISL8117A Datasheet
915Kb / 23P
   Synchronous Step-Down PWM Controller
August 31, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com