Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG212D Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DG212D
Description  Quad SPST CMOS Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG212D Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DG212D Datasheet HTML 2Page - Maxim Integrated Products DG212D Datasheet HTML 3Page - Maxim Integrated Products DG212D Datasheet HTML 4Page - Maxim Integrated Products DG212D Datasheet HTML 5Page - Maxim Integrated Products DG212D Datasheet HTML 6Page - Maxim Integrated Products DG212D Datasheet HTML 7Page - Maxim Integrated Products DG212D Datasheet HTML 8Page - Maxim Integrated Products DG212D Datasheet HTML 9Page - Maxim Integrated Products DG212D Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Quad SPST CMOS Analog Switches
6
_______________________________________________________________________________________
RDS(ON) AT ANALOG SIGNAL LEVEL
POWER SUPPLIES
-5V
+5V
-10V
+10V
-15V
+15V
±5V
350
380
————
±10V
165
250
——
±15V
125
160
135
155
Typical RDS(ON) vs. Power Supplies for Maxim’s DG202, and DG212
this current is required to be kept to low (µA) levels
then the addition of external protection diodes is rec-
ommended.
To provide protection for overvoltages up to 20V above
the supplies, a 1N4001 or 1N914 type diode should be
placed in series with the positive and negative supplies
as shown in Figure 2. The addition of these diodes will
reduce the analog signal range to 1V below the posi-
tive supply and 1V above the negative supply.
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
DG202
DG212
IN4001
-15V
IN4001
+15V
Figure 2. Protection against Fault Conditions
VO
VO
tOFF1
tOFF
tOFF2
VS = +2V
RL
1k
D1
S1
IN1
CL
35pF
V-
VO
50%
3V
0
VS
0
V+
GND
0.9
0.1
0.9
VO
LOGIC
INPUT
SWITCH
INPUT
SWITCH
OUTPUT
tr < 20ns
tf < 20ns
LOGIC 1 SW ON
SWITCH
INPUT
VO = VS
LOGIC
INPUT
0V
-15V
+15V
(REPEAT TEST FOR IN2, IN3, AND IN4)
SWITCH
OUTPUT
RL
RL + rDS(ON)
TOP VIEW
16
15
14
13
5
1
2
3
4
12
11
10
9
67
8
S1
V-
GND
S4
S2
V+
N.C.
S3
D1
IN1
IN2
D2
D4
IN4
IN3
D3
DG202
DG212
TQFN*
*EP
*EXPOSED PAD. CONNECT EXPOSED PAD TO V+
OR LEAVE EXPOSED PAD UNCONNECTED.
Pin Configurations (continued)
Figure 1. Switching Time


Similar Part No. - DG212D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG212 INTERSIL-DG212 Datasheet
100Kb / 7P
   SPST 4-Channel Analog Switches
June 1999
logo
Vishay Siliconix
DG212B VISHAY-DG212B Datasheet
177Kb / 13P
   Improved Quad CMOS Analog Switches
Rev. J, 07-Feb-11
DG212B VISHAY-DG212B Datasheet
239Kb / 14P
   Improved Quad CMOS Analog Switches
08-Feb-17
DG212BDJ VISHAY-DG212BDJ Datasheet
92Kb / 8P
   Improved Quad CMOS Analog Switches
Rev. H, 24-Apr-00
DG212BDJ VISHAY-DG212BDJ Datasheet
177Kb / 13P
   Improved Quad CMOS Analog Switches
Rev. J, 07-Feb-11
More results

Similar Description - DG212D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
   Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
   CMOS QUAD SPST ANALOG SWITCHES
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
   Quad SPST CMOS Analog Switches
Rev. J, 30-May-11
DG444 VISHAY-DG444_11 Datasheet
172Kb / 12P
   Quad SPST CMOS Analog Switches
Rev. G, 23-May-11
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. F, 06-Sep-99
DG441 VISHAY-DG441 Datasheet
150Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. I, 25-Jun-07
logo
Intersil Corporation
DG201A INTERSIL-DG201A Datasheet
71Kb / 7P
   Quad SPST, CMOS Analog Switches
June 1999
logo
Vishay Siliconix
DG441 VISHAY-DG441_V01 Datasheet
218Kb / 12P
   Quad SPST CMOS Analog Switches
08-Feb-17
logo
Maxim Integrated Produc...
DG201202 MAXIM-DG201202 Datasheet
27Kb / 4P
   QUAD SPST CMOS ANALOG SWITCHES
19-0041Rev. C
logo
Intersil Corporation
DG201A INTERSIL-DG201A_01 Datasheet
230Kb / 7P
   Quad SPST, CMOS Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com