Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DQ965GF Datasheet(PDF) 90 Page - Intel Corporation

Part # DQ965GF
Description  Technical Product Specification
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DQ965GF Datasheet(HTML) 90 Page - Intel Corporation

Back Button DQ965GF Datasheet HTML 86Page - Intel Corporation DQ965GF Datasheet HTML 87Page - Intel Corporation DQ965GF Datasheet HTML 88Page - Intel Corporation DQ965GF Datasheet HTML 89Page - Intel Corporation DQ965GF Datasheet HTML 90Page - Intel Corporation DQ965GF Datasheet HTML 91Page - Intel Corporation DQ965GF Datasheet HTML 92Page - Intel Corporation DQ965GF Datasheet HTML 93Page - Intel Corporation DQ965GF Datasheet HTML 94Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 104 page
background image
Intel Desktop Board DQ965GF Technical Product Specification
90
Table 45. Port 80h POST Codes (continued)
POST Code
Description of POST Operation
Keyboard (PS2 or USB)
90
Resetting keyboard
91
Disabling keyboard
92
Detecting presence of keyboard
93
Enabling the keyboard
94
Clearing keyboard input buffer
95
Instructing keyboard controller to run Self Test (PS2 only)
Mouse (PS2 or USB)
98
Resetting mouse
99
Disabling mouse
9A
Detecting presence of mouse
9B
Enabling mouse
Fixed Media
B0
Resetting fixed media
B1
Disabling fixed media
B2
Detecting presence of a fixed media (IDE hard drive detection etc.)
B3
Enabling/configuring a fixed media
Removable media
B8
Resetting removable media
B9
Disabling removable media
BA
Detecting presence of a removable media (IDE, CD-ROM detection, etc.)
BC
Enabling/configuring a removable media
BDS
Dy
Trying boot selection y (y=0 to 15)
PEI Core
E0
Started dispatching PEIMs (emitted on first report of EFI_SW_PC_INIT_BEGIN
EFI_SW_PEI_PC_HANDOFF_TO_NEXT)
E2
Permanent memory found
E1, E3
Reserved for PEI/PEIMs
DXE Core
E4
Entered DXE phase
E5
Started dispatching drivers
E6
Started connecting drivers
continued


Similar Part No. - DQ965GF

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
DQ965CO INTEL-DQ965CO Datasheet
1Mb / 102P
   Technical Product Specification
More results

Similar Description - DQ965GF

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
E15155-006 INTEL-E15155-006 Datasheet
2Mb / 52P
   Technical Product Specification
DG33BU INTEL-DG33BU Datasheet
3Mb / 84P
   Technical Product Specification
DG43NB INTEL-DG43NB Datasheet
2Mb / 88P
   Technical Product Specification
DG45FC INTEL-DG45FC Datasheet
2Mb / 88P
   Technical Product Specification
DP43TF INTEL-DP43TF Datasheet
2Mb / 86P
   Technical Product Specification
DX58SO INTEL-DX58SO Datasheet
3Mb / 88P
   Technical Product Specification
D201GLY INTEL-D201GLY Datasheet
3Mb / 76P
   Technical Product Specification
D945GCPE INTEL-D945GCPE Datasheet
3Mb / 80P
   Technical Product Specification
D945GPM INTEL-D945GPM Datasheet
1Mb / 94P
   Technical Product Specification
S2600GZ INTEL-S2600GZ Datasheet
5Mb / 246P
   Technical Product Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com