Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DQ965GF Datasheet(PDF) 74 Page - Intel Corporation

Part # DQ965GF
Description  Technical Product Specification
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DQ965GF Datasheet(HTML) 74 Page - Intel Corporation

Back Button DQ965GF Datasheet HTML 70Page - Intel Corporation DQ965GF Datasheet HTML 71Page - Intel Corporation DQ965GF Datasheet HTML 72Page - Intel Corporation DQ965GF Datasheet HTML 73Page - Intel Corporation DQ965GF Datasheet HTML 74Page - Intel Corporation DQ965GF Datasheet HTML 75Page - Intel Corporation DQ965GF Datasheet HTML 76Page - Intel Corporation DQ965GF Datasheet HTML 77Page - Intel Corporation DQ965GF Datasheet HTML 78Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 104 page
background image
Intel Desktop Board DQ965GF Technical Product Specification
74
2.10.3
Add-in Board Considerations
The board is designed to provide 2 A (average) of +5 V current for each add-in board.
The total +5 V current draw for add-in boards for a fully loaded board (all three
expansion slots and the PCI Express x16 connector filled) must not exceed 8 A.
2.10.4
Power Supply Considerations
CAUTION
The +5 V standby line from the power supply must be capable of providing adequate
+5 V standby current. Failure to do so can damage the power supply. The total
amount of standby current required depends on the wake devices supported and
manufacturing options.
System integrators should refer to the power usage values listed in Table 33 when
selecting a power supply for use with the board.
Additional power required will depend on configurations chosen by the integrator.
The power supply must comply with the indicated parameters of the ATX form factor
specification.
The potential relation between 3.3 VDC and +5 VDC power rails
The current capability of the +5 VSB line
All timing parameters
All voltage tolerances


Similar Part No. - DQ965GF

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
DQ965CO INTEL-DQ965CO Datasheet
1Mb / 102P
   Technical Product Specification
More results

Similar Description - DQ965GF

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
E15155-006 INTEL-E15155-006 Datasheet
2Mb / 52P
   Technical Product Specification
DG33BU INTEL-DG33BU Datasheet
3Mb / 84P
   Technical Product Specification
DG43NB INTEL-DG43NB Datasheet
2Mb / 88P
   Technical Product Specification
DG45FC INTEL-DG45FC Datasheet
2Mb / 88P
   Technical Product Specification
DP43TF INTEL-DP43TF Datasheet
2Mb / 86P
   Technical Product Specification
DX58SO INTEL-DX58SO Datasheet
3Mb / 88P
   Technical Product Specification
D201GLY INTEL-D201GLY Datasheet
3Mb / 76P
   Technical Product Specification
D945GCPE INTEL-D945GCPE Datasheet
3Mb / 80P
   Technical Product Specification
D945GPM INTEL-D945GPM Datasheet
1Mb / 94P
   Technical Product Specification
S2600GZ INTEL-S2600GZ Datasheet
5Mb / 246P
   Technical Product Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com