Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D56026-001US Datasheet(PDF) 10 Page - Intel Corporation

Part # D56026-001US
Description  Technical Product Specification
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

D56026-001US Datasheet(HTML) 10 Page - Intel Corporation

Back Button D56026-001US Datasheet HTML 6Page - Intel Corporation D56026-001US Datasheet HTML 7Page - Intel Corporation D56026-001US Datasheet HTML 8Page - Intel Corporation D56026-001US Datasheet HTML 9Page - Intel Corporation D56026-001US Datasheet HTML 10Page - Intel Corporation D56026-001US Datasheet HTML 11Page - Intel Corporation D56026-001US Datasheet HTML 12Page - Intel Corporation D56026-001US Datasheet HTML 13Page - Intel Corporation D56026-001US Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 88 page
background image
Intel Desktop Board D946GZTS Technical Product Specification
10
1.1
Overview
1.1.1
Feature Summary
Table 1 summarizes the major features of the Desktop Board D946GZTS.
Table 1. Feature Summary
Form Factor
microBTX Form Factor (10.40 inches by 10.50 inches [264.16 millimeters by
266.70 millimeters])
Processor
Support for the following:
• Intel® Core™2 Duo processor in an LGA775 socket with a 1066 or 800 MHz
system bus
• Intel® Pentium® D processor in an LGA775 socket with an 800 or 533 MHz
system bus
• Intel® Pentium® 4 processor in an LGA775 socket with an 800 or 533 MHz
system bus
• Intel® Celeron® D processor in an LGA775 socket with a 533 MHz system bus
Memory
• Two 240-pin DDR2 SDRAM Dual Inline Memory Module (DIMM) sockets
• Support for DDR2 667 or DDR2 533 MHz DIMMs
• Support for up to 4 GB of system memory
Chipset
Intel® 946GZ Express Chipset, consisting of:
• Intel® 82946GZ Graphics and Memory Controller Hub (GMCH)
• Intel® 82801GB I/O Controller Hub (ICH7)
Video
Intel® GMA 3000 onboard graphics subsystem
Audio
6-channel (5.1) audio subsystem using the ADI1988A (or SigmaTel* STAC9227)
audio codec
Legacy I/O
Control
Legacy I/O controller for diskette drive, serial, parallel, and PS/2* ports
USB
Support for USB 2.0 devices
Peripheral
Interfaces
• Eight USB ports
• Four Serial ATA IDE interfaces
• One Parallel ATA IDE interface with UDMA 33, ATA-66/100 support
• One diskette drive interface
• One serial port
• One parallel port
LAN Support
10/100 Mbits/sec LAN subsystem using the Intel® 82562G Platform LAN Connect
(PLC) device
BIOS
• Intel® BIOS (resident in the SPI Flash device)
• Support for Advanced Configuration and Power Interface (ACPI), Plug and Play,
and SMBIOS
Instantly
Available PC
Technology
• Support for PCI Local Bus Specification Revision 2.3
• Support for PCI Express* Revision 1.0a
• Suspend to RAM support
• Wake on PCI, RS-232, front panel, PS/2 devices, and USB ports
continued


Similar Part No. - D56026-001US

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
D56021-001US INTEL-D56021-001US Datasheet
2Mb / 104P
   Technical Product Specification
logo
Vishay Siliconix
D56025U2JH6 VISHAY-D56025U2JH6 Datasheet
123Kb / 9P
   Ceramic Singlelayer DC Disc Capacitors For General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
Revision: 09-May-14
D56025U2JH6 VISHAY-D56025U2JH6 Datasheet
123Kb / 9P
   Ceramic Singlelayer DC Disc Capacitors For General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
Revision: 09-May-14
More results

Similar Description - D56026-001US

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
E15155-006 INTEL-E15155-006 Datasheet
2Mb / 52P
   Technical Product Specification
DG33BU INTEL-DG33BU Datasheet
3Mb / 84P
   Technical Product Specification
DG43NB INTEL-DG43NB Datasheet
2Mb / 88P
   Technical Product Specification
DG45FC INTEL-DG45FC Datasheet
2Mb / 88P
   Technical Product Specification
DP43TF INTEL-DP43TF Datasheet
2Mb / 86P
   Technical Product Specification
DX58SO INTEL-DX58SO Datasheet
3Mb / 88P
   Technical Product Specification
D201GLY INTEL-D201GLY Datasheet
3Mb / 76P
   Technical Product Specification
D945GCPE INTEL-D945GCPE Datasheet
3Mb / 80P
   Technical Product Specification
D945GPM INTEL-D945GPM Datasheet
1Mb / 94P
   Technical Product Specification
DQ965GF INTEL-DQ965GF Datasheet
2Mb / 104P
   Technical Product Specification
S2600GZ INTEL-S2600GZ Datasheet
5Mb / 246P
   Technical Product Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com