Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D945GPM Datasheet(PDF) 50 Page - Intel Corporation

Part # D945GPM
Description  Technical Product Specification
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

D945GPM Datasheet(HTML) 50 Page - Intel Corporation

Back Button D945GPM Datasheet HTML 46Page - Intel Corporation D945GPM Datasheet HTML 47Page - Intel Corporation D945GPM Datasheet HTML 48Page - Intel Corporation D945GPM Datasheet HTML 49Page - Intel Corporation D945GPM Datasheet HTML 50Page - Intel Corporation D945GPM Datasheet HTML 51Page - Intel Corporation D945GPM Datasheet HTML 52Page - Intel Corporation D945GPM Datasheet HTML 53Page - Intel Corporation D945GPM Datasheet HTML 54Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 94 page
background image
Intel Desktop Board D945GPM Technical Product Specification
50
2.3 Fixed I/O Map
Table 12.
I/O Map
Address (hex)
Size
Description
0000 - 00FF
256 bytes
Used by the Desktop Board D945GPM. Refer to the
ICH7DH data sheet for dynamic addressing information.
0170 - 0177
8 bytes
Secondary Parallel ATA IDE channel command block
01F0 - 01F7
8 bytes
Primary Parallel ATA IDE channel command block
0228 - 022F (Note 1)
8 bytes
LPT3
0278 - 027F (Note 1)
8 bytes
LPT2
02E8 - 02EF (Note 1)
8 bytes
COM4
02F8 - 02FF (Note 1)
8 bytes
COM2
0374 - 0377
4 bytes
Secondary Parallel ATA IDE channel control block
0377, bits 6:0
7 bits
Secondary IDE channel status port
0378 - 037F
8 bytes
LPT1
03E8 - 03EF
8 bytes
COM3
03F0 - 03F5
6 bytes
Diskette channel
03F4 – 03F7
1 byte
Primary Parallel ATA IDE channel control block
03F8 - 03FF
8 bytes
COM1
04D0 - 04D1
2 bytes
Edge/level triggered PIC
LPTn + 400
8 bytes
ECP port, LPTn base address + 400h
0CF8 - 0CFB (Note 2)
4 bytes
PCI Conventional bus configuration address register
0CF9 (Note 3)
1 byte
Reset control register
0CFC - 0CFF
4 bytes
PCI Conventional bus configuration data register
FFA0 - FFA7
8 bytes
Primary Parallel ATA IDE bus master registers
FFA8 - FFAF
8 bytes
Secondary Parallel ATA IDE bus master registers
Notes:
1.
Default, but can be changed to another address range
2.
Dword access only
3.
Byte access only
NOTE
Some additional I/O addresses are not available due to ICH7DH address aliasing. The ICH7DH
data sheet provides more information on address aliasing.
For information about
Refer to
Obtaining the ICH7DH data sheet
Section 1.2, page 15


Similar Part No. - D945GPM

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
D945GCLF INTEL-D945GCLF Datasheet
2Mb / 84P
   Technical Product Specification
D945GCNL INTEL-D945GCNL Datasheet
3Mb / 90P
   Technical Product Specification
D945GCPE INTEL-D945GCPE Datasheet
3Mb / 80P
   Technical Product Specification
D945GNT INTEL-D945GNT Datasheet
2Mb / 94P
   Technical Product Specification
D945GTP INTEL-D945GTP Datasheet
669Kb / 92P
   Technical Product Specification
More results

Similar Description - D945GPM

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
E15155-006 INTEL-E15155-006 Datasheet
2Mb / 52P
   Technical Product Specification
DG33BU INTEL-DG33BU Datasheet
3Mb / 84P
   Technical Product Specification
DG43NB INTEL-DG43NB Datasheet
2Mb / 88P
   Technical Product Specification
DG45FC INTEL-DG45FC Datasheet
2Mb / 88P
   Technical Product Specification
DP43TF INTEL-DP43TF Datasheet
2Mb / 86P
   Technical Product Specification
DX58SO INTEL-DX58SO Datasheet
3Mb / 88P
   Technical Product Specification
D201GLY INTEL-D201GLY Datasheet
3Mb / 76P
   Technical Product Specification
D945GCPE INTEL-D945GCPE Datasheet
3Mb / 80P
   Technical Product Specification
DQ965GF INTEL-DQ965GF Datasheet
2Mb / 104P
   Technical Product Specification
S2600GZ INTEL-S2600GZ Datasheet
5Mb / 246P
   Technical Product Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com