Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D945GCPE Datasheet(PDF) 17 Page - Intel Corporation

Part # D945GCPE
Description  Technical Product Specification
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

D945GCPE Datasheet(HTML) 17 Page - Intel Corporation

Back Button D945GCPE Datasheet HTML 13Page - Intel Corporation D945GCPE Datasheet HTML 14Page - Intel Corporation D945GCPE Datasheet HTML 15Page - Intel Corporation D945GCPE Datasheet HTML 16Page - Intel Corporation D945GCPE Datasheet HTML 17Page - Intel Corporation D945GCPE Datasheet HTML 18Page - Intel Corporation D945GCPE Datasheet HTML 19Page - Intel Corporation D945GCPE Datasheet HTML 20Page - Intel Corporation D945GCPE Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 80 page
background image
Product Description
17
1.4.1
Memory Configurations
The Intel 82945GC GMCH supports two types of memory organization:
Dual channel (Interleaved) mode. This mode offers the highest throughput for
real world applications. Dual channel mode is enabled when the installed memory
capacities of both DIMM channels are equal. Technology and device width can vary
from one channel to the other but the installed memory capacity for each channel
must be equal. If different speed DIMMs are used between channels, the slowest
memory timing will be used.
Single channel (Asymmetric) mode. This mode is equivalent to single channel
bandwidth operation for real world applications. This mode is used when only a
single DIMM is installed or the memory capacities are unequal. Technology and
device width can vary from one channel to the other. If different speed DIMMs are
used between channels, the slowest memory timing will be used.
For information about…
Refer to:
Memory Configuration
Examples
http://www.intel.com/support/motherboards/desktop/sb/cs-011965.htm
1.5
Intel® 945GC Chipset
The Intel 945GC chipset consists of the following devices:
Intel 82945GC Graphics Memory Controller Hub (GMCH) with Direct Media
Interface (DMI) interconnect
Intel 82801GB I/O Controller Hub (ICH7) with DMI interconnect
The GMCH component provides interfaces to the CPU, memory, and the DMI
interconnect. The component also provides integrated graphics capabilities supporting
3D, 2D and display capabilities. The ICH7 is a centralized controller for the board’s
I/O paths.
For information about
Refer to
The Intel 945GC chipset
http://www.intel.com/products/desktop/chipsets/index.htm
Resources used by the chipset
Chapter 2
1.5.1
Intel 945GC Graphics Subsystem
1.5.1.1
Intel® GMA950 Graphics Controller
The Intel GMA950 graphics controller features the following:
400 MHz core frequency
High performance 3-D setup and render engine
High quality texture engine
⎯ DX9* Compliant Hardware Pixel Shader 2.0
⎯ Alpha and luminance maps


Similar Part No. - D945GCPE

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
D945GCLF INTEL-D945GCLF Datasheet
2Mb / 84P
   Technical Product Specification
D945GCNL INTEL-D945GCNL Datasheet
3Mb / 90P
   Technical Product Specification
More results

Similar Description - D945GCPE

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
E15155-006 INTEL-E15155-006 Datasheet
2Mb / 52P
   Technical Product Specification
DG33BU INTEL-DG33BU Datasheet
3Mb / 84P
   Technical Product Specification
DG43NB INTEL-DG43NB Datasheet
2Mb / 88P
   Technical Product Specification
DG45FC INTEL-DG45FC Datasheet
2Mb / 88P
   Technical Product Specification
DP43TF INTEL-DP43TF Datasheet
2Mb / 86P
   Technical Product Specification
DX58SO INTEL-DX58SO Datasheet
3Mb / 88P
   Technical Product Specification
D201GLY INTEL-D201GLY Datasheet
3Mb / 76P
   Technical Product Specification
D945GPM INTEL-D945GPM Datasheet
1Mb / 94P
   Technical Product Specification
DQ965GF INTEL-DQ965GF Datasheet
2Mb / 104P
   Technical Product Specification
S2600GZ INTEL-S2600GZ Datasheet
5Mb / 246P
   Technical Product Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com