Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD57018-E Datasheet(PDF) 1 Page - STMicroelectronics

Part # PD57018-E
Description  RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57018-E Datasheet(HTML) 1 Page - STMicroelectronics

  PD57018-E Datasheet HTML 1Page - STMicroelectronics PD57018-E Datasheet HTML 2Page - STMicroelectronics PD57018-E Datasheet HTML 3Page - STMicroelectronics PD57018-E Datasheet HTML 4Page - STMicroelectronics PD57018-E Datasheet HTML 5Page - STMicroelectronics PD57018-E Datasheet HTML 6Page - STMicroelectronics PD57018-E Datasheet HTML 7Page - STMicroelectronics PD57018-E Datasheet HTML 8Page - STMicroelectronics PD57018-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
May 2010
Doc ID 12214 Rev 4
1/25
25
PD57018-E
PD57018S-E
RF POWER transistor, LdmoST plastic family
N-channel enhancement-mode, lateral MOSFETs
Features
Excellent thermal stability
Common source configuration
POUT = 18 W with 16.5dB gain@945 MHz/28 V
New RF plastic package
Description
The device is a common source N-channel,
enhancement-mode lateral field-effect RF power
transistor. It is designed for high gain, broad band
commercial and industrial applications. It operates
at 28 V in common source mode at frequencies of
up to 1 GHz. The device boasts the excellent
gain, linearity and reliability of ST’s latest LDMOS
technology mounted in the first true SMD plastic
RF power package, PowerSO-10RF. Device’s
superior linearity performance makes it an ideal
solution for base station applications. The
PowerSO-10 plastic package, designed to offer
high reliability, is the first ST JEDEC approved,
high power SMD package. It has been specially
optimized for RF needs and offers excellent RF
performance and ease of assembly. Mounting
recommendations are available in www.st.com/rf/
(look for application note AN1294).
Figure 1.
Pin connection
PowerSO-10RF
(formed lead)
PowerSO-10RF
(straight lead)
Gate
Source
Drain
Table 1.
Device summary
Order code
Package
Packing
PD57018-E
PowerSO-10RF (formed lead)
Tube
PD57018S-E
PowerSO-10RF (straight lead)
Tube
PD57018TR-E
PowerSO-10RF (formed lead)
Tape and reel
PD57018STR-E
PowerSO-10RF (straight lead)
Tape and reel
www.st.com


Similar Part No. - PD57018-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PD57018-E STMICROELECTRONICS-PD57018-E Datasheet
560Kb / 28P
   RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
More results

Similar Description - PD57018-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STAP85025S STMICROELECTRONICS-STAP85025S Datasheet
189Kb / 13P
   RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
PD20010TR-E STMICROELECTRONICS-PD20010TR-E Datasheet
240Kb / 13P
   RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
May 2012 Rev 2
PD85035-E STMICROELECTRONICS-PD85035-E Datasheet
376Kb / 15P
   RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PD57006-E STMICROELECTRONICS-PD57006-E_10 Datasheet
512Kb / 22P
   RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PD55008L-E STMICROELECTRONICS-PD55008L-E Datasheet
202Kb / 15P
   RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
STAP85025 STMICROELECTRONICS-STAP85025 Datasheet
151Kb / 12P
   RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
July 2009
PD54003-E STMICROELECTRONICS-PD54003-E_10 Datasheet
1Mb / 27P
   RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PD55008-E STMICROELECTRONICS-PD55008-E_10 Datasheet
501Kb / 25P
   RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PD57060S-E STMICROELECTRONICS-PD57060S-E Datasheet
520Kb / 21P
   RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PD55025-E STMICROELECTRONICS-PD55025-E Datasheet
493Kb / 22P
   RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PD57018-E STMICROELECTRONICS-PD57018-E Datasheet
560Kb / 28P
   RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com