Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPH3205 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # CPH3205
Description  High-Current Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

CPH3205 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  CPH3205 Datasheet HTML 1Page - Sanyo Semicon Device CPH3205 Datasheet HTML 2Page - Sanyo Semicon Device CPH3205 Datasheet HTML 3Page - Sanyo Semicon Device CPH3205 Datasheet HTML 4Page - Sanyo Semicon Device CPH3205 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CPH3105/3205
No.6084–4/5
PC - Ta
A S O
I CP
I C
CPH3105/3205
1ms
10ms
100ms
DC
operation
VBE(sat) - IC
VBE(sat) - IC
CPH3105
IC/IB=50
25
°C
Ta=-25°C
75°C
CPH3205
IC/IB=50
25°C
Ta=-25°C
75°C
2
3
5
3
5
7
22
35
7
3
5
2
35
77
-100
-1000
2
-0.01
-0.1
-1.0
-10
2
3
5
2
3
5
7
22
35
7
3
5
2
35
7
100
1000
0.01
0.1
1.0
0.01
0.1
1.0
10
0.1
1.0
10
2
3
5
7
2
3
5
7
2
3
5
7
23
5
7
7
23
5
2
3
5
7
0
0
20
40
60
100
80
160
140
120
0.2
0.4
0.6
0.8
1.0
Collector Current, IC –A
Collector Current, IC –A
Collector-to-Emitter Voltage, VCE –V
CPH3105/3205
Ta=25
°C
Single pulse
For PNP, minus sign is omitted.
Mounted on a ceramic board (600mm2
×0.8mm)
Ambient Temperature, Ta –
°C
Mounted
on
a
ceramic
board
(600mm
2×
0.8mm)
VCE(sat) - IC
VCE(sat) - IC
CPH3105
IC/IB=50
CPH3205
IC/IB=50
25
°C
Ta=75
°C
-25
°C
25
°C
Ta=75
°C
-25
°C
2
3
5
7
2
3
5
7
23
5
2
3
5
7
23
5
7
-10
-100
-1000
-0.01
-0.1
-1.0
2
3
5
7
2
3
5
7
23
5
7
23
5
2
3
5
7
10
100
1000
0.01
0.1
1.0
Collector Current, IC –A
Collector Current, IC –A


Similar Part No. - CPH3205

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3205 SANYO-CPH3205 Datasheet
83Kb / 5P
   High-Current Switching Applications
CPH3205 SANYO-CPH3205 Datasheet
44Kb / 5P
   High-Current Switching Applications
CPH3205-TL-E SANYO-CPH3205-TL-E Datasheet
44Kb / 5P
   High-Current Switching Applications
logo
ON Semiconductor
CPH3205-TL-E ONSEMI-CPH3205-TL-E Datasheet
670Kb / 7P
   Bipolar Transistor
September, 2013
More results

Similar Description - CPH3205

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SD1804 UTC-2SD1804 Datasheet
63Kb / 5P
   HIGH CURRENT SWITCHING APPLICATIONS
logo
Sanyo Semicon Device
2SA2039 SANYO-2SA2039_12 Datasheet
507Kb / 10P
   High-Current Switching Applications
2SA2124 SANYO-2SA2124_12 Datasheet
423Kb / 7P
   High-Current Switching Applications
logo
Toshiba Semiconductor
2SC3303Y TOSHIBA-2SC3303Y Datasheet
173Kb / 5P
   High Current Switching Applications
2SA1244 TOSHIBA-2SA1244_10 Datasheet
172Kb / 5P
   High Current Switching Applications
logo
Sanyo Semicon Device
CPH3105 SANYO-CPH3105_05 Datasheet
83Kb / 5P
   High-Current Switching Applications
2SB1123 SANYO-2SB1123_10 Datasheet
105Kb / 5P
   High-Current Switching Applications
logo
Toshiba Semiconductor
2SC5175 TOSHIBA-2SC5175_04 Datasheet
129Kb / 4P
   High-Current Switching Applications
logo
Sanyo Semicon Device
2SA1706 SANYO-2SA1706 Datasheet
118Kb / 4P
   High-Current Switching Applications
FX510 SANYO-FX510 Datasheet
105Kb / 4P
   High-Current Switching Applications
2SB1269 SANYO-2SB1269 Datasheet
99Kb / 4P
   High-Current Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com