Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2PS1200R17KE3-4G Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # 2PS1200R17KE3-4G
Description  1x 571A AC at 690V AC, forced air (fan not implemented)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2PS1200R17KE3-4G Datasheet(HTML) 2 Page - Infineon Technologies AG

  2PS1200R17KE3-4G Datasheet HTML 1Page - Infineon Technologies AG 2PS1200R17KE3-4G Datasheet HTML 2Page - Infineon Technologies AG 2PS1200R17KE3-4G Datasheet HTML 3Page - Infineon Technologies AG 2PS1200R17KE3-4G Datasheet HTML 4Page - Infineon Technologies AG 2PS1200R17KE3-4G Datasheet HTML 5Page - Infineon Technologies AG 2PS1200R17KE3-4G Datasheet HTML 6Page - Infineon Technologies AG 2PS1200R17KE3-4G Datasheet HTML 7Page - Infineon Technologies AG 2PS1200R17KE3-4G Datasheet HTML 8Page - Infineon Technologies AG 2PS1200R17KE3-4G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Technical Information
2PS1200R17KE3-4G
PrimeSTACK
!
Vorläufige Daten
preliminary data
;
;
;
;
/
/
/
/
% ,
?
,
% ,
?
,
% ,
?
,
% ,
?
,
/
,
/
,
/
,
/
,
"
,
,
"
,
,
"
,
,
"
,
,
Electrical data
DC Link
,
, 3
>
>@A
!!
!
>
Unit 2 AC
,
, 3
>
>BCDEF
G<
>HIJ
*
>BCDEF K G< >HIJ) >@A K !!
>) "DCLME K 2 N*)
"O P !
N*) BCDEF K
?) QRF K
?)
+
- K )
%BCDEF
7!
&HIJ
*
"DCLME K 2 N*)
!
S
G
2!
&HIJ
,
"DCLME K 2 N*) !
)
!
)
K
7&HIJ
%BCDEF
G52
&HIJ
1*
) "DCLME K 2 N*
%BCDEF @A
7<)
&TU
/
! V
! G
&WMTX
/
/
Y
QRF
G
?
= /
>BCDEF K G< >) >@A K !!
>) "DCLME K 2 N*)
"O P !
N*) BCDEF K
?) QRF K
?)
+
- K )
) %BCDEF K 7!&HIJ
=LZQQF
!
[
= /
+
-BCDEF
!)
!)
General data
,
, 3
= /
+=*$-
=LZQQ T\]
[
>^\_QE
.>
/
>^\_QE
!
.>
>J\_`M
!
.>
3 + 2>-
9'*
%9*G!
5
,
%
,
,
>aDCM
G<
>HIJ
%
9;
!7 ) K
?) K G
>DQZL
)
.>HIJ


Similar Part No. - 2PS1200R17KE3-4G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
2PS1200R17KE3-4GH INFINEON-2PS1200R17KE3-4GH Datasheet
552Kb / 10P
   1x 629A AC at 690V AC, forced air (fan not implemented)
2008-04-11 revision:1.2
More results

Similar Description - 2PS1200R17KE3-4G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
2PS1200R17KE3-4GH INFINEON-2PS1200R17KE3-4GH Datasheet
552Kb / 10P
   1x 629A AC at 690V AC, forced air (fan not implemented)
2008-04-11 revision:1.2
2PS0900R17KE3-3GH INFINEON-2PS0900R17KE3-3GH Datasheet
565Kb / 10P
   1x 527A AC at 690V AC, forced air (fan not implemented)
2008-04-11 revision:1.0
2PS0400R12KE3-2G INFINEON-2PS0400R12KE3-2G Datasheet
519Kb / 8P
   1x 311A AC at 400V AC, forced air (fan not implemented)
2007-06-21
4PS0300R17KE3-3G INFINEON-4PS0300R17KE3-3G Datasheet
524Kb / 8P
   2x 165A AC at 690V AC, forced air (fan not implemented)
2007-06-26 revision: 1.0
logo
eupec GmbH
6PS0300R17KE3-3GH EUPEC-6PS0300R17KE3-3GH Datasheet
552Kb / 8P
   3x 176A AC at 690V AC, forced air (fan not implemented)
2PS1200R12KE3-3G EUPEC-2PS1200R12KE3-3G Datasheet
542Kb / 8P
   1x 569A AC at 400V AC, forced air (fan not implemented)
2PS1200R12KS4-4G EUPEC-2PS1200R12KS4-4G Datasheet
532Kb / 8P
   1x 610A AC at 400V AC, forced air (fan not implemented)
2PS1600R12KE3-4G EUPEC-2PS1600R12KE3-4G Datasheet
532Kb / 8P
   1x 717A AC at 400V AC, forced air (fan not implemented)
logo
Infineon Technologies A...
2PS1600R06KE3-4G INFINEON-2PS1600R06KE3-4G Datasheet
527Kb / 8P
   1x 1032A AC at 230V AC, forced air (fan not implemented)
2007-06-03 revision: 1.0
logo
eupec GmbH
6PS0300R12KE3-3G EUPEC-6PS0300R12KE3-3G Datasheet
554Kb / 8P
   3x 181A AC at 400V AC, forced air (fan not implemented)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com