Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2155DK Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS2155DK
Description  Single-Chip Transceiver Design Kit Daughter Cards
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2155DK Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS2155DK Datasheet HTML 1Page - Maxim Integrated Products DS2155DK Datasheet HTML 2Page - Maxim Integrated Products DS2155DK Datasheet HTML 3Page - Maxim Integrated Products DS2155DK Datasheet HTML 4Page - Maxim Integrated Products DS2155DK Datasheet HTML 5Page - Maxim Integrated Products DS2155DK Datasheet HTML 6Page - Maxim Integrated Products DS2155DK Datasheet HTML 7Page - Maxim Integrated Products DS2155DK Datasheet HTML 8Page - Maxim Integrated Products DS2155DK Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1 of 21
REV: 110106
GENERAL DESCRIPTION
The DS2155/DS2156 design kits are evaluation
boards
for
the
DS2155
and
DS2156.
The
DS2155/DS2156 design kits are intended to be used
as daughter cards with either the DK2000 or the
DK101 motherboards. The boards are complete with
a
single-chip
transceiver
(SCT),
transformers,
termination resistors, configuration switches, line
protection circuitry, network connectors, and an
interface to the motherboard.
ORDERING INFORMATION
PART
DESCRIPTION
DS2155DK
DS2155 Design Kit Daughter Card
DS2156DK
DS2156 Design Kit Daughter Card
FEATURES
Expedites New Designs by Eliminating First-
Pass Prototyping
Interfaces Directly to the DK101 or DK2000
Motherboards
Demonstrates Key Functions of the DS2156
and DS2155
High-Level Software Provides Visual Access
to Registers
Software-Controlled (Register Mapped)
Configuration Switches to Facilitate Clock
and Signal Routing
BNC Connections for 75
Ω E1
Bantam and RJ48 Connectors for 120
Ω E1
and 100
Ω T1
Multitap Transformer to Facilitate True
Impedance Matching for 75
Ω and 120Ω/100Ω
Paths
Network Interface Protection for Overvoltage
and Overcurrent Events
UTOPIA II Bus Connection for MPC8260
(DS2156 Only)
UTOPIA II Prototype Connectors (DS2156
Only)
Test Points and Prototype Area Available for
Further Customization
DS2155DK/DS2156DK
T1/E1/J1 Single-Chip Transceiver
Design Kit Daughter Cards
www.maxim-ic.com


Similar Part No. - DS2155DK

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2155 DALLAS-DS2155 Datasheet
1Mb / 262P
   T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
logo
Maxim Integrated Produc...
DS2155 MAXIM-DS2155 Datasheet
1Mb / 240P
   T1/E1/J1 Single-Chip Transceiver
100903
logo
Dallas Semiconductor
DS2155 DALLAS-DS2155 Datasheet
1Mb / 238P
   T1/E1/J1 Single-Chip Transceiver
logo
Maxim Integrated Produc...
DS2155 MAXIM-DS2155 Datasheet
1Mb / 238P
   T1/E1/J1 Single-Chip Transceiver
REV: 080607
DS21552 MAXIM-DS21552 Datasheet
1Mb / 240P
   T1/E1/J1 Single-Chip Transceiver
100903
More results

Similar Description - DS2155DK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS21354DK MAXIM-DS21354DK Datasheet
945Kb / 21P
   E1 Single-Chip Transceiver Design Kit Daughter Card
REV: 110106
DS21352DK MAXIM-DS21352DK Datasheet
1Mb / 21P
   T1 Single-Chip Transceiver Design Kit Daughter Card
REV: 110106
DS21458DK MAXIM-DS21458DK Datasheet
1Mb / 32P
   Quad T1/E1/J1 Transceiver Design Kit Daughter Card
REV: 012506
DS21Q55DK MAXIM-DS21Q55DK Datasheet
1Mb / 32P
   Quad T1/E1/J1 Transceiver Design Kit Daughter Card
REV: 110106
DS3170DK MAXIM-DS3170DK Datasheet
2Mb / 40P
   DS3/E3 Single-Chip Transceiver Design Kit
REV: 091205
DS26521DK MAXIM-DS26521DK Datasheet
1Mb / 18P
   Single T1/E1/J1 Transceiver Design Kit
REV: 021406
DS26401DK MAXIM-DS26401DK Datasheet
1Mb / 34P
   Octal T1/E1/J1 Framer Design Kit Daughter Card
REV: 122203
logo
Dallas Semiconductor
DS21448DK DALLAS-DS21448DK Datasheet
716Kb / 17P
   3.3V E1/T1/J1 Line Interface Design Kit Daughter Card
logo
Maxim Integrated Produc...
DS21Q348DK MAXIM-DS21Q348DK Datasheet
809Kb / 17P
   3.3V E1/T1/J1 Line Interface Design Kit Daughter Card
REV: 060303
DS26518DK MAXIM-DS26518DK Datasheet
905Kb / 40P
   Octal T1/E1/J1 Transceiver Demo Kit Daughter Card
REV: 011007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com