Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2PS0400R12KE3-2G Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # 2PS0400R12KE3-2G
Description  1x 311A AC at 400V AC, forced air (fan not implemented)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2PS0400R12KE3-2G Datasheet(HTML) 3 Page - Infineon Technologies AG

  2PS0400R12KE3-2G Datasheet HTML 1Page - Infineon Technologies AG 2PS0400R12KE3-2G Datasheet HTML 2Page - Infineon Technologies AG 2PS0400R12KE3-2G Datasheet HTML 3Page - Infineon Technologies AG 2PS0400R12KE3-2G Datasheet HTML 4Page - Infineon Technologies AG 2PS0400R12KE3-2G Datasheet HTML 5Page - Infineon Technologies AG 2PS0400R12KE3-2G Datasheet HTML 6Page - Infineon Technologies AG 2PS0400R12KE3-2G Datasheet HTML 7Page - Infineon Technologies AG 2PS0400R12KE3-2G Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Technical Information
2PS0400R12KE3-2G
PrimeSTACK
!
Zieldaten
target data
Controller interface data
,
, 2
& 2
?T\]
;
=
7
?TU
& 2
/
Y
,
?T\] K =?TU
>T\]
=
[
1
,
14 =
1
6
14%?64
617
*
1
891
) .b)
891
3)
K
) ,
:,&
?ED
)
:)
?
1
)
/ K .) , 2 :,&
?Z\F
)
7 )
?
=) <
=);<
=)<<
&
0
, 2 ,&c
7
&
?TDT Z\F
?
&
,
, 2 ,&c
"deB K 7N*
"f K
:N*
?e Z\F
;) :
;)
;)7
?
/
,
after overvoltage message by PrimeSTACK interface
:
V
/
,
after overvoltage message by PrimeSTACK interface
V
Heat sink air cooled / Thermal data
,
, 2
&
/
g?#g hE_
:
,i#
&
g hE_
>
"hE_ K
N*) >
K
7 > )
)
,
.!
1%9 = ;;
.
,
j
:N*
:
*
,
"EDLMF
=
N*
Environmental conditions
,
, 2
,
"QFZ_
=
;:
N*
&,
,
+>*$-
"TkW
:
::
N*
,
.
# "
,
*
+>*$-
?hE_ lB^
)7
,#
&
,
hE_
<
>
,
4 ! 3
:
;:
S
%
,
?
%6*
:
,# m
.
%6*
=
,# m
>
%>
>
" Y
1* " ,
'AB
)
)
9,
" Y
&* " ,
'hB
)
)
9,
1 ,
/
n
n
,,
[
/
.
2 ,
)7
.
[
/
.
2 ,
)<
.


Similar Part No. - 2PS0400R12KE3-2G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
2PS0900R17KE3-3GH INFINEON-2PS0900R17KE3-3GH Datasheet
565Kb / 10P
   1x 527A AC at 690V AC, forced air (fan not implemented)
2008-04-11 revision:1.0
More results

Similar Description - 2PS0400R12KE3-2G

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
2PS1200R12KE3-3G EUPEC-2PS1200R12KE3-3G Datasheet
542Kb / 8P
   1x 569A AC at 400V AC, forced air (fan not implemented)
2PS1200R12KS4-4G EUPEC-2PS1200R12KS4-4G Datasheet
532Kb / 8P
   1x 610A AC at 400V AC, forced air (fan not implemented)
2PS1600R12KE3-4G EUPEC-2PS1600R12KE3-4G Datasheet
532Kb / 8P
   1x 717A AC at 400V AC, forced air (fan not implemented)
logo
Infineon Technologies A...
2PS1200R17KE3-4GH INFINEON-2PS1200R17KE3-4GH Datasheet
552Kb / 10P
   1x 629A AC at 690V AC, forced air (fan not implemented)
2008-04-11 revision:1.2
2PS0900R17KE3-3GH INFINEON-2PS0900R17KE3-3GH Datasheet
565Kb / 10P
   1x 527A AC at 690V AC, forced air (fan not implemented)
2008-04-11 revision:1.0
logo
eupec GmbH
6PS0300R12KE3-3G EUPEC-6PS0300R12KE3-3G Datasheet
554Kb / 8P
   3x 181A AC at 400V AC, forced air (fan not implemented)
logo
Infineon Technologies A...
2PS1200R17KE3-4G INFINEON-2PS1200R17KE3-4G Datasheet
553Kb / 10P
   1x 571A AC at 690V AC, forced air (fan not implemented)
2008-05-20 revision:2.1
2PS1600R06KE3-4G INFINEON-2PS1600R06KE3-4G Datasheet
527Kb / 8P
   1x 1032A AC at 230V AC, forced air (fan not implemented)
2007-06-03 revision: 1.0
4PS0150R12KE3-3G INFINEON-4PS0150R12KE3-3G Datasheet
524Kb / 8P
   2x 143A AC at 400V AC, forced air (fan not implemented)
2007-08-17 revision: 1.0
6PS0400R12KE3-3GH INFINEON-6PS0400R12KE3-3GH Datasheet
546Kb / 8P
   3x 237A AC at 400V AC, forced air (fan not implemented)
2007-06-20 revision: 1.1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com