Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPH3104 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # CPH3104
Description  DC/DC Converter Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

CPH3104 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  CPH3104 Datasheet HTML 1Page - Sanyo Semicon Device CPH3104 Datasheet HTML 2Page - Sanyo Semicon Device CPH3104 Datasheet HTML 3Page - Sanyo Semicon Device CPH3104 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CPH3104/3204
No.6004–2/4
Continued from preceding page.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
)
t
a
s
(
E
C
1IC
I
,
A
m
5
)
(
=
B
A
m
5
.
0
)
(
=
0
1
)
(5
2
)
(V
m
V
)
t
a
s
(
E
C
2IC
I
,
A
m
0
0
5
)
(
=
B
A
m
5
2
)
(
=
0
2
1
)
(0
4
2
)
(V
m
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
r
e
t
t
i
m
E
-
o
t
-
e
s
a
BV
)
t
a
s
(
E
B
IC
I
,
A
m
0
0
5
)
(
=
C
A
m
5
2
)
(
=9
.
0
)
(2
.
1
)
(V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
)
R
B
(
IC
I
,
A
µ
0
1
)
(
=
E 0
=5
1
)
(V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
)
R
B
(
IC
R
,
A
m
1
)
(
=
E
B =∞
5
1
)
(V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
)
R
B
(
IC
I
,
A
µ
0
1
)
(
=
C 0
=5
)
(V
Collector-to-Emitter Voltage, VCE – V
I C - VCE
Collector-to-Emitter Voltage, VCE – V
I C - VCE
Collector-to-Emitter Voltage, VCE – V
I C - VCE
Collector-to-Emitter Voltage, VCE – V
I C - VCE
Base-to-Emitter Voltage, VBE – V
I C - VBE
Base-to-Emitter Voltage, VBE – V
I C - VBE
CPH3104
CPH3204
IB=0
–1.0mA
–2.0mA
–3.0mA
–4.0mA
–5.0mA
–7.0mA
–6.0mA
IB=0
1.0mA
2.0mA
5.0mA
7.0mA
3.0mA
4.0mA
6.0mA
IB=0
CPH3104
–0.2mA
–0.4mA
–0.6mA
–0.8mA
–1.0mA
IB=0
CPH3204
0.1mA
0.2mA
0.3mA
0.4mA
0.5mA
0.7mA
0.6mA
CPH3104
VCE=–2V
CPH3204
VCE=2V
0
-100
-200
-300
-500
-600
-700
-800
-400
0
0
100
200
300
500
600
700
800
400
0
-20
-40
-60
-80
-120
-140
-160
-180
-200
-100
0
20
40
60
80
120
140
160
180
200
100
0
0
-200
-400
-600
-1000
-800
0
200
400
600
1000
800
0
0
-0.2
-0.4
-0.6
-0.8
-1.0
0.2
0.4
0.6
0.8
1.0
0-1
-2
-3
-4
-5
1
2
3
4
5
0
-0.2
-0.4
-0.6
-1.2
-1.0
-0.8
0.2
0.4
0.6
1.2
1.0
0.8


Similar Part No. - CPH3104

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3101 SANYO-CPH3101 Datasheet
73Kb / 4P
   DC/DC Converter Applications
logo
ON Semiconductor
CPH3101 ONSEMI-CPH3101 Datasheet
588Kb / 6P
   Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single CPH3
September, 2013
CPH3101-TL-E ONSEMI-CPH3101-TL-E Datasheet
588Kb / 6P
   Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single CPH3
September, 2013
logo
Sanyo Semicon Device
CPH3105 SANYO-CPH3105 Datasheet
51Kb / 5P
   High-Current Switching Applications
CPH3105 SANYO-CPH3105 Datasheet
83Kb / 5P
   High-Current Switching Applications
More results

Similar Description - CPH3104

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FP302 SANYO-FP302 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FP303 SANYO-FP303 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FSS216 SANYO-FSS216 Datasheet
146Kb / 4P
   DC/DC Converter Applications
CPH3206 SANYO-CPH3206 Datasheet
41Kb / 4P
   DC/DC Converter Applications
CPH5501 SANYO-CPH5501 Datasheet
58Kb / 6P
   DC/DC Converter Applications
CPH5704 SANYO-CPH5704 Datasheet
53Kb / 5P
   DC/DC Converter Applications
CPH6501 SANYO-CPH6501 Datasheet
30Kb / 4P
   DC / DC Converter Applications
CPH6801 SANYO-CPH6801 Datasheet
56Kb / 5P
   DC/DC Converter Applications
CPH3109 SANYO-CPH3109 Datasheet
55Kb / 5P
   DC/DC Converter Applications
MCH6103 SANYO-MCH6103 Datasheet
49Kb / 5P
   DC/DC Converter Applications
2SA2044 SANYO-2SA2044 Datasheet
37Kb / 5P
   DC / DC Converter Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com