Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2PS1200R12KS4-4G Datasheet(PDF) 8 Page - eupec GmbH

Part # 2PS1200R12KS4-4G
Description  1x 610A AC at 400V AC, forced air (fan not implemented)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

2PS1200R12KS4-4G Datasheet(HTML) 8 Page - eupec GmbH

  2PS1200R12KS4-4G Datasheet HTML 1Page - eupec GmbH 2PS1200R12KS4-4G Datasheet HTML 2Page - eupec GmbH 2PS1200R12KS4-4G Datasheet HTML 3Page - eupec GmbH 2PS1200R12KS4-4G Datasheet HTML 4Page - eupec GmbH 2PS1200R12KS4-4G Datasheet HTML 5Page - eupec GmbH 2PS1200R12KS4-4G Datasheet HTML 6Page - eupec GmbH 2PS1200R12KS4-4G Datasheet HTML 7Page - eupec GmbH 2PS1200R12KS4-4G Datasheet HTML 8Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
Technical Information
2PS1200R12KS4-4G
PrimeSTACK
!
Vorläufige Daten
preliminary data
Sicherheitshinweise
Bevor Sie mit der Installation und dem Betrieb der Baugruppe beginnen, lesen Sie bitte sorgfältig alle Sicherheitshinweise,
Warnungen und beachten Sie die angebrachten Warnschilder. Vergewissern Sie sich, dass alle Warnschilder in leserlichem
Zustand verbleiben und fehlende oder beschädigte Schilder ersetzt werden.
Safety Instructions
Prior to installation and operation, all safety notices and warnings and all warning signs attached to the equipment have to be
carefully read. Make sure that all warning signs remain in a legible condition and that missing or damaged signs are replaced. To
installation and operation, all safety notices and warnings and all warning signs attached to the equipment have to be carefully
read. Make sure that all warning signs remain in a legible condition and that missing or damaged signs are replaced.


Similar Part No. - 2PS1200R12KS4-4G

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
2PS1200R12KE3-3G EUPEC-2PS1200R12KE3-3G Datasheet
542Kb / 8P
   1x 569A AC at 400V AC, forced air (fan not implemented)
More results

Similar Description - 2PS1200R12KS4-4G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
2PS0400R12KE3-2G INFINEON-2PS0400R12KE3-2G Datasheet
519Kb / 8P
   1x 311A AC at 400V AC, forced air (fan not implemented)
2007-06-21
logo
eupec GmbH
2PS1200R12KE3-3G EUPEC-2PS1200R12KE3-3G Datasheet
542Kb / 8P
   1x 569A AC at 400V AC, forced air (fan not implemented)
2PS1600R12KE3-4G EUPEC-2PS1600R12KE3-4G Datasheet
532Kb / 8P
   1x 717A AC at 400V AC, forced air (fan not implemented)
logo
Infineon Technologies A...
2PS1200R17KE3-4GH INFINEON-2PS1200R17KE3-4GH Datasheet
552Kb / 10P
   1x 629A AC at 690V AC, forced air (fan not implemented)
2008-04-11 revision:1.2
2PS0900R17KE3-3GH INFINEON-2PS0900R17KE3-3GH Datasheet
565Kb / 10P
   1x 527A AC at 690V AC, forced air (fan not implemented)
2008-04-11 revision:1.0
logo
eupec GmbH
6PS0300R12KE3-3G EUPEC-6PS0300R12KE3-3G Datasheet
554Kb / 8P
   3x 181A AC at 400V AC, forced air (fan not implemented)
logo
Infineon Technologies A...
2PS1200R17KE3-4G INFINEON-2PS1200R17KE3-4G Datasheet
553Kb / 10P
   1x 571A AC at 690V AC, forced air (fan not implemented)
2008-05-20 revision:2.1
2PS1600R06KE3-4G INFINEON-2PS1600R06KE3-4G Datasheet
527Kb / 8P
   1x 1032A AC at 230V AC, forced air (fan not implemented)
2007-06-03 revision: 1.0
4PS0150R12KE3-3G INFINEON-4PS0150R12KE3-3G Datasheet
524Kb / 8P
   2x 143A AC at 400V AC, forced air (fan not implemented)
2007-08-17 revision: 1.0
6PS0400R12KE3-3GH INFINEON-6PS0400R12KE3-3GH Datasheet
546Kb / 8P
   3x 237A AC at 400V AC, forced air (fan not implemented)
2007-06-20 revision: 1.1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com