Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STGB14NC60KDT4 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STGB14NC60KDT4
Description  14 A, 600 V - short-circuit rugged IGBT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGB14NC60KDT4 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STGB14NC60KDT4 Datasheet HTML 7Page - STMicroelectronics STGB14NC60KDT4 Datasheet HTML 8Page - STMicroelectronics STGB14NC60KDT4 Datasheet HTML 9Page - STMicroelectronics STGB14NC60KDT4 Datasheet HTML 10Page - STMicroelectronics STGB14NC60KDT4 Datasheet HTML 11Page - STMicroelectronics STGB14NC60KDT4 Datasheet HTML 12Page - STMicroelectronics STGB14NC60KDT4 Datasheet HTML 13Page - STMicroelectronics STGB14NC60KDT4 Datasheet HTML 14Page - STMicroelectronics STGB14NC60KDT4 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
STGB14NC60KD, STGF14NC60KD, STGP14NC60KD
Package mechanical data
Doc ID 11424 Rev 7
11/16
D2PAK (TO-263) mechanical data
Dim
h
c
n
i
m
m
Min
Typ
Max
Min
Typ
Max
1
8
1
.
0
3
7
1
.
0
0
6
.
4
0
4
.
4
A
9
0
0
.
0
1
0
0
.
0
3
2
.
0
3
0
.
0
1
A
7
3
0
.
0
7
2
0
.
0
3
9
.
0
0
7
.
0
b
7
6
0
.
0
5
4
0
.
0
0
7
.
1
4
1
.
1
2
b
4
2
0
.
0
7
1
0
.
0
0
6
.
0
5
4
.
0
c
3
5
0
.
0
8
4
0
.
0
6
3
.
1
3
2
.
1
2
c
8
6
3
.
0
2
5
3
.
0
5
3
.
9
5
9
.
8
D
5
9
2
.
0
0
5
.
7
1
D
9
0
4
.
0
4
9
3
.
0
0
4
.
0
1
0
1
E
4
3
3
.
0
0
5
.
8
1
E
1
.
0
4
5
.
2
e
8
0
2
.
0
2
9
1
.
0
8
2
.
5
8
8
.
4
1
e
4
2
6
.
0
0
9
5
.
0
5
8
.
5
1
5
1
H
6
0
1
.
0
9
9
0
.
0
9
6
.
2
9
4
.
2
1
J
0
1
1
.
0
0
9
0
.
0
9
7
.
2
9
2
.
2
L
5
5
0
.
0
5
0
.
0
0
4
.
1
7
2
.
1
1
L
9
6
0
.
0
1
5
0
.
0
5
7
.
1
0
3
.
1
2
L
6
1
0
.
0
4
.
0
R
°
8
°
0
°
8
°
0
2
V
0079457_M


Similar Part No. - STGB14NC60KDT4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB14NC60KDT4 STMICROELECTRONICS-STGB14NC60KDT4 Datasheet
456Kb / 14P
   N-CHANNEL 14A - 600V - TO-220/TO-220FP/D2PAK SHORT CIRCUIT RATED PowerMESH IGBT
More results

Similar Description - STGB14NC60KDT4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGF14HF60KD STMICROELECTRONICS-STGF14HF60KD Datasheet
412Kb / 12P
   14 A - 600 V - short-circuit rugged IGBT
August 2009
STGB14NC60KD STMICROELECTRONICS-STGB14NC60KD_08 Datasheet
455Kb / 16P
   14 A - 600 V - short circuit rugged IGBT
STGF14N60D STMICROELECTRONICS-STGF14N60D Datasheet
425Kb / 11P
   14 A - 600 V - short circuit rugged IGBT
February 2009 Rev 1
STGB19NC60KD STMICROELECTRONICS-STGB19NC60KD Datasheet
586Kb / 17P
   20 A - 600 V - short circuit rugged IGBT
STGB8NC60KD STMICROELECTRONICS-STGB8NC60KD Datasheet
562Kb / 18P
   600 V - 8 A - short circuit rugged IGBT
STGB30NC60K STMICROELECTRONICS-STGB30NC60K Datasheet
385Kb / 15P
   30 A - 600 V - short circuit rugged IGBT
STGB19NC60K STMICROELECTRONICS-STGB19NC60K Datasheet
524Kb / 15P
   20 A - 600 V - short circuit rugged IGBT
STGW40NC60KD STMICROELECTRONICS-STGW40NC60KD Datasheet
846Kb / 13P
   600 V, 40 A short-circuit rugged IGBT
STGP10HF60KD STMICROELECTRONICS-STGP10HF60KD Datasheet
477Kb / 13P
   10 A - 600 V - short-circuit rugged IGBT
February 2012
STGF10NC60KD STMICROELECTRONICS-STGF10NC60KD_V01 Datasheet
1Mb / 30P
   10 A, 600 V short-circuit rugged IGBT
Rev 7 June 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com