Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDS3985PM26R Datasheet(PDF) 5 Page - STMicroelectronics

Part # LDS3985PM26R
Description  Ultra low drop-low noise BiCMOS 300 mA voltage regulator for use with very low ESR output capacitor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDS3985PM26R Datasheet(HTML) 5 Page - STMicroelectronics

  LDS3985PM26R Datasheet HTML 1Page - STMicroelectronics LDS3985PM26R Datasheet HTML 2Page - STMicroelectronics LDS3985PM26R Datasheet HTML 3Page - STMicroelectronics LDS3985PM26R Datasheet HTML 4Page - STMicroelectronics LDS3985PM26R Datasheet HTML 5Page - STMicroelectronics LDS3985PM26R Datasheet HTML 6Page - STMicroelectronics LDS3985PM26R Datasheet HTML 7Page - STMicroelectronics LDS3985PM26R Datasheet HTML 8Page - STMicroelectronics LDS3985PM26R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LDS3985xx
Typical application
Doc ID 11039 Rev 7
5/20
3
Typical application
Figure 3.
Typical application circuit


Similar Part No. - LDS3985PM26R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDS3985PM26R STMICROELECTRONICS-LDS3985PM26R Datasheet
337Kb / 13P
   ULTRA LOW DROP-LOW NOISE BICMOS 300mA V.REG. FOR USE WITH VERY LOW ESR OUTPUT CAPACITOR
More results

Similar Description - LDS3985PM26R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDS3985 STMICROELECTRONICS-LDS3985 Datasheet
337Kb / 13P
   ULTRA LOW DROP-LOW NOISE BICMOS 300mA V.REG. FOR USE WITH VERY LOW ESR OUTPUT CAPACITOR
LD3986 STMICROELECTRONICS-LD3986 Datasheet
230Kb / 12P
   DUAL ULTRA LOW DROP-LOW NOISE BICMOS VOLTAGE REG. FOR USE WITH VERY LOW ESR OUT. CAPACITORS
logo
National Semiconductor ...
LP2985 NSC-LP2985 Datasheet
478Kb / 21P
   Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
LP2978 NSC-LP2978_09 Datasheet
286Kb / 8P
   Micropower SOT, 50 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
logo
STMicroelectronics
LD3985 STMICROELECTRONICS-LD3985 Datasheet
393Kb / 14P
   ULTRA LOW DROP-LOW NOISE BICMOS VOLTAGE REGULATORS LOW ESR CAPACITORS COMPATIBLE
LD3985XX STMICROELECTRONICS-LD3985XX Datasheet
552Kb / 22P
   Ultra low drop-low noise BiCMOS voltage regulators low ESR capacitors compatible
logo
Unisonic Technologies
LD2985 UTC-LD2985_10 Datasheet
353Kb / 23P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP
LD2985 UTC-LD2985_11 Datasheet
353Kb / 23P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP.
logo
STMicroelectronics
LD39150 STMICROELECTRONICS-LD39150 Datasheet
459Kb / 19P
   Ultra low drop BICMOS voltage regulator
LD39080 STMICROELECTRONICS-LD39080 Datasheet
504Kb / 20P
   Ultra low drop BICMOS voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com