Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST1L02XX18 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST1L02XX18
Description  Very low quiescent BiCMOS voltage regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1L02XX18 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST1L02XX18 Datasheet HTML 7Page - STMicroelectronics ST1L02XX18 Datasheet HTML 8Page - STMicroelectronics ST1L02XX18 Datasheet HTML 9Page - STMicroelectronics ST1L02XX18 Datasheet HTML 10Page - STMicroelectronics ST1L02XX18 Datasheet HTML 11Page - STMicroelectronics ST1L02XX18 Datasheet HTML 12Page - STMicroelectronics ST1L02XX18 Datasheet HTML 13Page - STMicroelectronics ST1L02XX18 Datasheet HTML 14Page - STMicroelectronics ST1L02XX18 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
ST1L02xx
Typical characteristics
11/19
Figure 11.
Quiescent current vs temperature
Figure 12.
Quiescent current vs temperature
Figure 13.
Quiescent current vs temperature
Figure 14.
Quiescent current vs output current
Figure 15.
Supply voltage rejection vs
temperature
Figure 16.
Supply voltage rejection vs
frequency


Similar Part No. - ST1L02XX18

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1L04 STMICROELECTRONICS-ST1L04 Datasheet
558Kb / 11P
   LOW QUIESCENT CURRENT VOLTAGE REGULATOR
ST1L04PT STMICROELECTRONICS-ST1L04PT Datasheet
558Kb / 11P
   LOW QUIESCENT CURRENT VOLTAGE REGULATOR
ST1L05 STMICROELECTRONICS-ST1L05 Datasheet
1Mb / 30P
   Very low quiescent current BiCMOS voltage regulator
ST1L05APU33R STMICROELECTRONICS-ST1L05APU33R Datasheet
1Mb / 30P
   Very low quiescent current BiCMOS voltage regulator
ST1L05BPUR STMICROELECTRONICS-ST1L05BPUR Datasheet
1Mb / 30P
   Very low quiescent current BiCMOS voltage regulator
More results

Similar Description - ST1L02XX18

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1L05APU33R STMICROELECTRONICS-ST1L05APU33R Datasheet
1Mb / 30P
   Very low quiescent current BiCMOS voltage regulator
ST2L05 STMICROELECTRONICS-ST2L05 Datasheet
508Kb / 23P
   VERY LOW QUIESCENT CURRENT DUAL VOLTAGE REGULATOR
December 2004 Rev. 6
logo
NXP Semiconductors
TDA3661 PHILIPS-TDA3661 Datasheet
88Kb / 16P
   Very low dropout voltage/quiescent current adjustable voltage regulator
Rev. 05-28 June 2005
TDA3662 PHILIPS-TDA3662 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 3.0 V voltage regulator
2000 Apr 26
TDA3664 PHILIPS-TDA3664 Datasheet
88Kb / 16P
   Very low dropout voltage/quiescent current 5 V voltage regulator
1999 Sep 01
TDA3665 PHILIPS-TDA3665 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 8.5 V voltage regulator
2000 Apr 25
TDA3666 PHILIPS-TDA3666 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 10 V voltage regulator
2000 Apr 26
TDA3664 NXP-TDA3664 Datasheet
98Kb / 16P
   Very low dropout voltage/quiescent current 5 V voltage regulator
Rev. 07-25 June 2007
TDA3663 NXP-TDA3663 Datasheet
91Kb / 15P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator
Rev. 06-26 June 2007
TDA3663 PHILIPS-TDA3663 Datasheet
89Kb / 17P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator
Rev. 05-13 June 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com