Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PXI-4132 Datasheet(PDF) 1 Page - National Instruments Corporation

Part # PXI-4132
Description  100 V Precision Source Measure Unit (SMU)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

PXI-4132 Datasheet(HTML) 1 Page - National Instruments Corporation

  PXI-4132 Datasheet HTML 1Page - National Instruments Corporation PXI-4132 Datasheet HTML 2Page - National Instruments Corporation PXI-4132 Datasheet HTML 3Page - National Instruments Corporation PXI-4132 Datasheet HTML 4Page - National Instruments Corporation PXI-4132 Datasheet HTML 5Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
NI PXI-4132 NEW!
100 V Precision Source Measure Unit (SMU)
Analog Performance
Up to ±100 V and up to ±100 mA
4-quadrant operation
10 pA measurement sensitivity
Typical sensitivity better than 100 pA
at rates up to 1 kHz
Additional Features
Remote sense connections
for accurate voltage control
Guard terminals for removing leakage
currents from measurements
High-speed hardware sequencing
Triggering via the PXI backplane
Operating Systems
Windows Vista/XP/2000
Recommended Software
LabVIEW
LabVIEW Real-Time
LabWindows
/CVI
Measurement Studio
Other Compatible Software
Microsoft Visual Basic
C/C++
Driver Software (included)
NI-DCPower
Overview
The NI PXI-4132 is a programmable, high-precision source measure unit (SMU)
in a single-slot, 3U PXI module. It has a single, isolated SMU channel that offers
a four-quadrant, ±100 V output incorporating remote (4-wire) sense as well as
external guarding. This channel is capable of sourcing and sinking up to 2 W
maximum – as shown in Figure 1, it can operate at up to 100 V at up to 20 mA,
up to 40 V at up to 50 mA, and up to 20 V at up to 100 mA.
With measurement resolution down to 10 pA and integrated guarding, the
PXI-4132 precision source is ideal for high-accuracy leakage measurements on
integrated circuits, discrete components, PCBs, and cables. You can also perform
high-speed I-V measurements on a variety of components including diodes and
organic LEDs using the onboard hardware sequencing engine. In addition, you
can synchronize multiple PXI-4132 SMUs via the PXI backplane to provide high-
speed I-V measurements on transistors and more complex devices. For parallel
test applications, you can use up to 17 PXI-4132 modules in a single PXI chassis
for 17 high-precision SMU channels in a 19 in., 4U space.
V+
I+
I–
20 V 40 V
100 V
–40 to 20 V
–100 V
100 mA
50 mA
20 mA
–100 mA
–50 mA
–20 mA
V–
Quadrant I
Source
Quadrant II
Sink
Quadrant IV
Sink
Quadrant III
Source
Figure 1. PXI-4132 Quadrant Diagram
Item
Description
A
Output Status Indicator
LED
B
Sense Status Indicator
LED
C
Output Connector, Terminal 0
Output LO
D
Output Connector, Terminal 1
Sense LO
E
Output Connector, Terminal 2
Guard
F
Output Connector, Terminal 3
Output HI
G
Output Connector, Terminal 4
Guard
H
Output Connector, Terminal 5
Guard
I
Output Connector, Terminal 6
Guard
J
Output Connector, Terminal 7
Sense HI
K
Binding Post
Chassis Ground
Precision SMU
NI PXI-4132
REMOTE
SENSE
OUTPUT
STATUS
OUTPUT CAT I
LO
SENSE
LO
GUARD
HI
GUARD
SENSE
HI
100 VDC MAX
100 mA MAX
C
E
G
I
B
A
D
F
H
J
K
Figure 2. NI PXI-4132 Front Panel I/O Connector


Similar Part No. - PXI-4132

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXI-4110 NI-PXI-4110 Datasheet
613Kb / 5P
   3 independent DC power supplies/16-bit voltage setpoint and current limit
More results

Similar Description - PXI-4132

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
B2911A KEYSIGHT-B2911A Datasheet
5Mb / 24P
   B2900A Series Precision Source/Measure Unit
B2901A KEYSIGHT-B2901A Datasheet
5Mb / 24P
   B2900A Series Precision Source/Measure Unit
B2912A KEYSIGHT-B2912A Datasheet
5Mb / 24P
   B2900A Series Precision Source/Measure Unit
U2722A KEYSIGHT-U2722A Datasheet
2Mb / 15P
   Modular Source Measure Unit
logo
National Instruments Co...
NIPXI-4130 NI-NIPXI-4130 Datasheet
243Kb / 6P
   20 V, 2 A Source Measure Unit
logo
Keysight Technologies
U2723A KEYSIGHT-U2723A Datasheet
2Mb / 15P
   Modular Source Measure Unit
M9111A KEYSIGHT-M9111A Datasheet
1Mb / 11P
   PXIe High-Speed Source/Measure Unit
logo
Analog Devices
AD5520 AD-AD5520_15 Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520JSTZ AD-AD5520JSTZ Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520 AD-AD5520 Datasheet
763Kb / 20P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com