Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PZT3904T1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # PZT3904T1G
Description  General Purpose Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PZT3904T1G Datasheet(HTML) 1 Page - ON Semiconductor

  PZT3904T1G Datasheet HTML 1Page - ON Semiconductor PZT3904T1G Datasheet HTML 2Page - ON Semiconductor PZT3904T1G Datasheet HTML 3Page - ON Semiconductor PZT3904T1G Datasheet HTML 4Page - ON Semiconductor PZT3904T1G Datasheet HTML 5Page - ON Semiconductor PZT3904T1G Datasheet HTML 6Page - ON Semiconductor PZT3904T1G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
 Semiconductor Components Industries, LLC, 2010
October, 2010 -- Rev. 3
1
Publication Order Number:
PZT3904T1/D
PZT3904T1G
General Purpose Transistor
NPN Silicon
Features
These Devices are Pb--Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector -- Emitter Voltage
VCEO
40
Vdc
Collector -- Base Voltage
VCBO
60
Vdc
Emitter -- Base Voltage
VEBO
6.0
Vdc
Collector Current -- Continuous
IC
200
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation (Note 1)
TA =25C
PD
1.5
12
W
mW/C
Thermal Resistance Junction--to--Ambient
(Note 1)
RθJA
83.3
C/W
Thermal Resistance Junction--to--Lead #4
RθJA
35
C/W
Junction and Storage Temperature Range
TJ,Tstg
-- 55 to
+150
C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. FR-- 4 with 1 oz and 713 mm2 of copper area.
http://onsemi.com
COLLECTOR
2, 4
1
BASE
3
EMITTER
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
Device
Package
Shipping
ORDERING INFORMATION
PZT3904T1G
SOT--223
(Pb--Free)
1000 / Tape & Reel
SOT--223
CASE 318E
STYLE 1
MARKING
DIAGRAM
1
AYW
1AM G
G
1AM
= Specific Device Code
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb--Free Package
(Note: Microdot may be in either location)


Similar Part No. - PZT3904T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PZT3904T1G ONSEMI-PZT3904T1G Datasheet
147Kb / 7P
   General Purpose Transistor
September, 2013 ??Rev. 6
PZT3904T1G ONSEMI-PZT3904T1G_13 Datasheet
147Kb / 7P
   General Purpose Transistor
September, 2013 ??Rev. 6
More results

Similar Description - PZT3904T1G

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJX3904 FAIRCHILD-FJX3904 Datasheet
41Kb / 4P
   General Purpose Transistor
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
   General purpose transistor
logo
Unisonic Technologies
2SA1774 UTC-2SA1774 Datasheet
105Kb / 3P
   GENERAL PURPOSE TRANSISTOR
2SC4617 UTC-2SC4617 Datasheet
107Kb / 4P
   GENERAL PURPOSE TRANSISTOR
BCX70 UTC-BCX70 Datasheet
114Kb / 2P
   GENERAL PURPOSE TRANSISTOR
logo
STMicroelectronics
BC141-16 STMICROELECTRONICS-BC141-16 Datasheet
423Kb / 5P
   GENERAL PURPOSE TRANSISTOR
logo
Fairchild Semiconductor
KSP2222 FAIRCHILD-KSP2222 Datasheet
37Kb / 4P
   General Purpose Transistor
BCX70H FAIRCHILD-BCX70H_02 Datasheet
77Kb / 3P
   General Purpose Transistor
logo
Motorola, Inc
BCW65ALT1 MOTOROLA-BCW65ALT1 Datasheet
84Kb / 4P
   General Purpose Transistor
BCW68GLT1 MOTOROLA-BCW68GLT1 Datasheet
82Kb / 4P
   General Purpose Transistor
MPS3906 MOTOROLA-MPS3906 Datasheet
433Kb / 8P
   General Purpose Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com