Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8237-7009 Datasheet(PDF) 3 Page - 3M Electronics

Part # 8237-7009
Description  3M D Sub Plug Plug Connector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

8237-7009 Datasheet(HTML) 3 Page - 3M Electronics

  8237-7009 Datasheet HTML 1Page - 3M Electronics 8237-7009 Datasheet HTML 2Page - 3M Electronics 8237-7009 Datasheet HTML 3Page - 3M Electronics 8237-7009 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3Mconnector.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MD Sub Plug
Plug Connector
8200 Series
TS-0234-D
Sheet 3 of 3
Mounting Styles
.12
[ 3.0 ]
Through Hole
Dia
Standard
.07 Max
[ 1.78 ]
#4-40 UNC
Threaded Inserts
.12
[ 3.0 ]
.16
[ 4.06 ]
Strain Relief
(Order Separately)
Material: Stainless Steel
F
.242
[ 6.15 ]
+.000
-.010
.06
[ 1.5 ]
10° 0° Typ
Panel Cutout
A1
B1
R .032 Max. Typ
[ 0.81 ]
.120
[ 3.05 ]
F1
E1
Alternate
GI Radius
Typ
D1
C1
.060
[ 1.52 ]
Full Radius
Mounting
Method*
Contact
Quantity
Dimensions
A1
B1
C1
D1
E1
F1
G1
Front
9
.87
[ 22.1 ]
.44
[ 11.2 ]
.98
[ 24.9 ]
.49
[ 12.5 ]
.51
[13.0]
.26
[6.6]
.12
[3.0]
15
1.20
[ 30.5 ]
.60
[ 15.2 ]
1.31
[ 33.3 ]
.66
[ 16.8 ]
25
1.74
[ 44.2 ]
.87
[ 22.1 ]
1.85
[ 47.0 ]
.93
[ 23.6 ]
37
2.39
[ 60.7 ]
1.20
[ 30.5 ]
2.50
[ 63.5 ]
1.25
[ 31.8 ]
Rear
9
0.81
[ 20.6 ]
.40
[ 10.2 ]
.98
[ 25.0 ]
.49
[ 12.5 ]
0.45
[11.4]
0.22
[5.6]
.12
[3.0]
15
1.13
[ 28.7 ]
.57
[ 14.5 ]
1.31
[ 33.3 ]
.66
[ 16.8 ]
25
1.67
[ 42.4 ]
.84
[ 21.3 ]
1.85
[ 47.0 ]
.93
[ 23.6 ]
37
2.33
[ 59.2 ]
1.16
[ 29.5 ]
2.50
[ 63.5 ]
1.25
[ 31.8 ]
Front Mount-The connector is mounted in front of the panel.
Rear Mount-The connector is mounted behind the panel.


Similar Part No. - 8237-7009

ManufacturerPart #DatasheetDescription
logo
3M Electronics
8237-7000 3M-8237-7000 Datasheet
501Kb / 4P
   3M D Sub Plug
8237-7003 3M-8237-7003 Datasheet
501Kb / 4P
   3M D Sub Plug
8237-7004 3M-8237-7004 Datasheet
501Kb / 4P
   3M D Sub Plug
More results

Similar Description - 8237-7009

ManufacturerPart #DatasheetDescription
logo
3M Electronics
8209-6000 3M-8209-6000 Datasheet
501Kb / 4P
   3M D Sub Plug
926781-01-10-I 3M-926781-01-10-I Datasheet
254Kb / 5P
   3M??D Ribbon Wiremount Plug
3572-1000 3M-3572-1000 Datasheet
488Kb / 4P
   3M D Ribbon Wiremount Plug
3572-1000 3M-3572-1000_07 Datasheet
235Kb / 4P
   3M??D Ribbon Wiremount Plug
logo
Winchester Electronics ...
RM13W6P-1015 WINCHESTER-RM13W6P-1015 Datasheet
138Kb / 1P
   D-SUB PLUG CONNECTOR
RM13W6P-1016 WINCHESTER-RM13W6P-1016 Datasheet
134Kb / 1P
   D-SUB PLUG CONNECTOR
logo
Adam Technologies, Inc.
DB25-PJR-24 ADAM-TECH-DB25-PJR-24 Datasheet
87Kb / 1P
   D-SUB CONNECTOR PLUG
logo
Winchester Electronics ...
RM13W6P-1017 WINCHESTER-RM13W6P-1017 Datasheet
136Kb / 1P
   D-SUB PLUG CONNECTOR
logo
3M Electronics
89809-8000 3M-89809-8000 Datasheet
37Kb / 3P
   D Sub Plug Connector
logo
Winchester Electronics ...
RM21WA4P-1028 WINCHESTER-RM21WA4P-1028 Datasheet
182Kb / 1P
   D-SUB PLUG CONNECTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com