Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM8062 Datasheet(PDF) 8 Page - Linear Technology

Part # LTM8062
Description  32VIN, 2A 關Module Power Tracking Battery Charger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8062 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTM8062 Datasheet HTML 4Page - Linear Technology LTM8062 Datasheet HTML 5Page - Linear Technology LTM8062 Datasheet HTML 6Page - Linear Technology LTM8062 Datasheet HTML 7Page - Linear Technology LTM8062 Datasheet HTML 8Page - Linear Technology LTM8062 Datasheet HTML 9Page - Linear Technology LTM8062 Datasheet HTML 10Page - Linear Technology LTM8062 Datasheet HTML 11Page - Linear Technology LTM8062 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTM8062
8
8062f
8062 BD
VINA
8.2μH
SENSE
RESISTOR
10μF
0.1μF
0.1μF
RUN
VINREG
ADJ
TMR
NTC
BIAS
ADJ
GND
FAULT
CHRG
VIN
BAT
CURRENT
MODE
BATTERY
MANAGEMENT
CONTROLLER
INTERNAL
COMPENSATION
BLOCK DIAGRAM
The LTM8062 is a complete monolithic, mid-power, power
tracking battery charger, addressing high input voltage ap-
plications with solutions that use a minimum of external
components. The product can be programmed for float
voltages between 3.3V and 14.4V with just two external
resistors, operating under a 1MHz fixed frequency, average
current mode step-down architecture. A 2A power Schottky
diode is integrated within the μModule for reverse input
voltage protection. A wide input range allows the operation
to full charge from an input voltage up to 32V. A precision
threshold on the RUN pin allows the implementation of
a UVLO feature by using a simple resistor network. The
charger can also be put into a low current shutdown mode,
in which the input supply bias is reduced to only 15μA.
The LTM8062 employs an input voltage regulation loop,
which reduces charge current if a monitored input volt-
age falls below a programmed level. When the LTM8062
is powered by a solar panel, the input regulation loop
is used to maintain the panel at peak output power. The
LTM8062 automatically enters a battery precondition mode
if the sensed battery voltage is very low. In this mode,
the charge current is reduced to 300mA. Once the bat-
tery voltage climbs above the internally set precondition
threshold (2.3V at the ADJ pin), the μModule automati-
cally increases the maximum charge current to the full
programmed value.
The LTM8062 can use a charge current based C/10 termina-
tion scheme, which ends a charge cycle when the battery
charge current falls to one-tenth the programmed charge
current. The LTM8062 also contains an internal charge cycle
control timer, for timer-based termination. When using the
internal timer, the charge cycle can continue beyond the
C/10 level to top-off the battery. The charge cycle terminates
when the programmed time elapses, about three hours for
a 0.68μF timer capacitor. The CHRG status pin continues
to signal charging at a C/10 or greater rate, regardless of
OPERATION


Similar Part No. - LTM8062

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8062 LINER-LTM8062 Datasheet
357Kb / 28P
   36VIN, 5A, 2-Quadrant CVCC Step-Down
LTM8062/ LINER-LTM8062/ Datasheet
2Mb / 36P
   Dual 13A or Single 26A DC/DC 關Module Regulator
LTM8062A LINER-LTM8062A Datasheet
357Kb / 28P
   36VIN, 5A, 2-Quadrant CVCC Step-Down
LTM8062A LINER-LTM8062A Datasheet
2Mb / 36P
   Dual 13A or Single 26A DC/DC 關Module Regulator
LTM8062A LINER-LTM8062A Datasheet
469Kb / 28P
   de36VIN, 5A 關Module Regulator with 5-Output Configurable LDO Array
More results

Similar Description - LTM8062

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8062 LINER-LTM8062_15 Datasheet
708Kb / 24P
   32VIN, 2A Module Power Tracking Battery Chargers
LTM8062A LINER-LTM8062A_15 Datasheet
708Kb / 24P
   32VIN, 2A Module Power Tracking Battery Chargers
LT3652HV LINER-LT3652HV_15 Datasheet
302Kb / 24P
   Power Tracking 2A Battery Charger
LT3652HV LINER-LT3652HV Datasheet
256Kb / 24P
   Power Tracking 2A Battery Charger
LT3652 LINER-LT3652 Datasheet
260Kb / 26P
   Power Tracking 2A Battery Charger for Solar Power
LT3652 LINER-LT3652_15 Datasheet
280Kb / 26P
   Power Tracking 2A Battery Charger for Solar Power
LTM8061 LINER-LTM8061 Datasheet
208Kb / 20P
   32V, 2A 關Module Li-Ion/ Polymer Battery Charger
LTM8061 LINER-LTM8061_15 Datasheet
390Kb / 22P
   32V, 2A Module Li-Ion/ Polymer Battery Charger
logo
Advanced Analogic Techn...
AAT3697 ANALOGICTECH-AAT3697_08 Datasheet
748Kb / 19P
   2A Lithium-Ion/Polymer Battery Charger
AAT3697 ANALOGICTECH-AAT3697 Datasheet
1Mb / 22P
   2A Lithium-Ion/Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com