Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RU3A Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # RU3A
Description  FAST RECOVERY RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

RU3A Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  RU3A Datasheet HTML 1Page - EIC discrete Semiconductors RU3A Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( RU3 - RU3A )
FIG.1 - REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
FIG.2 - DERATING CURVE FOR OUTPUT
FIG.3 - MAXIMUM NON-REPETITIVE PEAK
RECTIFIED CURRENT
FORWARD SURGE CURRENT
0
25
50
75
100
125
150
175
1
2
4
6
10
20
40
60
100
AMBIENT TEMPERATURE, (
°C)
NUMBER OF CYCLES AT 50Hz
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
FIG.5 - TYPICAL REVERSE CHARACTERISTICS
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Page 2 of 2
Rev. 01 : September 5, 2005
Ta = 25
°C
1.2
0.9
0.6
0.3
1.5
10
10
1.0
16
0
20
0
12
8
4
1.0
80
0.01
0.1
0.1
100
140
0
20
40
60
120
PERCENT OF RATED REVERSE VOLTAGE, (%)
TJ = 25
°C
TJ = 100
°C
20
µS
200
µS
FORWARD VOLTAGE, VOLTS
0.01
Trr
0.1 IRP
NOTE : IF = IRP = 10 mA TO 1 mA
specimen
100 µF


Similar Part No. - RU3A

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RU3A SANKEN-RU3A Datasheet
22Kb / 1P
   Fast-Recovery Rectifier Diodes
RU3A SANKEN-RU3A Datasheet
78Kb / 2P
   Fast-Recovery Rectifier Diodes
logo
Rugao Dachang Electroni...
RU3A DACHANG-RU3A Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 400 to 1000V Forward Current 1.5A
logo
Shenzhen Taychipst Elec...
RU3A TAYCHIPST-RU3A Datasheet
4Mb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
SUNMATE electronic Co.,...
RU3A SUNMATE-RU3A Datasheet
299Kb / 2P
   HIGH EFFICENCY RECTIFIER DIODES
More results

Similar Description - RU3A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
FR201 EIC-FR201 Datasheet
47Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
MR850 EIC-MR850 Datasheet
47Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
RU2 EIC-RU2 Datasheet
39Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
RU3 EIC-RU3 Datasheet
39Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
logo
Sanken electric
RC2 SANKEN-RC2 Datasheet
19Kb / 1P
   Fast-Recovery Rectifier Diodes
RS1A SANKEN-RS1A Datasheet
22Kb / 1P
   Fast-Recovery Rectifier Diodes
RU3M SANKEN-RU3M Datasheet
23Kb / 1P
   Fast-Recovery Rectifier Diodes
logo
EIC discrete Semiconduc...
FR301 EIC-FR301 Datasheet
47Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
logo
Sanken electric
AS01Z SANKEN-AS01Z Datasheet
26Kb / 1P
   Fast-Recovery Rectifier Diodes
FMU-G16S SANKEN-FMU-G16S Datasheet
21Kb / 1P
   Fast-Recovery Rectifier Diodes
logo
STMicroelectronics
BYT60P-1000 STMICROELECTRONICS-BYT60P-1000 Datasheet
89Kb / 7P
   FAST RECOVERY RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com