Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSD813F3A-70MIT Datasheet(PDF) 11 Page - STMicroelectronics

Part # PSD813F3A-70MIT
Description  Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F3A-70MIT Datasheet(HTML) 11 Page - STMicroelectronics

Back Button PSD813F3A-70MIT Datasheet HTML 7Page - STMicroelectronics PSD813F3A-70MIT Datasheet HTML 8Page - STMicroelectronics PSD813F3A-70MIT Datasheet HTML 9Page - STMicroelectronics PSD813F3A-70MIT Datasheet HTML 10Page - STMicroelectronics PSD813F3A-70MIT Datasheet HTML 11Page - STMicroelectronics PSD813F3A-70MIT Datasheet HTML 12Page - STMicroelectronics PSD813F3A-70MIT Datasheet HTML 13Page - STMicroelectronics PSD813F3A-70MIT Datasheet HTML 14Page - STMicroelectronics PSD813F3A-70MIT Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 128 page
background image
PSD8XXFX
Summary description
Doc ID 7833 Rev 7
11/128
1
Summary description
The PSD8XXFX family of memory systems for microcontrollers (MCUs) brings in-system-
programmability (ISP) to Flash memory and programmable logic. The result is a simple and
flexible solution for embedded designs. PSD devices combine many of the peripheral
functions found in MCU based applications.
Table 2 summarizes all the devices.
The CPLD in the PSD devices features an optimized macrocell logic architecture. The PSD
macrocell was created to address the unique requirements of embedded system designs. It
allows direct connection between the system address/data bus, and the internal PSD
registers, to simplify communication between the MCU and other supporting devices.
The PSD device includes a JTAG serial programming interface, to allow in-system
programming (ISP) of the entire device. This feature reduces development time, simplifies
the manufacturing flow, and dramatically lowers the cost of field upgrades. Using ST’s
special Fast-JTAG programming, a design can be rapidly programmed into the PSD in as
little as seven seconds.
The innovative PSD8XXFX family solves key problems faced by designers when managing
discrete Flash memory devices, such as:
First-time in-system programming (ISP)
Complex address decoding
Simultaneous read and write to the device.
The JTAG Serial Interface block allows in-system programming (ISP), and eliminates the
need for an external Boot EPROM, or an external programmer. To simplify Flash memory
updates, program execution is performed from a secondary Flash memory while the primary
Flash memory is being updated. This solution avoids the complicated hardware and
software overhead necessary to implement IAP.
ST makes available a software development tool, PSDsoft™ Express, that generates ANSI-
C compliant code for use with your target MCU. This code allows you to manipulate the non-
volatile memory (NVM) within the PSD. Code examples are also provided for:
Flash memory IAP via the UART of the host MCU
Memory paging to execute code across several PSD memory pages
Loading, reading, and manipulation of PSD macrocells by the MCU.
Table 2.
Product range
Part number(1)
Primary Flash
memory
(8 sectors)
Secondary
Flash memory
(4 sectors)
SRAM
I/O
ports
Number of
macrocells
Serial ISP
JTAG/ISC
port
Turbo
mode
Input
Output
PSD813F2
1 Mbit
256 Kbit
16 Kbit
27
24
16
yes
yes
PSD813F4
1 Mbit
256 Kbit
none
27
24
16
yes
yes
PSD813F5
1 Mbit
none
none
27
24
16
yes
yes
PSD833F2
1 Mbit
256 Kbit
64 Kbit
27
24
16
yes
yes
PSD834F2
2 Mbit
256 Kbit
64 Kbit
27
24
16
yes
yes


Similar Part No. - PSD813F3A-70MIT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD813F3A-70MIT STMICROELECTRONICS-PSD813F3A-70MIT Datasheet
1Mb / 103P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
More results

Similar Description - PSD813F3A-70MIT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD813F1A STMICROELECTRONICS-PSD813F1A Datasheet
1Mb / 111P
   Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
PSD813F2 STMICROELECTRONICS-PSD813F2 Datasheet
1Mb / 103P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD813F1-A STMICROELECTRONICS-PSD813F1-A Datasheet
563Kb / 120P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD913F2 STMICROELECTRONICS-PSD913F2 Datasheet
476Kb / 94P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD813F2V STMICROELECTRONICS-PSD813F2V_09 Datasheet
914Kb / 109P
   Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 3.3 V
PSD813F2 STMICROELECTRONICS-PSD813F2 Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
June 2004
PSD813F1 STMICROELECTRONICS-PSD813F1 Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
PSD813F1V STMICROELECTRONICS-PSD813F1V Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 3.3V
PSD4256G6V STMICROELECTRONICS-PSD4256G6V Datasheet
756Kb / 100P
   Flash In-System Programmable (ISP) Peripherals for 16-bit MCUs
PSD4235G2V STMICROELECTRONICS-PSD4235G2V_09 Datasheet
917Kb / 124P
   Flash in-system programmable (ISP) peripherals for 16-bit MCUs (3.3 V supply)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com