Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U2100 Datasheet(PDF) 68 Page - Intel Corporation

Part # U2100
Description  Intel Core2 Duo Mobile Processor for Intel Centrino Duo Mobile Processor Technology
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

U2100 Datasheet(HTML) 68 Page - Intel Corporation

Back Button U2100 Datasheet HTML 64Page - Intel Corporation U2100 Datasheet HTML 65Page - Intel Corporation U2100 Datasheet HTML 66Page - Intel Corporation U2100 Datasheet HTML 67Page - Intel Corporation U2100 Datasheet HTML 68Page - Intel Corporation U2100 Datasheet HTML 69Page - Intel Corporation U2100 Datasheet HTML 70Page - Intel Corporation U2100 Datasheet HTML 71Page - Intel Corporation U2100 Datasheet HTML 72Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 91 page
background image
Package Mechanical Specifications and Pin Information
68
Datasheet
E1
DBSY#
Common
Clock
Input/
Output
E2
BNR#
Common
Clock
Input/
Output
E3
VSS
Power/Other
E4
HITM#
Common
Clock
Input/
Output
E5
DPRSTP#
CMOS
Input
E6
VSS
Power/Other
E7
VCC
Power/Other
E8
VSS
Power/Other
E9
VCC
Power/Other
E10
VCC
Power/Other
E11
VSS
Power/Other
E12
VCC
Power/Other
E13
VCC
Power/Other
E14
VSS
Power/Other
E15
VCC
Power/Other
E16
VSS
Power/Other
E17
VCC
Power/Other
E18
VCC
Power/Other
E19
VSS
Power/Other
E20
VCC
Power/Other
E21
VSS
Power/Other
E22
D[0]#
Source
Synch
Input/
Output
E23
D[7]#
Source
Synch
Input/
Output
E24
VSS
Power/Other
E25
D[6]#
Source
Synch
Input/
Output
E26
D[2]#
Source
Synch
Input/
Output
F1
BR0#
Common
Clock
Input/
Output
F2
VSS
Power/Other
F3
RS[0]#
Common
Clock
Input
Table 15.
Pin Listing by Pin Number
(Sheet 9 of 17)
Pin
Number
Pin Name
Signal
Buffer
Type
Direction
F4
RS[1]#
Common
Clock
Input
F5
VSS
Power/Other
F6
RSVD
Reserved
F7
VCC
Power/Other
F8
VSS
Power/Other
F9
VCC
Power/Other
F10
VCC
Power/Other
F11
VSS
Power/Other
F12
VCC
Power/Other
F13
VSS
Power/Other
F14
VCC
Power/Other
F15
VCC
Power/Other
F16
VSS
Power/Other
F17
VCC
Power/Other
F18
VCC
Power/Other
F19
VSS
Power/Other
F20
VCC
Power/Other
F21
DRDY#
Common
Clock
Input/
Output
F22
VSS
Power/Other
F23
D[4]#
Source
Synch
Input/
Output
F24
D[1]#
Source
Synch
Input/
Output
F25
VSS
Power/Other
F26
D[13]#
Source
Synch
Input/
Output
G1
VSS
Power/Other
G2
TRDY#
Common
Clock
Input
G3
RS[2]#
Common
Clock
Input
G4
VSS
Power/Other
G5
BPRI#
Common
Clock
Input
G6
HIT#
Common
Clock
Input/
Output
G21
VCCP
Power/Other
Table 15.
Pin Listing by Pin Number
(Sheet 10 of 17)
Pin
Number
Pin Name
Signal
Buffer
Type
Direction


Similar Part No. - U2100

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2100B TEMIC-U2100B Datasheet
129Kb / 9P
   Timer Control for Triac and Relay
logo
ATMEL Corporation
U2100B ATMEL-U2100B Datasheet
262Kb / 14P
   Timer Control for Triac and Relay
logo
List of Unclassifed Man...
U2100B ETC2-U2100B Datasheet
213Kb / 13P
   Timer Control for Triac and Relay
U2100B-MFP ETC2-U2100B-MFP Datasheet
213Kb / 13P
   Timer Control for Triac and Relay
logo
ATMEL Corporation
U2100B-XFPG3Y ATMEL-U2100B-XFPG3Y Datasheet
262Kb / 14P
   Timer Control for Triac and Relay
More results

Similar Description - U2100

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
DVS-355M ADVANTECH-DVS-355M Datasheet
395Kb / 2P
   Embedded/Mobile Digital Video Platform with Intel Core Duo Mobile Processor
logo
Axiomtek Co., Ltd.
SHB210 AXIOMTEK-SHB210_17 Datasheet
284Kb / 1P
   Socket M for Intel Core2 Duo and Celeron M Processor
logo
Advantech Co., Ltd.
DVS-355Z ADVANTECH-DVS-355Z Datasheet
235Kb / 2P
   Rugged Vehicle/Embedded Platform with Intel Core Duo Mobile Processor
DSA-3400 ADVANTECH-DSA-3400 Datasheet
443Kb / 2P
   Network Digital Signage Platform with Intel Core??2 Duo Mobile Processor
logo
Intel Corporation
313278-008 INTEL-313278-008 Datasheet
1Mb / 118P
   Intel Core2 Extreme Processor
QX9775 INTEL-QX9775 Datasheet
987Kb / 90P
   Intel Core2 Extreme Processor
logo
BOSER Technology Co., L...
HS-1760 BOSER-HS-1760 Datasheet
97Kb / 1P
   Intel Core 2 Duo/Celeron M processor
logo
List of Unclassifed Man...
CT-60 ETC2-CT-60 Datasheet
233Kb / 1P
   Rugged Conduction Cooled 6U CompactPCI Processor Blade with 45nm Intel Core2 Duo
logo
Intel Corporation
250686-007 INTEL-250686-007 Datasheet
5Mb / 97P
   Mobile Intel Pentium4 Processor-M
logo
BOSER Technology Co., L...
HS-1743 BOSER-HS-1743 Datasheet
95Kb / 1P
   Intel Core 2 Duo/Celeron짰 M processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com