Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L7700 Datasheet(PDF) 8 Page - Intel Corporation

Part # L7700
Description  Core2 Duo Processors and Core2 Extreme Processors for Platforms Based on Mobile 965 Express Chipset Family
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

L7700 Datasheet(HTML) 8 Page - Intel Corporation

Back Button L7700 Datasheet HTML 4Page - Intel Corporation L7700 Datasheet HTML 5Page - Intel Corporation L7700 Datasheet HTML 6Page - Intel Corporation L7700 Datasheet HTML 7Page - Intel Corporation L7700 Datasheet HTML 8Page - Intel Corporation L7700 Datasheet HTML 9Page - Intel Corporation L7700 Datasheet HTML 10Page - Intel Corporation L7700 Datasheet HTML 11Page - Intel Corporation L7700 Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 87 page
background image
Introduction
8
Datasheet
1.1
Terminology
Term
Definition
#
A “#” symbol after a signal name refers to an active low signal, indicating a
signal is in the active state when driven to a low level. For example, when
RESET# is low, a reset has been requested. Conversely, when NMI is high,
a nonmaskable interrupt has occurred. In the case of signals where the
name does not imply an active state but describes part of a binary
sequence (such as address or data), the “#” symbol implies that the signal
is inverted. For example, D[3:0] = “HLHL” refers to a hex ‘A’, and D[3:0]#
= “LHLH” also refers to a hex “A” (H= High logic level, L= Low logic level).
XXXX means that the specification or value is yet to be determined.
Front Side Bus
(FSB)
Refers to the interface between the processor and system core logic (also
known as the chipset components).
AGTL+
Advanced Gunning Transceiver Logic. Used to refer to Assisted GTL+
signaling technology on some Intel processors.
Storage
Conditions
Refers to a non-operational state. The processor may be installed in a
platform, in a tray, or loose. Processors may be sealed in packaging or
exposed to free air. Under these conditions, processor landings should not
be connected to any supply voltages, have any I/Os biased or receive any
clocks. Upon exposure to “free air” (i.e., unsealed packaging or a device
removed from packaging material) the processor must be handled in
accordance with moisture sensitivity labeling (MSL) as indicated on the
packaging material.
Enhanced Intel
SpeedStep®
Technology
Technology that provides power management capabilities to laptops.
Processor Core
Processor core die with integrated L1 and L2 cache. All AC timing and
signal integrity specifications are at the pads of the processor core.
Intel® 64
Technology
64-bit memory extensions to the IA-32 architecture.
Intel®
Virtualization
Technology
Processor virtualization which when used in conjunction with Virtual
Machine Monitor software enables multiple, robust independent software
environments inside a single platform.
TDP
Thermal Design Power
VCC
The processor core power supply
VSS
The processor ground


Similar Part No. - L7700

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L7726 HAMAMATSU-L7726 Datasheet
153Kb / 2P
   Emitter/receiver for 156 Mbps POF communications
L7726 HAMAMATSU-L7726 Datasheet
61Kb / 2P
   Red LED for optical link Emitter for 156 Mbps POF communications
L7726 HAMAMATSU-L7726_06 Datasheet
61Kb / 2P
   Red LED for optical link Emitter for 156 Mbps POF communications
L7727 HAMAMATSU-L7727 Datasheet
153Kb / 2P
   Emitter/receiver for 156 Mbps POF communications
logo
Amphenol Corporation
L777-RR-A15P AMPHENOL-L777-RR-A15P Datasheet
112Kb / 1P
   STAMPED AND FORMED CONNECTOR, RR SERIES
More results

Similar Description - L7700

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
X9000 INTEL-X9000 Datasheet
1Mb / 77P
   Core2 Duo Processor and Core2 Extreme Processor on 45-nm Process
T7600 INTEL-T7600 Datasheet
1Mb / 91P
   Intel Core2 Duo Mobile Processor for Intel Centrino Duo Mobile Processor Technology
X6800 INTEL-X6800 Datasheet
1Mb / 122P
   Core2 Extreme Processor
QX9775 INTEL-QX9775 Datasheet
987Kb / 90P
   Intel Core2 Extreme Processor
313278-008 INTEL-313278-008 Datasheet
1Mb / 118P
   Intel Core2 Extreme Processor
logo
Axiomtek Co., Ltd.
SHB210 AXIOMTEK-SHB210_17 Datasheet
284Kb / 1P
   Socket M for Intel Core2 Duo and Celeron M Processor
logo
Protech Systems Co., Lt...
BPC-8090 PROTECHSYSTEMS-BPC-8090 Datasheet
474Kb / 2P
   High Performance Core2 Duo Book Size PC
logo
Axiomtek Co., Ltd.
IMB201 AXIOMTEK-IMB201 Datasheet
238Kb / 1P
   LGA775 Intel Core2 Duo ATX Industrial Motherboard with Intel Q965 ICH8 Chipset, Dual LANs and Audio
IMB203 AXIOMTEK-IMB203 Datasheet
509Kb / 1P
   LGA775 Intel Core2 Duo ATX Industrial Motherboard with Intel Q45 ICH10DO Chipset, iAMT, iTPM and RAID
logo
List of Unclassifed Man...
PXI-3920 ETC2-PXI-3920 Datasheet
698Kb / 2P
   3U Intel Core2 Duo T7500 2.2GHz/ Pentium M 760 Single-Core Processor-based PXI Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com