Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3449 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SK3449
Description  DC / DC Converter Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK3449 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SK3449 Datasheet HTML 1Page - Sanyo Semicon Device 2SK3449 Datasheet HTML 2Page - Sanyo Semicon Device 2SK3449 Datasheet HTML 3Page - Sanyo Semicon Device 2SK3449 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SK3449
No.6672-3/4
0
0
1
2
3
4
5
6
7
8
4.5
4.0
3.0
1.0
2.0
2.5
3.5
0.5
1.5
9
10
VDS=10V
ID=4.8A
IT01220
0
0
20
40
0.2
60
0.4
0.6
80
100
120
0.8
1.0
1.2
140
160
IT02451
0
1.0
10
100
10
20
1000
7
5
3
2
7
5
3
2
7
5
3
2
60
30
40
50
f=1MHz
Ciss
Coss
Crss
IT01219
1.0
100
7
5
3
2
10
7
5
3
2
IT02549
0
0
20
40
2
60
4
6
80
100
120
8
10
12
140
160
IT02452
0.1
1.0
23
5
7
72
3
5
VDD=30V
VGS=10V
td(on)
td(off)
tr
tf
IT01216
0.01
0.1
0.1
1.0
23
5
7
23
5
7
23
5
7
10
1.0
7
5
3
2
7
5
3
2
10
VDS=10V
75
°C
25
°C
Tc=
--25
°C
IT01217
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
0.01
0.1
10
1.0
7
5
3
2
7
5
3
2
7
5
3
2
VGS = 0
100ms
DC
operation
10ms
1ms
IDP=19.2A
2
3
2
3
5
7
2
3
5
7
10
1.0
0.1
23
5
7
2
3
2
3
57
0.1
1.0
10
57 100
IT02450
Operation in
this area is
limited by RDS(on).
100
µ
s
ID=4.8A
<10
µs
Drain Current, ID -- A
SW Time -- ID
Amibient Tamperature, Ta --
°C
VGS -- Qg
PD -- Ta
Case Tamperature, Tc --
°C
PD -- Tc
Total Gate Charge, Qg -- nC
Ciss, Coss, Crss -- VDS
Drain-to-Source Voltage, VDS -- V
|
yfs| -- ID
Drain Current, ID -- A
IF -- VSD
Diode Forward Voltage, VSD -- V
A S O
Drain-to-Source Voltage, VDS -- V
Tc=25
°C
Single pulse


Similar Part No. - 2SK3449

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3440 TOSHIBA-2SK3440 Datasheet
320Kb / 6P
   Switching Regulator, DC-DC Converter Applications Motor Drive Applications
2SK3440 TOSHIBA-2SK3440 Datasheet
187Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter Applications
2SK3440 TOSHIBA-2SK3440 Datasheet
188Kb / 6P
   Switching Regulator, DC-DC Converter Applications
2SK3440 TOSHIBA-2SK3440_06 Datasheet
187Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter Applications
2SK3440 TOSHIBA-2SK3440_09 Datasheet
188Kb / 6P
   Switching Regulator, DC-DC Converter Applications
More results

Similar Description - 2SK3449

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FP302 SANYO-FP302 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FP303 SANYO-FP303 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FSS216 SANYO-FSS216 Datasheet
146Kb / 4P
   DC/DC Converter Applications
CPH3206 SANYO-CPH3206 Datasheet
41Kb / 4P
   DC/DC Converter Applications
CPH5501 SANYO-CPH5501 Datasheet
58Kb / 6P
   DC/DC Converter Applications
CPH5704 SANYO-CPH5704 Datasheet
53Kb / 5P
   DC/DC Converter Applications
CPH6501 SANYO-CPH6501 Datasheet
30Kb / 4P
   DC / DC Converter Applications
CPH6801 SANYO-CPH6801 Datasheet
56Kb / 5P
   DC/DC Converter Applications
CPH3109 SANYO-CPH3109 Datasheet
55Kb / 5P
   DC/DC Converter Applications
MCH6103 SANYO-MCH6103 Datasheet
49Kb / 5P
   DC/DC Converter Applications
2SA2044 SANYO-2SA2044 Datasheet
37Kb / 5P
   DC / DC Converter Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com