Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T1400 Datasheet(PDF) 3 Page - Intel Corporation

Part # T1400
Description  Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

T1400 Datasheet(HTML) 3 Page - Intel Corporation

  T1400 Datasheet HTML 1Page - Intel Corporation T1400 Datasheet HTML 2Page - Intel Corporation T1400 Datasheet HTML 3Page - Intel Corporation T1400 Datasheet HTML 4Page - Intel Corporation T1400 Datasheet HTML 5Page - Intel Corporation T1400 Datasheet HTML 6Page - Intel Corporation T1400 Datasheet HTML 7Page - Intel Corporation T1400 Datasheet HTML 8Page - Intel Corporation T1400 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 91 page
background image
Datasheet
3
Contents
1Introduction ..............................................................................................................7
1.1
Terminology .......................................................................................................9
1.2
References .........................................................................................................9
2
Low Power Features ................................................................................................ 11
2.1
Clock Control and Low Power States .................................................................... 11
2.1.1
Core Low-Power States ........................................................................... 13
2.1.1.1
C0 State .................................................................................. 13
2.1.1.2
C1/AutoHALT Powerdown State .................................................. 13
2.1.1.3
C1/MWAIT Powerdown State ...................................................... 13
2.1.1.4
Core C2 State........................................................................... 13
2.1.1.5
Core C3 State........................................................................... 14
2.1.1.6
Core C4 State........................................................................... 14
2.1.2
Package Low Power States ...................................................................... 14
2.1.2.1
Normal State............................................................................ 14
2.1.2.2
Stop-Grant State ...................................................................... 14
2.1.2.3
Stop Grant Snoop State ............................................................. 15
2.1.2.4
Sleep State .............................................................................. 15
2.1.2.5
Deep Sleep State ...................................................................... 16
2.1.2.6
Deeper Sleep State ................................................................... 16
2.2
Enhanced Intel SpeedStep® Technology .............................................................. 17
2.3
Extended Low Power States ................................................................................ 18
2.4
FSB Low Power Enhancements ............................................................................ 19
2.5
Processor Power Status Indicator (PSI#) Signal..................................................... 19
3
Electrical Specifications ........................................................................................... 21
3.1
Power and Ground Pins ...................................................................................... 21
3.2
FSB Clock (BCLK[1:0]) and Processor Clocking...................................................... 21
3.3
Voltage Identification ......................................................................................... 21
3.4
Catastrophic Thermal Protection .......................................................................... 24
3.5
Signal Terminations and Unused Pins ................................................................... 25
3.6
FSB Frequency Select Signals (BSEL[2:0])............................................................ 25
3.7
FSB Signal Groups............................................................................................. 25
3.8
CMOS Signals ................................................................................................... 27
3.9
Maximum Ratings.............................................................................................. 27
3.10 Processor DC Specifications ................................................................................ 28
4
Package Mechanical Specifications and Pin Information .......................................... 41
4.1
Package Mechanical Specifications ....................................................................... 41
4.1.1
Package Mechanical Drawings .................................................................. 41
4.1.2
Processor Component Keep-Out Zones...................................................... 46
4.1.3
Package Loading Specifications ................................................................ 46
4.1.4
Processor Mass Specifications .................................................................. 46
4.2
Processor Pinout and Pin List .............................................................................. 47
4.3
Alphabetical Signals Reference ............................................................................ 49
5
Thermal Specifications and Design Considerations .................................................. 79
5.1
Thermal Specifications ....................................................................................... 85
5.1.1
Thermal Diode ....................................................................................... 85
5.1.2
Thermal Diode Offset .............................................................................. 87
5.1.3
Intel® Thermal Monitor........................................................................... 87
5.1.4
Digital Thermal Sensor (DTS)................................................................... 89
5.1.5
Out of Specification Detection .................................................................. 90


Similar Part No. - T1400

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T140000 E-SWITCH-T140000 Datasheet
50Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
logo
Infineon Technologies A...
T1400N16H75 INFINEON-T1400N16H75 Datasheet
453Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2021-05-11 Revision: 3.1
More results

Similar Description - T1400

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXI-8105 NI-PXI-8105 Datasheet
519Kb / 6P
   Intel Core Duo Processor T2500(2.0 GHz dual core)
logo
BOSER Technology Co., L...
HS-1743 BOSER-HS-1743 Datasheet
95Kb / 1P
   Intel Core 2 Duo/Celeron짰 M processor
HS-1760 BOSER-HS-1760 Datasheet
97Kb / 1P
   Intel Core 2 Duo/Celeron M processor
logo
National Instruments Co...
PXIE-8108 NI-PXIE-8108 Datasheet
732Kb / 7P
   Intel Core 2 Duo T9400 processor(2.53 GHz dual core)
PXI-8108 NI-PXI-8108 Datasheet
720Kb / 7P
   Intel Core 2 Duo T9400 processor(2.53 GHz dual core)
PXI-8106 NI-PXI-8106 Datasheet
774Kb / 7P
   Intel Core 2 Duo processor T7400(2.16 GHz dual core)
logo
AAEON Technology
EMB-945T AAEON-EMB-945T Datasheet
373Kb / 2P
   Embedded Motherboard with Intel Core 2 Duo/ Core Duo/ Celeron M Processor
PCM-9452 AAEON-PCM-9452 Datasheet
358Kb / 2P
   Compact Board with Intel Core 2 Duo/ Core Duo/ Celeron M Processor
EMB-9458T AAEON-EMB-9458T Datasheet
296Kb / 2P
   Embedded Motherboard with Intel Core 2 Duo/ Core Duo/ Celeron M Processor
IMBM-935 AAEON-IMBM-935 Datasheet
395Kb / 2P
   Industrial Motherboard with Intel Core 2 Quad/ Core 2 Duo Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com