Electronic Components Datasheet Search |
|
2SK3415LS Datasheet(PDF) 1 Page - Sanyo Semicon Device |
|
2SK3415LS Datasheet(HTML) 1 Page - Sanyo Semicon Device |
1 / 4 page 2SK3415LS No.7153-1/4 SANYO Electric Co.,Ltd. Semiconductor Company TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN Ordering number : ENN7153 2SK3415LS Package Dimensions unit : mm 2078C [2SK3415LS] 11502 TS IM TA-3299 N-Channel Silicon MOSFET DC / DC Converter, Motor Driver Applications Specifications Absolute Maximum Ratings at Ta=25 °C Parameter Symbol Conditions Ratings Unit Drain-to-Source Voltage VDSS 60 V Gate-to-Source Voltage VGSS ±20 V Drain Current (DC) ID 40 A Drain Current (Pulse) IDP PW ≤10µs, duty cycle≤1% 160 A Allowable Power Dissipation PD 2.0 W Tc=25 °C35 W Channel Temperature Tch 150 °C Storage Temperature Tstg --55 to +150 °C Electrical Characteristics at Ta=25 °C Ratings Parameter Symbol Conditions min typ max Unit Drain-to-Source Breakdown Voltage V(BR)DSS ID=1mA, VGS=0 60 V Zero-Gate Voltage Drain Current IDSS VDS=60V, VGS=0 10 µA Gate-to-Source Leakage Current IGSS VGS=±16V, VDS=0 ±10 µA Cutoff Voltage VGS(off) VDS=10V, ID=1mA 1.0 2.4 V Forward Transfer Admittance yfs VDS=10V, ID=20A 30 42 S RDS(on)1 ID=20A, VGS=10V 13 17 m Ω Static Drain-to-Source On-State Resistance RDS(on)2 ID=20A, VGS=4V 17 24 m Ω Continued on next page. Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO products described or contained herein. 1 : Gate 2 : Drain 3 : Source SANYO : TO-220FI(LS) 0.7 2.55 2.55 1.2 0.9 0.75 1.2 4.5 2.8 12 3 10.0 3.2 Features • Low ON-resistance. • 4V drive. |
Similar Part No. - 2SK3415LS |
|
Similar Description - 2SK3415LS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |