Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

390 Datasheet(PDF) 56 Page - Intel Corporation

Part # 390
Description  Celeron M Processor on 90 nm Process
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

390 Datasheet(HTML) 56 Page - Intel Corporation

Back Button 390 Datasheet HTML 52Page - Intel Corporation 390 Datasheet HTML 53Page - Intel Corporation 390 Datasheet HTML 54Page - Intel Corporation 390 Datasheet HTML 55Page - Intel Corporation 390 Datasheet HTML 56Page - Intel Corporation 390 Datasheet HTML 57Page - Intel Corporation 390 Datasheet HTML 58Page - Intel Corporation 390 Datasheet HTML 59Page - Intel Corporation 390 Datasheet HTML 60Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 68 page
background image
Package Mechanical Specifications and Pin Information
56
Datasheet
BPRI#
Input
BPRI# (Bus Priority Request) is used to arbitrate for ownership of the
FSB. It must connect the appropriate pins of both FSB agents.
Observing BPRI# active (as asserted by the priority agent) causes
the other agent to stop issuing new requests, unless such requests
are part of an ongoing locked operation. The priority agent keeps
BPRI# asserted until all of its requests are completed, then releases
the bus by deasserting BPRI#.
BR0#
Input/
Output
BR0# is used by the processor to request the bus. The arbitration is
done between Celeron M (Symmetric Agent) and Intel® 915/910
Express Chipset and Intel® 852/855 Chipset families (High Priority
Agent).
BSEL[1:0]
Output
The BSEL[1:0] signals are used to select the frequency of the
processor input clock(BCLK[1:0]. These signals should be connected
to the clock chip and Intel 915GM/GMS/PM & 910GML Express
Chipsets on the platform.
These signals must be left unconnected on Intel 852/855 Chipset
family-based platforms.
COMP[3:0]
Analog
COMP[3:0] must be terminated on the system board using precision
(1% tolerance) resistors.
D[63:0]#
Input/
Output
D[63:0]# (Data) are the data signals. These signals provide a 64-bit
data path between the FSB agents, and must connect the
appropriate pins on both agents. The data driver asserts DRDY# to
indicate a valid data transfer.
D[63:0]# are quad-pumped signals and will thus be driven four
times in a common clock period. D[63:0]# are latched off the falling
edge of both DSTBP[3:0]# and DSTBN[3:0]#. Each group of 16 data
signals correspond to a pair of one DSTBP# and one DSTBN#. The
following table shows the grouping of data signals to data strobes
and DINV#.
Furthermore, the DINV# pins determine the polarity of the data
signals. Each group of 16 data signals corresponds to one DINV#
signal. When the DINV# signal is active, the corresponding data
group is inverted and therefore sampled active high.
DBR#
Output
DBR# (Data Bus Reset) is used only in processor systems where no
debug port is implemented on the system board. DBR# is used by a
debug port interposer so that an in-target probe can drive system
reset. If a debug port is implemented in the system, DBR# is a no
connect in the system. DBR# is not a processor signal.
Table 16.
Signal Description (Sheet 2 of 8)
Name
Type
Description
Quad-Pumped Signal Groups
Data
Group
DSTBN#/
DSTBP#
DINV#
D[15:0]#
0
0
D[31:16]#
1
1
D[47:32]#
2
2
D[63:48]#
3
3


Similar Part No. - 390

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
390 PRODUCTWELL-390 Datasheet
178Kb / 4P
   SHIELDED SMT POWER INDUCTORS
logo
Oscilent Corporation
390 OSCILENT-390 Datasheet
132Kb / 2P
   PECL Output
logo
Energizer
390 ENERGIZER-390 Datasheet
532Kb / 1P
   Silver Oxide Batteries
logo
3M Electronics
390 3M-390 Datasheet
572Kb / 5P
   3M??Scotch짰 Polyethylene Coated Cloth Tape
logo
AiT Semiconductor Inc.
390 AITSEMI-390 Datasheet
817Kb / 4P
   POWER INDUCTOR
More results

Similar Description - 390

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
410 INTEL-410 Datasheet
1Mb / 71P
   Celeron M Processor on 65 nm Process
X9000 INTEL-X9000 Datasheet
1Mb / 77P
   Core2 Duo Processor and Core2 Extreme Processor on 45-nm Process
AC82GL40-SLB95 INTEL-AC82GL40-SLB95 Datasheet
1Mb / 98P
   Intel짰 Celeron짰 Mobile Processor Dual-Core on 45-nm Process
251748-007 INTEL-251748-007 Datasheet
3Mb / 102P
   Intel Celeron Processor on 0.13 Micron Process in the 478-Pin Package
251308-008 INTEL-251308-008 Datasheet
1Mb / 91P
   Mobile Intel Celeron Processor on .13 Micron Process and in FCPGA Package
T2700 INTEL-T2700 Datasheet
1Mb / 91P
   Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process
logo
BOSER Technology Co., L...
HS-1760 BOSER-HS-1760 Datasheet
97Kb / 1P
   Intel Core 2 Duo/Celeron M processor
logo
Intel Corporation
298596-004 INTEL-298596-004 Datasheet
1Mb / 82P
   Intel Celeron Processor for the PGA370 Socket up to 1.40 GHz on 0.13 Micron Process
3XX INTEL-3XX Datasheet
1Mb / 82P
   Celeron D Processor
300 INTEL-300 Datasheet
2Mb / 95P
   Celeron D Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com