Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA2903F Datasheet(PDF) 10 Page - Rohm

Part # BA2903F
Description  Comparators : Ground Sense
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2903F Datasheet(HTML) 10 Page - Rohm

Back Button BA2903F Datasheet HTML 6Page - Rohm BA2903F Datasheet HTML 7Page - Rohm BA2903F Datasheet HTML 8Page - Rohm BA2903F Datasheet HTML 9Page - Rohm BA2903F Datasheet HTML 10Page - Rohm BA2903F Datasheet HTML 11Page - Rohm BA2903F Datasheet HTML 12Page - Rohm BA2903F Datasheet HTML 13Page - Rohm BA2903F Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Technical Note
BA10393F,BA10339F/FV,BA2903SF/FV/FVM,BA2903F/FV/FVM,
BA2903HFVM-C,BA2901SF/FV/KN,BA2901F/FV/KN
10/19
www.rohm.com
2010.05 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
60
70
80
90
100
110
120
130
140
-50
-25
0
25
50
75
100
125 150
AMBIENT TEMPERATURE [℃]
40
60
80
100
120
140
160
010
20
30
40
SUPPLY VOLTAGE [V]
60
70
80
90
100
110
120
130
140
0
10203040
SUPPLY VOLTAGE [V]
60
80
100
120
140
160
180
200
-50
-25
0
25
50
75
100 125
150
AMBIENT TEMPERATURE [℃]
-50
-40
-30
-20
-10
0
10
20
30
40
50
-50
-25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
0
25
50
75
100
125
150
-50
-25
0
255075
100 125 150
AMBIENT TEMPERATURE [℃]
-6
-4
-2
0
2
4
6
-1
01
23
4
5
INPUT VOLTAGE [V]
0
1
2
3
4
5
-100
-80
-60
-40
-20
0
OVER DRIVE VOLTAGE [V]
0
1
2
3
4
5
-50
-25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
0
1
2
3
4
5
0
2040
6080
100
OVER DRIVE VOLTAGE [V]
0
1
2
3
4
5
-50
-25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
○BA2903S/BA2903 family,BA2903HFVM-C
(*)The data above is ability value of sample, it is not guaranteed.
Power Supply Rejection Ratio
– Ambient Temperature
Response Time (Low to High)
– Ambient Temperature
(VCC=5[V],VRL=5[V],RL=5.1[k
Ω])
Input Offset Voltage – Input Voltage
(VCC=5V)
Response Time (High to Low)– Over Drive Voltage
(VCC=5[V],VRL=5[V],RL=5.1[k
Ω])
Response Time (High to Low)
– Ambient
Temperature (VCC=5[V],VRL=5[V],RL=5.1[kΩ])
Response Time (Low to High)
– Over Drive Voltage
(VCC=5[V],VRL=5[V],RL=5.1[k
Ω])
-40℃
25℃
125℃
2V
5V
36V
2V
5V
36V
25℃
125℃
-40℃
15V
5V
36V
-40℃
25℃
125℃
125℃
25℃
-40℃
125℃
25℃
-40℃
105℃
105℃
105℃
105℃
105℃
BA2903S/BA2903 family,BA2903H
BA2903S/BA2903 family,BA2903H
BA2903S/BA2903 family,BA2903H
BA2903S/BA2903 family,BA2903H
BA2903S/BA2903 family,BA2903H
BA2903S/BA2903 family,BA2903H
BA2903S/BA2903 family,BA2903H
BA2903S/BA2903 family,BA2903H
BA2903S/BA2903 family,BA2903H
BA2903S/BA2903 family,BA2903H
BA2903S/BA2903 family,BA2903H
Common Mode Rejection Ratio
– Supply Voltage
Common Mode Rejection Ratio
– Ambient Temperature
Input Offset Current – Ambient Temperature
Large Signal Voltage Gain
– Supply Voltage
Large Signal Voltage Gain
– Ambient Temperature
5mV overdrive
20mV overdrive
100mV overdrive
5mV overdrive
20mV overdrive
100mV overdrive
OVER DRIVE VOLTAGE [mV]
Fig. 53
Fig. 54
Fig. 55
Fig. 56
Fig. 57
Fig. 58
Fig. 59
Fig. 60
Fig. 61
Fig. 62
Fig. 63


Similar Part No. - BA2903F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA2903F ROHM-BA2903F Datasheet
285Kb / 6P
   GROUND SENSE DUAL VOLTAGE COMPARATORS
BA2903F ROHM-BA2903F Datasheet
574Kb / 20P
   Comparators: Ground Sense
BA2903F ROHM-BA2903F Datasheet
551Kb / 25P
   Ground Sense Comparators
BA2903F ROHM-BA2903F Datasheet
533Kb / 25P
   Ground Sense Comparators
BA2903F ROHM-BA2903F Datasheet
533Kb / 25P
   Ground Sense Comparators
More results

Similar Description - BA2903F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA10393F-E2 ROHM-BA10393F-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_09 Datasheet
574Kb / 20P
   Comparators: Ground Sense
BA10339FV-E2 ROHM-BA10339FV-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
LM393XXX ROHM-LM393XXX Datasheet
4Mb / 40P
   Ground Sense Comparators
15.Jul.2016 Rev.002
BA2903YF-LB ROHM-BA2903YF-LB Datasheet
677Kb / 31P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_11 Datasheet
551Kb / 25P
   Ground Sense Comparators
BA2903YFC ROHM-BA2903YFC Datasheet
825Kb / 32P
   Automotive Ground Sense Comparators
BA2903YFV-C ROHM-BA2903YFV-C Datasheet
1Mb / 33P
   Automotive Ground Sense Comparators
29.Sep.2015 Rev.005
BA2901YF-M ROHM-BA2901YF-M Datasheet
531Kb / 27P
   Automotive Ground Sense Comparators
BA2903YF-CE2 ROHM-BA2903YF-CE2 Datasheet
1Mb / 34P
   Automotive Ground Sense Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com