Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSD853F3VA-70JIT Datasheet(PDF) 5 Page - STMicroelectronics

Part # PSD853F3VA-70JIT
Description  Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD853F3VA-70JIT Datasheet(HTML) 5 Page - STMicroelectronics

  PSD853F3VA-70JIT Datasheet HTML 1Page - STMicroelectronics PSD853F3VA-70JIT Datasheet HTML 2Page - STMicroelectronics PSD853F3VA-70JIT Datasheet HTML 3Page - STMicroelectronics PSD853F3VA-70JIT Datasheet HTML 4Page - STMicroelectronics PSD853F3VA-70JIT Datasheet HTML 5Page - STMicroelectronics PSD853F3VA-70JIT Datasheet HTML 6Page - STMicroelectronics PSD853F3VA-70JIT Datasheet HTML 7Page - STMicroelectronics PSD853F3VA-70JIT Datasheet HTML 8Page - STMicroelectronics PSD853F3VA-70JIT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 128 page
background image
PSD8XXFX
Contents
Doc ID 7833 Rev 7
5/128
16.17 OMC Mask register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 74
16.18 Input macro (IMC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 74
16.19 Enable Out . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 75
16.20 Ports A and B – functionality and structure . . . . . . . . . . . . . . . . . . . . . . . 75
16.21 Port C – functionality and structure . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 76
16.22 Port D – functionality and structure . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 76
16.23 External Chip Select . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 77
17
Power management . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 79
17.1
Automatic Power-down (APD) Unit and Power-down mode . . . . . . . . . . . 80
17.2
For users of the HC11 (or compatible) . . . . . . . . . . . . . . . . . . . . . . . . . . . 81
17.3
Other power saving options . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 81
17.4
PLD power management . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 82
17.5
PSD Chip Select input (CSI, PD2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 84
17.6
Input clock . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 84
17.7
Input control signals . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 84
18
Reset timing and device status at reset . . . . . . . . . . . . . . . . . . . . . . . . 85
18.1
Power-up reset . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 85
18.2
Warm reset . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 85
18.3
I/O pin, register and PLD status at Reset . . . . . . . . . . . . . . . . . . . . . . . . . 85
18.4
Reset of Flash memory erase and program cycles (on the PSD834Fx) . 85
19
Programming in-circuit using the JTAG serial interface . . . . . . . . . . . 87
19.1
Standard JTAG signals . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 87
19.2
JTAG extensions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 88
19.3
Security and Flash memory protection . . . . . . . . . . . . . . . . . . . . . . . . . . . 88
20
Initial delivery state . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 90
21
Maximum rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 91
22
AC/DC parameters . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 92
23
Package mechanical . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 116


Similar Part No. - PSD853F3VA-70JIT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD853F3V-12 STMICROELECTRONICS-PSD853F3V-12 Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
June 2004
PSD853F3V-12J STMICROELECTRONICS-PSD853F3V-12J Datasheet
1Mb / 103P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD853F3V-12JI STMICROELECTRONICS-PSD853F3V-12JI Datasheet
1Mb / 103P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD853F3V-12JIT STMICROELECTRONICS-PSD853F3V-12JIT Datasheet
1Mb / 103P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD853F3V-12JT STMICROELECTRONICS-PSD853F3V-12JT Datasheet
1Mb / 103P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
More results

Similar Description - PSD853F3VA-70JIT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD813F1A STMICROELECTRONICS-PSD813F1A Datasheet
1Mb / 111P
   Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
PSD813F2 STMICROELECTRONICS-PSD813F2 Datasheet
1Mb / 103P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD813F1-A STMICROELECTRONICS-PSD813F1-A Datasheet
563Kb / 120P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD913F2 STMICROELECTRONICS-PSD913F2 Datasheet
476Kb / 94P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD813F2V STMICROELECTRONICS-PSD813F2V_09 Datasheet
914Kb / 109P
   Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 3.3 V
PSD813F2 STMICROELECTRONICS-PSD813F2 Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
June 2004
PSD813F1 STMICROELECTRONICS-PSD813F1 Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
PSD813F1V STMICROELECTRONICS-PSD813F1V Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 3.3V
PSD4256G6V STMICROELECTRONICS-PSD4256G6V Datasheet
756Kb / 100P
   Flash In-System Programmable (ISP) Peripherals for 16-bit MCUs
PSD4235G2V STMICROELECTRONICS-PSD4235G2V_09 Datasheet
917Kb / 124P
   Flash in-system programmable (ISP) peripherals for 16-bit MCUs (3.3 V supply)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com