Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3412 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SK3412
Description  DC / DC Converter Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK3412 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SK3412 Datasheet HTML 1Page - Sanyo Semicon Device 2SK3412 Datasheet HTML 2Page - Sanyo Semicon Device 2SK3412 Datasheet HTML 3Page - Sanyo Semicon Device 2SK3412 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SK3412
No.7176-1/4
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN7176
2SK3412
Package Dimensions
unit : mm
2083B
[2SK3412]
41002 TS IM TA-3528
N-Channel Silicon MOSFET
DC / DC Converter Applications
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
1 : Gate
2 : Drain
3 : Source
4 : Drain
SANYO : TP
5.0
6.5
0.85
0.7
0.6
0.5
1.2
2.3
0.5
1
23
4
2.3
2.3
Features
Low ON-resistance.
Ultrahigh-speed switching.
4V drive.
unit : mm
2092B
[2SK3412]
1 : Gate
2 : Drain
3 : Source
4 : Drain
SANYO : TP-FA
6.5
2.3
0.5
5.0
0.85
0.5
1.2
0 to 0.2
2.3
2.3
0.6
12
4
3


Similar Part No. - 2SK3412

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK3412D ISC-2SK3412D Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
2SK3412I ISC-2SK3412I Datasheet
398Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK3412

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FP302 SANYO-FP302 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FP303 SANYO-FP303 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FSS216 SANYO-FSS216 Datasheet
146Kb / 4P
   DC/DC Converter Applications
CPH3206 SANYO-CPH3206 Datasheet
41Kb / 4P
   DC/DC Converter Applications
CPH5501 SANYO-CPH5501 Datasheet
58Kb / 6P
   DC/DC Converter Applications
CPH5704 SANYO-CPH5704 Datasheet
53Kb / 5P
   DC/DC Converter Applications
CPH6501 SANYO-CPH6501 Datasheet
30Kb / 4P
   DC / DC Converter Applications
CPH6801 SANYO-CPH6801 Datasheet
56Kb / 5P
   DC/DC Converter Applications
CPH3109 SANYO-CPH3109 Datasheet
55Kb / 5P
   DC/DC Converter Applications
MCH6103 SANYO-MCH6103 Datasheet
49Kb / 5P
   DC/DC Converter Applications
2SA2044 SANYO-2SA2044 Datasheet
37Kb / 5P
   DC / DC Converter Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com