Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STP4NM60 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP4NM60
Description  N-channel 600 V, 1.3 廓, 3 A TO-220, DPAK, IPAK Zener-protected MDmesh??Power MOSFET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP4NM60 Datasheet(HTML) 3 Page - STMicroelectronics

  STP4NM60_09 Datasheet HTML 1Page - STMicroelectronics STP4NM60_09 Datasheet HTML 2Page - STMicroelectronics STP4NM60_09 Datasheet HTML 3Page - STMicroelectronics STP4NM60_09 Datasheet HTML 4Page - STMicroelectronics STP4NM60_09 Datasheet HTML 5Page - STMicroelectronics STP4NM60_09 Datasheet HTML 6Page - STMicroelectronics STP4NM60_09 Datasheet HTML 7Page - STMicroelectronics STP4NM60_09 Datasheet HTML 8Page - STMicroelectronics STP4NM60_09 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
STD3NM60, STD3NM60-1, STP4NM60
Electrical ratings
Doc ID 8370 Rev 4
3/17
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
STP4NM60
STD3NM60
STD3NM60-1
VDS
Drain-source voltage (VGS= 0)
600
V
VGS
Gate- source Voltage
± 30
V
ID
Drain current (continuous) at TC= 25°C
4
3
A
ID
Drain current (continuous) at TC= 100°C
2.52
1.9
A
IDM
(1)
1.
Pulse width limited by safe operating area
Drain current (pulsed)
16
12
A
PTOT
Total dissipation at TC= 25°C
69
42
W
Derating factor
0.55
0.33
W/°C
dv/dt (2)
2.
ISD ≤3 A, di/dt ≤400 µA, VDD ≤V(BR)DSS, Tj ≤TJMAX.
Peak diode recovery voltage slope
15
V/ns
Tj
Operating junction temperature
-65 to 150
°C
Tstg
Storage temperature
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
To-220
DPAK / IPAK
Rthj-case
Thermal resistance junction-case max
1.82
3
°C/W
Rthj-amb
Thermal resistance junction-ambient max
62.5
°C/W
Tl
Maximum lead temperature for soldering
purpose
300
°C
Table 4.
Avalanche characteristics
Symbol
Parameter
Value
Unit
IAR
Avalanche current, repetitive or not-repetitive (pulse
width limited by Tjmax)
1.5
A
EAS
Single pulse avalanche energy
(starting Tj= 25 °C, ID= IAR, VDD= 50 V)
200
mJ


Similar Part No. - STP4NM60_09

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP4NM60 STMICROELECTRONICS-STP4NM60 Datasheet
548Kb / 12P
   N-CHANNEL 600V - 1.3ohm - 3A TO-220/DPAK/IPAK Zener-Protected MDmesh?줡ower MOSFET
STP4NM60 STMICROELECTRONICS-STP4NM60 Datasheet
723Kb / 17P
   N-channel 600 V, 1.3 ?? 3 A TO-220, DPAK, IPAK Zener-protected MDmesh??Power MOSFET
September 2009 Rev 4
More results

Similar Description - STP4NM60_09

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD3NM60T4 STMICROELECTRONICS-STD3NM60T4 Datasheet
723Kb / 17P
   N-channel 600 V, 1.3 ?? 3 A TO-220, DPAK, IPAK Zener-protected MDmesh??Power MOSFET
September 2009 Rev 4
STD2NK100Z STMICROELECTRONICS-STD2NK100Z Datasheet
459Kb / 16P
   N-channel 1000 V, 6.25 廓, 1.85 A, TO-220, DPAK, IPAK Zener-protected SuperMESH??Power MOSFET
STX8NM60N STMICROELECTRONICS-STX8NM60N Datasheet
706Kb / 19P
   N-channel 600 V, 0.56 廓,7 A MDmesh??II Power MOSFET TO-220, TO-220FP, IPAK, DPAK, D2PAK
STD8NM60N STMICROELECTRONICS-STD8NM60N Datasheet
492Kb / 17P
   N-channel 600 V - 0.56 廓 - 7 A - TO-220 - TO-220FP - IPAK - DPAK second generation MDmesh??Power MOSFET
STP4NM60 STMICROELECTRONICS-STP4NM60 Datasheet
548Kb / 12P
   N-CHANNEL 600V - 1.3ohm - 3A TO-220/DPAK/IPAK Zener-Protected MDmesh?줡ower MOSFET
STP4NK80Z STMICROELECTRONICS-STP4NK80Z_06 Datasheet
546Kb / 18P
   N-channel 800V - 3廓 - 3A - TO-220/TO-220FP/DPAK/IPAK Zener - Protected SuperMESH??MOSFET
STD7NM80 STMICROELECTRONICS-STD7NM80 Datasheet
977Kb / 17P
   N-channel 800 V, 0.95 廓, 6.5 A TO-220, TO-220FP, IPAK, DPAK MDmesh??Power MOSFET
STD3NK80Z STMICROELECTRONICS-STD3NK80Z_09 Datasheet
888Kb / 18P
   N-channel 800 V, 3.8 廓, 2.5 A, TO-220, TO-220FP, DPAK, IPAK Zener-protected SuperMESH??Power MOSFET
STX11NM60N STMICROELECTRONICS-STX11NM60N Datasheet
641Kb / 20P
   N-channel 600 V, 0.37 廓, 10 A MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, IPAK, DPAK, D2PAK
STD2NK90Z STMICROELECTRONICS-STD2NK90Z_06 Datasheet
604Kb / 18P
   N-channel 900V - 5廓 - 2.1A - TO-220 /DPAK/IPAK Zener-Protected SuperMESH??MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com