Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGF1G Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # RGF1G
Description  SURFACE MOUNT FAST RECOVERY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

RGF1G Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  RGF1G Datasheet HTML 1Page - EIC discrete Semiconductors RGF1G Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( RGF1A - RGF1M )
FIG.1 - FORWARD CURRENT
FIG.2 - MAXIMUM NON-REPETITIVE
DERATING CURRENT
PEAK FORWARD SURGE CURRENT PER LEG
0
25
50
75
100
125
150
175
1
10
100
CASE TEMPERATURE, (
°C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL INSTANTANEOUS
FIG. 4 - TYPICAL REVERSE
FORWARD CHARACTERISTICS PER LEG
CHARACTERISTICS PER LEG
FIG. 5 – TYPICAL JUNCTION CAPACITANCE PER LEG
Page 2 of 2
Rev. 02 : March 25, 2005
1
25
0
30
0
20
15
10
10
60
0.1
100
20
40
80
PERCENT OF RATED PEAK REVERSE
VOLTAGE, (%)
0.1
0.4
0.6
INSTANTANEOUS FORWARD
VOLTAGE, VOLTS
0.01
0.2
5
0
REVERSE VOLTAGE, VOLTS
110
100
100
Pulse Width = 300
μs
2% Duty Cycle
1
TA = 150 °C
TA = 25 °C
0.01
10
1.0
0.8
0.6
0.4
P.C.B. Mounted on
0.2 × 0.2 " (0.5 × 0.5
mm)
CP d A
Resistance or Inductive Load
1.2
0.8
1.0
1.2
1.6
1.4
TA = 100 °C
10
1
20
TA = 125 °C
TA = 25 °C
120
140


Similar Part No. - RGF1G

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RGF1G FAIRCHILD-RGF1G Datasheet
99Kb / 4P
   1.0 Ampere Fast Recovery Rectifiers
logo
Vishay Siliconix
RGF1G VISHAY-RGF1G Datasheet
89Kb / 4P
   Surface-Mount Glass Passivated Junction Fast Switching Rectifier
01-Jan-2022
logo
General Semiconductor
RGF1G GE-RGF1G Datasheet
89Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
Vishay Siliconix
RGF1G VISHAY-RGF1G Datasheet
35Kb / 2P
   Surface Mount Glass Passivated Junction Fast Switching Rectifier
08-Feb-02
logo
Fairchild Semiconductor
RGF1G FAIRCHILD-RGF1G Datasheet
49Kb / 3P
   Fast Rectifiers
More results

Similar Description - RGF1G

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SR3A EIC-SR3A Datasheet
47Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
SRR0 EIC-SRR0 Datasheet
48Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Silicon Standard Corp.
GR3K SSC-GR3K Datasheet
271Kb / 3P
   FAST RECOVERY SURFACE MOUNT RECTIFIERS
logo
Compact Technology Corp...
FS1A CTC-FS1A Datasheet
173Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
SR3A EIC-SR3A_05 Datasheet
55Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
RS1A SEMTECH_ELEC-RS1A Datasheet
168Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Weitron Technology
RS3A WEITRON-RS3A Datasheet
84Kb / 3P
   Surface Mount Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
RS1AL TSC-RS1AL_14 Datasheet
378Kb / 4P
   Surface Mount Fast Recovery Rectifiers
logo
Shenzhen Taychipst Elec...
FR3A TAYCHIPST-FR3A Datasheet
1Mb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Shenzhen Luguang Electr...
DFR05A LUGUANG-DFR05A Datasheet
175Kb / 2P
   Surface Mount Fast Recovery Rectifiers
logo
SHENZHEN YONGERJIA INDU...
FR101W WINNERJOIN-FR101W Datasheet
289Kb / 3P
   Surface Mount Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com