Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1AGX35EF484I6N Datasheet(PDF) 75 Page - Altera Corporation

Part # EP1AGX35EF484I6N
Description  The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers
Download  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1AGX35EF484I6N Datasheet(HTML) 75 Page - Altera Corporation

Back Button EP1AGX35EF484I6N Datasheet HTML 71Page - Altera Corporation EP1AGX35EF484I6N Datasheet HTML 72Page - Altera Corporation EP1AGX35EF484I6N Datasheet HTML 73Page - Altera Corporation EP1AGX35EF484I6N Datasheet HTML 74Page - Altera Corporation EP1AGX35EF484I6N Datasheet HTML 75Page - Altera Corporation EP1AGX35EF484I6N Datasheet HTML 76Page - Altera Corporation EP1AGX35EF484I6N Datasheet HTML 77Page - Altera Corporation EP1AGX35EF484I6N Datasheet HTML 78Page - Altera Corporation EP1AGX35EF484I6N Datasheet HTML 79Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 234 page
background image
Chapter 2: Arria GX Architecture
2–69
PLLs and Clock Networks
© December 2009
Altera Corporation
Arria GX Device Handbook, Volume 1
Combined Resources
Within each quadrant, there are 24 distinct dedicated clocking resources consisting of
16 global clock lines and eight regional clock lines. Multiplexers are used with these
clocks to form buses to drive LAB row clocks, column IOE clocks, or row IOE clocks.
Another multiplexer is used at the LAB level to select three of the six row clocks to
feed the ALM registers in the LAB (refer to Figure 2–57).
You can use the Quartus II software to control whether a clock input pin drives either
a GCLK, RCLK, or dual-RCLK network. The Quartus II software automatically selects
the clocking resources if not specified.
Figure 2–56. Dual-Regional Clocks
Clock Pins or PLL Clock Outputs
Can Drive Dual-Regional Network
CLK[15..12]
CLK[7..4]
CLK[3..0]
PLLs
PLLs
Clock Pins or PLL Clock
Outputs Can Drive
Dual-Regional Network
CLK[15..12]
CLK[7..4]
CLK[3..0]
Figure 2–57. Hierarchical Clock Networks Per Quadrant
Clock [23..0]
Column I/O Cell
IO_CLK[7..0]
Lab Row Clock [5..0]
Row I/O Cell
IO_CLK[7..0]
Global Clock Network [15..0]
Regional Clock Network [7..0]
Clocks Available
to a Quadrant
or Half-Quadrant


Similar Part No. - EP1AGX35EF484I6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1AGX35EF484I6N ALTERA-EP1AGX35EF484I6N Datasheet
3Mb / 296P
   The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers with reliable packaging technology
EP1AGX35EF484I6N ALTERA-EP1AGX35EF484I6N Datasheet
3Mb / 234P
   Section I. Arria GX Device Data Sheet
More results

Similar Description - EP1AGX35EF484I6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
ARRIAGX ALTERA-ARRIAGX Datasheet
3Mb / 296P
   The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers with reliable packaging technology
logo
Texas Instruments
TLK3104SA TI-TLK3104SA Datasheet
549Kb / 40P
[Old version datasheet]   QUAD 3.125 Gbps SERIAL TRANSCEIVER
TLK3104SC TI1-TLK3104SC Datasheet
496Kb / 39P
[Old version datasheet]   3.125-Gbps QUAD SERIAL BACKPLANE TRANSCEIVER
logo
Microsemi Corporation
LX3302 MICROSEMI-LX3302 Datasheet
379Kb / 2P
   The LX3302 is the second member of Microsemi’s new family of smart sensor interface products
Rev. 1.0
logo
STMicroelectronics
AN4207 STMICROELECTRONICS-AN4207 Datasheet
310Kb / 28P
   The STM32F37x series of microcontrollers combines
logo
Texas Instruments
TLK3101 TI1-TLK3101_16 Datasheet
612Kb / 28P
[Old version datasheet]   2.5 Gbps to 3.125 Gbps TRANSCEIVER
DS30BA101 TI1-DS30BA101 Datasheet
691Kb / 9P
[Old version datasheet]   3.125 Gbps Differential Buffer
TLK3101 TI-TLK3101 Datasheet
322Kb / 24P
[Old version datasheet]   2.5 Gbps to 3.125 Gbps TRANSCEIVER
logo
National Semiconductor ...
DS25BR150_0711 NSC-DS25BR150_0711 Datasheet
397Kb / 12P
   3.125 Gbps LVDS Buffer
logo
Texas Instruments
DS25BR150 TI1-DS25BR150_14 Datasheet
791Kb / 15P
[Old version datasheet]   3.125 Gbps LVDS Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com